Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R3112D461C Datasheet(PDF) 9 Page - RICOH electronics devices division

Part # R3112D461C
Description  LOW VOLTAGE DETECTOR WITH OUTPUT DELAY
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R3112D461C Datasheet(HTML) 9 Page - RICOH electronics devices division

Back Button R3112D461C Datasheet HTML 5Page - RICOH electronics devices division R3112D461C Datasheet HTML 6Page - RICOH electronics devices division R3112D461C Datasheet HTML 7Page - RICOH electronics devices division R3112D461C Datasheet HTML 8Page - RICOH electronics devices division R3112D461C Datasheet HTML 9Page - RICOH electronics devices division R3112D461C Datasheet HTML 10Page - RICOH electronics devices division R3112D461C Datasheet HTML 11Page - RICOH electronics devices division R3112D461C Datasheet HTML 12Page - RICOH electronics devices division R3112D461C Datasheet HTML 13Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
R3112x
9
Output Current 3
Minimum Operating
Voltage
CD pin Threshold
Voltage
CD pin Output
Current 1
CD pin Output
Current 2
Resistance for
Output Delay
Detector
Threshold
Temperature
IOUT3[mA]
VDDL[V]
VTCD[V]
ICD1[
µA]
ICD2[
µA]
RD[M
Ω]
∆−VDET/
∆Topt
[ppm/
°C]
Condition Min. Typ.
Condi-
tion Max.
Condi-
tion Max.
Condi-
tion
Min. Typ. Max.
Condi-
tion Min. Typ.
Condi-
tion Min. Typ. Min. Typ. Max.
Condi-
tion Typ.
0.297 0.495 0.693
0.330 0.550 0.770
VDS
=
0.5V
VDD
=
0.85V
10
400
0.363 0.605 0.847
0.396 0.660 0.924
0.429 0.715 1.001
0.462 0.770 1.078
0.495 0.825 1.155
VDS
=
0.5V
VDD
=
0.85V
50
450
0.528 0.880 1.232
0.561 0.935 1.309
0.594 0.990 1.386
0.627 1.045 1.463
0.660 1.100 1.540
0.693 1.155 1.617
0.726 1.210 1.694
0.759 1.265 1.771
0.792 1.320 1.848
0.825 1.375 1.925
0.858 1.430 2.002
0.891 1.485 2.079
0.924 1.540 2.156
0.957 1.595 2.233
0.990 1.650 2.310
1.023 1.705 2.387
1.056 1.760 2.464
1.089 1.815 2.541
1.122 1.870 2.618
1.155 1.925 2.695
1.188 1.980 2.772
1.221 2.035 2.849
1.254 2.090 2.926
VDS
=
−21V
VDD
=
4.5V
1.5
3.5
1.287 2.145 3.003
1.320 2.200 3.080
1.353 2.255 3.157
1.386 2.310 3.234
1.419 2.365 3.311
1.452 2.420 3.388
1.485 2.475 3.465
1.518 2.530 3.542
1.551 2.585 3.619
1.584 2.640 3.696
1.617 2.695 3.773
Pch
VDS
=
−2.1V
VDD
=
6.0V
2.0
4.5
Topt
=
25
°C
0.7
−40°C
<
=
Topt
<
=
85
°C
0.8
VDD
=
(VDET)
×1.1V
1.650 2.750 3.850
VDS
=
0.1V
VDD
=
0.7V
20
70
VDS
=
0.5V
VDD
=
1.5V
200 500
3.25 6.5 13.0
−40°C
<
=
Topt
<
=
85
°C
±100


Similar Part No. - R3112D461C

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R3112D461C RICOH-R3112D461C Datasheet
83Kb / 1P
   R3112D SERIES MARK SPECIFICATION
More results

Similar Description - R3112D461C

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R3112X091A RICOH-R3112X091A Datasheet
267Kb / 16P
   LOW VOLTAGE DETECTOR WITH OUTPUT DELAY
R3115Z RICOH-R3115Z Datasheet
884Kb / 28P
   LOW VOLTAGE DETECTOR WITH OUTPUT DELAY
RN5VD RICOH-RN5VD Datasheet
198Kb / 28P
   VOLTAGE DETECTOR WITH OUTPUT DELAY
logo
Rohm
BU42XXG ROHM-BU42XXG Datasheet
341Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
BU42XXFVE ROHM-BU42XXFVE Datasheet
349Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
BU43XXG ROHM-BU43XXG Datasheet
326Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
BU42XXF ROHM-BU42XXF Datasheet
341Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
BU43XXF ROHM-BU43XXF Datasheet
326Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
BU43XXFVE ROHM-BU43XXFVE Datasheet
329Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
logo
Microchip Technology
TC51N5002ECBTR MICROCHIP-TC51N5002ECBTR Datasheet
449Kb / 14P
   1A Voltage Detector with Output Delay
05/01/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com