Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5326Z005B Datasheet(PDF) 7 Page - RICOH electronics devices division

Part # R5326Z005B
Description  Automatic Mode Shift 2ch 150mA LDO
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R5326Z005B Datasheet(HTML) 7 Page - RICOH electronics devices division

Back Button R5326Z005B Datasheet HTML 3Page - RICOH electronics devices division R5326Z005B Datasheet HTML 4Page - RICOH electronics devices division R5326Z005B Datasheet HTML 5Page - RICOH electronics devices division R5326Z005B Datasheet HTML 6Page - RICOH electronics devices division R5326Z005B Datasheet HTML 7Page - RICOH electronics devices division R5326Z005B Datasheet HTML 8Page - RICOH electronics devices division R5326Z005B Datasheet HTML 9Page - RICOH electronics devices division R5326Z005B Datasheet HTML 10Page - RICOH electronics devices division R5326Z005B Datasheet HTML 11Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
R5326x
7
TEST CIRCUITS
R5326x
Series
CE2
VOUT2
CE1
VOUT1
VDD
GND
C1
V
V
VOUT2
IOUT2
VOUT1
IOUT1
C2
C3
C1
=Ceramic 1.0µF
C2,C3
=refer to the term of the external capacitors
R5326x
Series
CE2
VOUT2
CE1
VOUT1
VDD
GND
C1
C2
C3
A
ISS
C1
=Ceramic 1.0µF
C2,C3
=refer to the term of the external capacitors
Fig.1 Standard test Circuit
Fig.2 Supply Current Test Circuit
R5326x
Series
CE2
VOUT2
CE1
VOUT1
VDD
GND
IOUT2
IOUT1
C2
C3
PG
Pulse
Generator
C2,C3
= refer to the term of the external capacitors
R5326x
Series
CE2
VOUT2
CE1
VOUT1
VDD
GND
C1
IOUT1b
C2
C3
IOUT1a
IOUT2a
IOUT2b
C1
=Ceramic 1.0µF
C2,C3
= refer to the term of the external capacitors
Fig.3 Ripple Rejection, Line Transient Response
Fig.4 Load Transient Response Test Circuit
Test Circuit


Similar Part No. - R5326Z005B

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R5326Z008-E2-F RICOH-R5326Z008-E2-F Datasheet
988Kb / 27P
   Supply Current (Low Power Mode) Typ. 5.5關A횞2 (VR1&VR2) (IOUT=0mA)
More results

Similar Description - R5326Z005B

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R5326X RICOH-R5326X Datasheet
703Kb / 25P
   Automatic Mode Shift Dual 150mA LDO
logo
E-Tech Electronics LTD
LR3XXYYB ETL-LR3XXYYB Datasheet
307Kb / 8P
   150mA 2CH LDO REGULATOR
logo
Unisonic Technologies
LR3XXYYB UTC-LR3XXYYB_15 Datasheet
307Kb / 8P
   150mA 2CH LDO REGULATOR
logo
RICOH electronics devic...
R5323X RICOH-R5323X Datasheet
603Kb / 31P
   150mA 2ch LDO REGULATOR
R5325X RICOH-R5325X Datasheet
632Kb / 25P
   150mA 2ch LDO REGULATOR
logo
Unisonic Technologies
LR3XXYYB UTC-LR3XXYYB Datasheet
212Kb / 7P
   150mA 2CH LDO REGULATOR
logo
RICOH electronics devic...
R5328K RICOH-R5328K Datasheet
1Mb / 37P
   Low Voltage 3-Mode 2ch 150mA LDO
R5323N RICOH-R5323N Datasheet
568Kb / 19P
   SOT23-6 150mA 2ch LDO REGULATORS?
logo
Nisshinbo Micro Devices...
R1510S NISSHINBO-R1510S Datasheet
775Kb / 41P
   Automatic Mode Shift 36 V 300 mA LDO
logo
RICOH electronics devic...
R1162N151B RICOH-R1162N151B Datasheet
843Kb / 31P
   3-MODE 150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com