Electronic Components Datasheet Search |
|
R5323Z019A Datasheet(PDF) 4 Page - RICOH electronics devices division |
|
R5323Z019A Datasheet(HTML) 4 Page - RICOH electronics devices division |
4 / 31 page R5323x 4 PIN DESCRIPTIONS • SOT-23-6 PLP1820-6 Pin No. Symbol Description Pin No. Symbol Description 1 VOUT1 Output Pin 1 1 VOUT2 Output Pin 2 2 VDD Input Pin 2 VDD Input Pin 3 VOUT2 Output Pin 2 3 VOUT1 Output Pin 1 4 CE2 Chip Enable Pin 2 4 GND Ground Pin 5 GND Ground Pin 5 CE1 Chip Enable Pin 1 6 CE1 Chip Enable Pin 1 6 CE2 Chip Enable Pin 2 * Tab in the parts have GND level. (They are connected to the reverse side of this IC.) Do not connect to other wires or land patterns. • WLCSP-6 Pin No. Symbol Description 1 VOUT1 Output Pin 1 2 VDD Input Pin 3 VOUT2 Output Pin 2 4 CE2 Chip Enable Pin 2 5 GND Ground Pin 6 CE1 Chip Enable Pin 1 ABSOLUTE MAXIMUM RATINGS Symbol Item Rating Unit VIN Input Voltage 6.5 V VCE Input Voltage (CE Pin) 6.5 V VOUT Output Voltage −0.3 to VIN + 0.3 V IOUT1 Output Current 1 200 mA IOUT2 Output Current 2 200 mA Power Dissipation (SOT-23-6)*1 420 Power Dissipation (PLP1820-6) *1 880 PD Power Dissipation (WL-CSP-6) 633 mW Topt Operating Temperature Range −40 to 85 °C Tstg Storage Temperature Range −55 to 125 °C ∗1 For Power Dissipation, please refer to PACKAGE INFORMATION to be described. |
Similar Part No. - R5323Z019A |
|
Similar Description - R5323Z019A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |