Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TISP3150F3 Datasheet(PDF) 3 Page - Power Innovations Ltd

Part # TISP3150F3
Description  DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POINN [Power Innovations Ltd]
Direct Link  http://www.bourns.com
Logo POINN - Power Innovations Ltd

TISP3150F3 Datasheet(HTML) 3 Page - Power Innovations Ltd

  TISP3150F3 Datasheet HTML 1Page - Power Innovations Ltd TISP3150F3 Datasheet HTML 2Page - Power Innovations Ltd TISP3150F3 Datasheet HTML 3Page - Power Innovations Ltd TISP3150F3 Datasheet HTML 4Page - Power Innovations Ltd TISP3150F3 Datasheet HTML 5Page - Power Innovations Ltd TISP3150F3 Datasheet HTML 6Page - Power Innovations Ltd TISP3150F3 Datasheet HTML 7Page - Power Innovations Ltd TISP3150F3 Datasheet HTML 8Page - Power Innovations Ltd TISP3150F3 Datasheet HTML 9Page - Power Innovations Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3
MARCH 1994 - REVISED SEPTEMBER 1997
TISP3125F3, TISP3150F3, TISP3180F3
DUAL SYMMETRICAL TRANSIENT
VOLTAGE SUPPRESSORS
PRODUCT
INFORMATION
NOTES: 6
These capacitance measurements employ a three terminal capacitance bridge incorporating a guard circuit. The third terminal is
connected to the guard terminal of the bridge.
7. Further details on capacitance are given in the Applications Information section.
† Typical value of the parameter, not a limit value.
electrical characteristics for the T and G or the R and G terminals, TJ = 25°C
PARAMETER
TEST CONDITIONS
TISP3125F3
TISP3150F3
TISP3180F3
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
IDRM
Repetitive peak off-
state current
VD = ±VDRM, 0°C < TJ < 70°C
±10
±10
±10
µA
V(BO)
Breakover voltage
dv/dt = ±250 V/ms,
Source Resistance = 300
±125
±150
±180
V
V(BO)
Impulse breakover volt-
age
dv/dt = ±1000 V/µs,
di/dt < 20 A/µs
Source Resistance = 50
±139†
±164†
±194†
V
I(BO)
Breakover current
dv/dt = ±250 V/ms,
Source Resistance = 300
±0.15
±0.6
±0.15
±0.6
±0.15
±0.6
A
VT
On-state voltage
IT = ±5 A, tW = 100 µs
±3
±3
±3
V
IH
Holding current
di/dt = -/+30 mA/ms
±0.15
±0.15
±0.15
A
dv/dt
Critical rate of rise of
off-state voltage
Linear voltage ramp,
Maximum ramp value < 0.85V(BR)MIN
±5
±5
±5
kV/µs
ID
Off-state current
VD = ±50 V
±10
±10
±10
µA
Coff
Off-state capacitance
f = 100 kHz,
Vd = 100 mV
VD = 0,
55†
95
55†
95
55†
95
pF
Third terminal = -50 to +50 V VD = -5 V
31†
50
31†
50
31†
50
pF
(see Notes 6 and 7)
VD = -50 V
15†
25
15†
25
15†
25
pF
thermal characteristics
PARAMETER
MIN
TYP
MAX
UNIT
RθJA
Junction to free air thermal resistance
D Package
160
°C/W
P Package
100
SL Package
105


Similar Part No. - TISP3150F3

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP3150F3 BOURNS-TISP3150F3 Datasheet
699Kb / 12P
   MEDIUM-VOLTAGE DUAL BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results

Similar Description - TISP3150F3

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISP2290 POINN-TISP2290 Datasheet
211Kb / 11P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP3180 POINN-TISP3180 Datasheet
195Kb / 11P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP2240F3 POINN-TISP2240F3 Datasheet
609Kb / 18P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP2290L POINN-TISP2290L Datasheet
125Kb / 6P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP3290 POINN-TISP3290 Datasheet
110Kb / 5P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP2082L POINN-TISP2082L Datasheet
112Kb / 5P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP3082 POINN-TISP3082 Datasheet
123Kb / 6P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP3240F3 POINN-TISP3240F3 Datasheet
457Kb / 17P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP2180 POINN-TISP2180 Datasheet
210Kb / 11P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP2310L POINN-TISP2310L Datasheet
113Kb / 5P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com