Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1161D321D Datasheet(PDF) 8 Page - RICOH electronics devices division

Part # R1161D321D
Description  3-MODE 300mA LDO REGULATOR
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1161D321D Datasheet(HTML) 8 Page - RICOH electronics devices division

Back Button R1161D321D Datasheet HTML 4Page - RICOH electronics devices division R1161D321D Datasheet HTML 5Page - RICOH electronics devices division R1161D321D Datasheet HTML 6Page - RICOH electronics devices division R1161D321D Datasheet HTML 7Page - RICOH electronics devices division R1161D321D Datasheet HTML 8Page - RICOH electronics devices division R1161D321D Datasheet HTML 9Page - RICOH electronics devices division R1161D321D Datasheet HTML 10Page - RICOH electronics devices division R1161D321D Datasheet HTML 11Page - RICOH electronics devices division R1161D321D Datasheet HTML 12Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
R1161x
8
C1
VDD
OUT
CE
GND
R1161xxxxx
SERIES
ECO
C2
A
VIN
Fig.3 Supply Current vs. Input Voltage Test Circuit
C1
IOUT
VDD
OUT
CE
GND
R1161xxxxx
SERIES
ECO
V
VOUT
C2
Fig.4 Output Voltage vs. Temperature Test Circuit
C1
VDD
OUT
CE
GND
R1161xxxxx
SERIES
ECO
A
C2
A
Fig.5 Supply Current vs. Temperature Test Circuit
C1
IOUT
VDD
OUT
CE
GND
R1161xxxxx
SERIES
ECO
V
VOUT
C2
V
VDIF
Fig. 6 Dropout Voltage vs. Output Current/ Set Output Voltage Test Circuit


Similar Part No. - R1161D321D

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1161D301A-TR-FE RICOH-R1161D301A-TR-FE Datasheet
721Kb / 37P
   3-MODE 300mA LDO REGULATOR
R1161D301B-TR-FE RICOH-R1161D301B-TR-FE Datasheet
721Kb / 37P
   3-MODE 300mA LDO REGULATOR
R1161D301D-TR-FE RICOH-R1161D301D-TR-FE Datasheet
721Kb / 37P
   3-MODE 300mA LDO REGULATOR
R1161D302A-TR-FE RICOH-R1161D302A-TR-FE Datasheet
721Kb / 37P
   3-MODE 300mA LDO REGULATOR
R1161D302B-TR-FE RICOH-R1161D302B-TR-FE Datasheet
721Kb / 37P
   3-MODE 300mA LDO REGULATOR
More results

Similar Description - R1161D321D

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1161 RICOH-R1161 Datasheet
721Kb / 37P
   3-MODE 300mA LDO REGULATOR
logo
Nisshinbo Micro Devices...
R1161X NISSHINBO-R1161X Datasheet
555Kb / 37P
   3-MODE 300mA LDO REGULATOR
R1130X NISSHINBO-R1130X Datasheet
1Mb / 22P
   300mA LDO REGULATOR
logo
RICOH electronics devic...
R1130 RICOH-R1130 Datasheet
1Mb / 22P
   300mA LDO REGULATOR
logo
Unisonic Technologies
LR9282 UTC-LR9282 Datasheet
175Kb / 4P
   300mA LDO REGULATOR
logo
Richtek Technology Corp...
RT9055 RICHTEK-RT9055 Datasheet
208Kb / 9P
   300mA Dual LDO Regulator
logo
Catalyst Semiconductor
CAT6218 CATALYST-CAT6218_08 Datasheet
274Kb / 10P
   300mA CMOS LDO Regulator
CAT6218 CATALYST-CAT6218 Datasheet
267Kb / 10P
   300mA CMOS LDO Regulator
logo
List of Unclassifed Man...
FS8853 ETC-FS8853 Datasheet
652Kb / 13P
   300mA LDO Linear Regulator
logo
RICOH electronics devic...
R1162N151B RICOH-R1162N151B Datasheet
843Kb / 31P
   3-MODE 150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com