Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R3111N432A Datasheet(PDF) 3 Page - RICOH electronics devices division

Part # R3111N432A
Description  LOW VOLTAGE DETECTOR
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R3111N432A Datasheet(HTML) 3 Page - RICOH electronics devices division

  R3111N432A Datasheet HTML 1Page - RICOH electronics devices division R3111N432A Datasheet HTML 2Page - RICOH electronics devices division R3111N432A Datasheet HTML 3Page - RICOH electronics devices division R3111N432A Datasheet HTML 4Page - RICOH electronics devices division R3111N432A Datasheet HTML 5Page - RICOH electronics devices division R3111N432A Datasheet HTML 6Page - RICOH electronics devices division R3111N432A Datasheet HTML 7Page - RICOH electronics devices division R3111N432A Datasheet HTML 8Page - RICOH electronics devices division R3111N432A Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
R3111x
3
SELECTION GUIDE
The package type, the detector threshold, the output type and the taping type for the ICs can be selected at
the users’ request. The selection can be made with designating the part number as shown below;
R3111xxxxx-xx-x ← Part Number
↑ ↑ ↑ ↑ ↑ ↑
a b c d
e
f
Code
Contents
a
Designation of Package Type;
D: SON1612-6
E: TO-92
H: SOT-89
N: SOT-23-5, SOT-23-3
Q: SC-82AB
b
Setting Detector Threshold (
−VDET);
Stepwise setting with a step of 0.1V in the range of 0.9V to 6.0V is possible.
c
Designation of Package Type
1: except SOT-23-3
2: SOT-23-3
d
Designation of Output Type;
A: Nch Open Drain (Output “L” at VDD
=−VDET)
B: Nch Open Drain (Output “H” at VDD
=−VDET)
C: CMOS (Output “L” at VDD
=−VDET)
e
Designation of Packing or Taping Type ;
Ex.TO-92: TZ, SOT-89: T1, SOT-23-3, SOT-23-5, SC-82AB, SON1612-6: TR
prescribed as standard directions.
(Refer to Taping Specifications.) Antistatic bag for TO-92: C
f
Designation of Composition of pin plating
-F: Lead free plating (TO-92, SOT-89, SOT-23-3, SOT-23-5, SC-82AB, SON1612-6)


Similar Part No. - R3111N432A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R3111N431A RICOH-R3111N431A Datasheet
205Kb / 20P
   LOW VOLTAGE DETECTOR
R3111N431C RICOH-R3111N431C Datasheet
205Kb / 20P
   LOW VOLTAGE DETECTOR
More results

Similar Description - R3111N432A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RN5VS RICOH-RN5VS Datasheet
202Kb / 30P
   LOW VOLTAGE DETECTOR
R3111XXX1A RICOH-R3111XXX1A Datasheet
205Kb / 20P
   LOW VOLTAGE DETECTOR
R3111X091A RICOH-R3111X091A Datasheet
205Kb / 20P
   LOW VOLTAGE DETECTOR
R3113D RICOH-R3113D Datasheet
314Kb / 18P
   LOW VOLTAGE DETECTOR
R5VT09A RICOH-R5VT09A Datasheet
324Kb / 31P
   LOW VOLTAGE DETECTOR?
RX5VT RICOH-RX5VT Datasheet
324Kb / 31P
   LOW VOLTAGE DETECTOR
logo
Pericom Semiconductor C...
PT7M6418 PERICOM-PT7M6418 Datasheet
393Kb / 12P
   Low Power Voltage Detector
logo
Shenzhen Huazhimei Semi...
HM70XX HMSEMI-HM70XX Datasheet
1Mb / 11P
   Low Power Voltage Detector
HM61XX HMSEMI-HM61XX Datasheet
1Mb / 12P
   Low Power Voltage Detector
logo
Pericom Semiconductor C...
PT7M6118 PERICOM-PT7M6118 Datasheet
531Kb / 11P
   Low Power Voltage Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com