Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1161D121D5 Datasheet(PDF) 5 Page - RICOH electronics devices division

Part # R1161D121D5
Description  3-MODE 300mA LDO REGULATOR
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1161D121D5 Datasheet(HTML) 5 Page - RICOH electronics devices division

  R1161D121D5 Datasheet HTML 1Page - RICOH electronics devices division R1161D121D5 Datasheet HTML 2Page - RICOH electronics devices division R1161D121D5 Datasheet HTML 3Page - RICOH electronics devices division R1161D121D5 Datasheet HTML 4Page - RICOH electronics devices division R1161D121D5 Datasheet HTML 5Page - RICOH electronics devices division R1161D121D5 Datasheet HTML 6Page - RICOH electronics devices division R1161D121D5 Datasheet HTML 7Page - RICOH electronics devices division R1161D121D5 Datasheet HTML 8Page - RICOH electronics devices division R1161D121D5 Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
R1161x
5
ELECTRICAL CHARACTERISTICS
R1161xxxxA
Topt=25 C
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
VIN Set VOUT 1V,VECO VIN
1 A
IOUT
30mA
Note 1
0.98
(-30mV)
1.02
(30mV)
V
VOUT
Output Voltage
VIN Set VOUT 1V,VECO GND
1 A
IOUT
30mA
Note 2
0.97
(-45mV)
1.03
(45mV)
V
IOUT
Output Current
VIN VOUT 1.0V
300
mA
VOUT/
IOUT
Load Regulation(FT Mode)
VIN Set VOUT 1V,VECO VIN
1mA
IOUT
300mA
40
70
mV
VOUT/
IOUT
Load Regulation(LP Mode)
VIN Set VOUT 1V,VECO GND
1mA
IOUT
100mA
15
30
mV
VDIF
Dropout Voltage
Refer to the ELECTRICAL CHARACTERISTICS by OUTPUT VOLTAGE
VIN Set VOUT 1V
VECO VIN, VOUT<1.8V
80
111
A
ISS1
Supply Current(FT Mode)
VIN Set VOUT 1V
VECO VIN, VOUT
1.8V
60
90
A
VIN Set VOUT 1V,
VOUT<1.6V,VECO GND
3.5
8.0
A
ISS2
Supply Current(LP Mode)
VIN Set VOUT 1V
VOUT
1.6V,VECO=GND
4.5
9.0
A
Istandby Supply Current (Standby)
VIN VCE Set VOUT+1V, VECO=GND
0.1
1.0
A
VOUT/
VIN
Line Regulation(FT Mode)
Set VOUT 0.5V
VIN
6.0V
IOUT 30mA, VECO VIN
Set VOUT < 0.9V: 1.4V
VIN
6.0V
0.01
0.15
%/V
VOUT/
VIN
Line Regulation(LP Mode)
Set VOUT 0.5V
VIN
6.0V
IOUT 30mA, VECO GND
Set VOUT<0.9V:1.4V
VIN
6.0V
0.05
0.20
%/V
RR
Ripple Rejection(FT Mode)
f 1kHz, Ripple 0.2Vp-p
VIN Set VOUT 1V
IOUT 30mA, VECO VIN
65
dB
VIN
Input Voltage
1.4
6.0
V
VOUT/
Topt
Output Voltage
Temperature Coefficient
IOUT 30mA
40 C
Topt
85 C
100
ppm
/ C
Ilim
Short Current Limit
VOUT 0V
50
mA
RPU
CE Pull-up Resistance
1.87
5.00
12.00
M
RPD
ECO Pull-down Resistance
1.87
5.00
12.00
M
VCEH
CE , ECO Input Voltage “H”
1.0
6.0
V
VCEL
CE , ECO Input Voltage “L”
0.0
0.3
V
VEN
Output Noise
BW 10Hz to 100kHz
30
Vrms
Note1: 30mV tolerance for VOUT
1.5V.
Note2: 45mV tolerance for VOUT
1.5V.


Similar Part No. - R1161D121D5

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1161D101A-TR-FE RICOH-R1161D101A-TR-FE Datasheet
721Kb / 37P
   3-MODE 300mA LDO REGULATOR
R1161D101B-TR-FE RICOH-R1161D101B-TR-FE Datasheet
721Kb / 37P
   3-MODE 300mA LDO REGULATOR
R1161D101D-TR-FE RICOH-R1161D101D-TR-FE Datasheet
721Kb / 37P
   3-MODE 300mA LDO REGULATOR
R1161D102A-TR-FE RICOH-R1161D102A-TR-FE Datasheet
721Kb / 37P
   3-MODE 300mA LDO REGULATOR
R1161D102B-TR-FE RICOH-R1161D102B-TR-FE Datasheet
721Kb / 37P
   3-MODE 300mA LDO REGULATOR
More results

Similar Description - R1161D121D5

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1161 RICOH-R1161 Datasheet
721Kb / 37P
   3-MODE 300mA LDO REGULATOR
logo
Nisshinbo Micro Devices...
R1161X NISSHINBO-R1161X Datasheet
555Kb / 37P
   3-MODE 300mA LDO REGULATOR
R1130X NISSHINBO-R1130X Datasheet
1Mb / 22P
   300mA LDO REGULATOR
logo
RICOH electronics devic...
R1130 RICOH-R1130 Datasheet
1Mb / 22P
   300mA LDO REGULATOR
logo
Unisonic Technologies
LR9282 UTC-LR9282 Datasheet
175Kb / 4P
   300mA LDO REGULATOR
logo
Richtek Technology Corp...
RT9055 RICHTEK-RT9055 Datasheet
208Kb / 9P
   300mA Dual LDO Regulator
logo
Catalyst Semiconductor
CAT6218 CATALYST-CAT6218_08 Datasheet
274Kb / 10P
   300mA CMOS LDO Regulator
CAT6218 CATALYST-CAT6218 Datasheet
267Kb / 10P
   300mA CMOS LDO Regulator
logo
List of Unclassifed Man...
FS8853 ETC-FS8853 Datasheet
652Kb / 13P
   300mA LDO Linear Regulator
logo
RICOH electronics devic...
R1162N151B RICOH-R1162N151B Datasheet
843Kb / 31P
   3-MODE 150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com