Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1161D121D5 Datasheet(PDF) 6 Page - RICOH electronics devices division

Part # R1161D121D5
Description  3-MODE 300mA LDO REGULATOR
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1161D121D5 Datasheet(HTML) 6 Page - RICOH electronics devices division

Back Button R1161D121D5 Datasheet HTML 2Page - RICOH electronics devices division R1161D121D5 Datasheet HTML 3Page - RICOH electronics devices division R1161D121D5 Datasheet HTML 4Page - RICOH electronics devices division R1161D121D5 Datasheet HTML 5Page - RICOH electronics devices division R1161D121D5 Datasheet HTML 6Page - RICOH electronics devices division R1161D121D5 Datasheet HTML 7Page - RICOH electronics devices division R1161D121D5 Datasheet HTML 8Page - RICOH electronics devices division R1161D121D5 Datasheet HTML 9Page - RICOH electronics devices division R1161D121D5 Datasheet HTML 10Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
R1161x
6
R1161xxxxB
Topt=25 C
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
VIN Set VOUT 1V,VECO VIN
1 A
IOUT
30mA
Note 1
0.98
( 30mV)
1.02
(30mV)
V
VOUT
Output Voltage
VIN Set VOUT+1V,VECO GND
1 A
IOUT
30mA
Note 2
0.97
( 45mV)
1.03
(45mV)
V
IOUT
Output Current
VIN-VOUT 1.0V
300
mA
VOUT/
IOUT
Load Regulation(FT Mode)
VIN Set VOUT+1V,VECO VIN
1mA
IOUT
300mA
40
70
mV
VOUT/
IOUT
Load Regulation(LP Mode)
VIN Set VOUT+1V,VECO GND
1mA
IOUT
100mA
15
30
mV
VDIF
Dropout Voltage
Refer to the ELECTRICAL CHARACTERISTICS by OUTPUT VOLTAGE
VIN Set VOUT+1V
VECO VIN,VOUT<1.8V
80
111
A
ISS1
Supply Current(FT Mode)
VIN Set VOUT+1V
VECO=VIN, VOUT
1.8V
60
90
A
VIN Set VOUT+1V,
VOUT<1.6V, VECO=GND
3.5
8.0
A
ISS2
Supply Current(LP Mode)
VIN Set VOUT+1V,
VOUT
1.6V,VECO=GND
4.5
9.0
A
Istandby Supply Current (Standby)
VIN Set VOUT+1V,
VCE=GND,VECO GND
0.1
1.0
A
VOUT/
VIN
Line Regulation(FT Mode)
Set VOUT+0.5V
VIN
6.0V
IOUT 30mA, VECO VIN
Set VOUT<0.9V: 1.4V
VIN
6.0V
0.01
0.15
%/V
VOUT/
VIN
Line Regulation(LP Mode)
Set VOUT+0.5V
VIN
6.0V
IOUT 30mA, VECO GND
Set VOUT<0.9V: 1.4V
VIN
6.0V
0.05
0.20
%/V
RR
Ripple Rejection(FT Mode)
f 1kHz, Ripple 0.2Vp-p
VIN Set VOUT+1V
IOUT 30mA, VECO VIN
65
dB
VIN
Input Voltage
1.4
6.0
V
VOUT/
Topt
Output Voltage
Temperature Coefficient
IOUT 30mA
-40 C
Topt
85 C
100
ppm
/ C
Ilim
Short Current Limit
VOUT 0V
50
mA
RPDC
CE Pull-down Resistance
1.87
5.00
12.00
M
RPDE
ECO Pull-down Resistance
1.87
5.00
12.00
M
VCEH
CE, ECO Input Voltage “H”
1.0
6.0
V
VCEL
CE, ECO Input Voltage “L”
0.0
0.3
V
VEN
Output Noise
BW 10Hz to 100kHz
30
Vrms
RLOW
Nch On Resistance for auto
discharge (applied to D
version only)
VCE 0V
60
Note1: 30mV tolerance for VOUT
1.5V.
Note2: 45mV tolerance for VOUT
1.5V.


Similar Part No. - R1161D121D5

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1161D101A-TR-FE RICOH-R1161D101A-TR-FE Datasheet
721Kb / 37P
   3-MODE 300mA LDO REGULATOR
R1161D101B-TR-FE RICOH-R1161D101B-TR-FE Datasheet
721Kb / 37P
   3-MODE 300mA LDO REGULATOR
R1161D101D-TR-FE RICOH-R1161D101D-TR-FE Datasheet
721Kb / 37P
   3-MODE 300mA LDO REGULATOR
R1161D102A-TR-FE RICOH-R1161D102A-TR-FE Datasheet
721Kb / 37P
   3-MODE 300mA LDO REGULATOR
R1161D102B-TR-FE RICOH-R1161D102B-TR-FE Datasheet
721Kb / 37P
   3-MODE 300mA LDO REGULATOR
More results

Similar Description - R1161D121D5

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1161 RICOH-R1161 Datasheet
721Kb / 37P
   3-MODE 300mA LDO REGULATOR
logo
Nisshinbo Micro Devices...
R1161X NISSHINBO-R1161X Datasheet
555Kb / 37P
   3-MODE 300mA LDO REGULATOR
R1130X NISSHINBO-R1130X Datasheet
1Mb / 22P
   300mA LDO REGULATOR
logo
RICOH electronics devic...
R1130 RICOH-R1130 Datasheet
1Mb / 22P
   300mA LDO REGULATOR
logo
Unisonic Technologies
LR9282 UTC-LR9282 Datasheet
175Kb / 4P
   300mA LDO REGULATOR
logo
Richtek Technology Corp...
RT9055 RICHTEK-RT9055 Datasheet
208Kb / 9P
   300mA Dual LDO Regulator
logo
Catalyst Semiconductor
CAT6218 CATALYST-CAT6218_08 Datasheet
274Kb / 10P
   300mA CMOS LDO Regulator
CAT6218 CATALYST-CAT6218 Datasheet
267Kb / 10P
   300mA CMOS LDO Regulator
logo
List of Unclassifed Man...
FS8853 ETC-FS8853 Datasheet
652Kb / 13P
   300mA LDO Linear Regulator
logo
RICOH electronics devic...
R1162N151B RICOH-R1162N151B Datasheet
843Kb / 31P
   3-MODE 150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com