Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1173S121B Datasheet(PDF) 1 Page - RICOH electronics devices division

Part # R1173S121B
Description  Super low on resistance/Low voltage LDO
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1173S121B Datasheet(HTML) 1 Page - RICOH electronics devices division

  R1173S121B Datasheet HTML 1Page - RICOH electronics devices division R1173S121B Datasheet HTML 2Page - RICOH electronics devices division R1173S121B Datasheet HTML 3Page - RICOH electronics devices division R1173S121B Datasheet HTML 4Page - RICOH electronics devices division R1173S121B Datasheet HTML 5Page - RICOH electronics devices division R1173S121B Datasheet HTML 6Page - RICOH electronics devices division R1173S121B Datasheet HTML 7Page - RICOH electronics devices division R1173S121B Datasheet HTML 8Page - RICOH electronics devices division R1173S121B Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
R1173x SERIES
Super low on resistance/Low voltage LDO
NO.EA-123-070828
1
OUTLINE
The R1173x Series are CMOS-based positive voltage regulator ICs. The R1173x Series have features of
super low dropout, 1A output current capability, and -3mV typical load regulation at 1A. Even the output voltage
is set at 1.5V, on resistance of internal FET is typically 0.32
Ω. Therefore, applications that require a large current
at small dropout are suitable for the R1173x series. Low input voltage is acceptable and low output voltage can
be set. The minimum input voltage is 1.4V, and the lowest set output voltage is 0.8V. Each of these ICs consists
of a voltage reference unit, an error amplifier, resistor net for setting output voltage, a current limit circuit at
over-current, a chip enable circuit, a thermal-shutdown circuit, and so on. A stand-by mode with ultra low
consumption current can be realized with the chip enable pin. The output voltage types of R1173 are fixed one in
the IC and adjustable one (R1173x001x).
Since the packages for these ICs are the SOT-89-5 package, HSON-6, or HSOP-6J, high density mounting of
the ICs on boards is possible.
FEATURES
• Output Current ............................................................. 1A
• Supply Current ............................................................. Typ. 60µA
• Standby Current ........................................................... Typ. 0.1µA
• Input Voltage Range .................................................... 1.4V to 6.0V
• Output Voltage Range (R1173xxx1) ............................ 0.8V to 5.0V (HSOP-6J: 0.8V to 3.5V)
• Output Voltage Range (R1173x001)............................ 1.0V to VIN
• Dropout Voltage ........................................................... Typ. 0.32V (VOUT=1.5V, IOUT=1A)
Typ. 0.18V (VOUT
=2.8V, IOUT=1A)
• Ripple Rejection........................................................... Typ. 70dB (VOUT=2.8V)
• Output Voltage Accuracy.............................................. ±2.0%
• Temperature-drift Coefficient of Output Voltage........... Typ. ±100ppm/°C
• Line Regulation ............................................................ Typ. 0.05%/V
• Load Regulation........................................................... Typ. −2mV (IOUT=300mA)
Typ.
−3mV (IOUT=1A)
• Packages ..................................................................... SOT-89-5, HSON-6, HSOP-6J
• Low inrush current at turning-on .................................. Typ. 500mA
• Built-in Current Limit Circuit ......................................... Typ. 250mA
• Output capacitors......................................................... CIN=Ceramic 4.7µF
COUT
=Tantalum 4.7µF (VOUT<1.0V)
COUT
=Ceramic 4.7µF (VOUT >
= 1.0V)
• Built-in Thermal Shutdown Circuit
APPLICATIONS
• Local Power source for Notebook PC.
• Local Power source for portable communication equipments, cameras, and videos.
• Local Power source for home appliances.


Similar Part No. - R1173S121B

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1173S151B-E2-FE RICOH-R1173S151B-E2-FE Datasheet
546Kb / 26P
   Super low on resistance/Low voltage LDO
R1173S151D-E2-FE RICOH-R1173S151D-E2-FE Datasheet
546Kb / 26P
   Super low on resistance/Low voltage LDO
More results

Similar Description - R1173S121B

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
R1173X NISSHINBO-R1173X Datasheet
1Mb / 38P
   Super low on resistance/Low voltage LDO
logo
RICOH electronics devic...
R1173 RICOH-R1173 Datasheet
546Kb / 26P
   Super low on resistance/Low voltage LDO
R1172 RICOH-R1172 Datasheet
446Kb / 25P
   SUPER LOW ON RESISTANCE / LOW VOLTAGE 1A LDO
R1172N081A RICOH-R1172N081A Datasheet
838Kb / 36P
   SUPER LOW ON RESISTANCE / LOW VOLTAGE 1A LDO
logo
Nisshinbo Micro Devices...
R1172X NISSHINBO-R1172X Datasheet
519Kb / 25P
   SUPER LOW ON RESISTANCE / LOW VOLTAGE 1A LDO
logo
RICOH electronics devic...
R1172N081 RICOH-R1172N081_17 Datasheet
446Kb / 25P
   SUPER LOW ON RESISTANCE / LOW VOLTAGE 1A LDO
logo
Unisonic Technologies
LR9273 UTC-LR9273_17 Datasheet
287Kb / 9P
   SUPER LOW ON RESISTANCE/LOW VOLTAGE 1A LDO REGULATOR
LR9273 UTC-LR9273 Datasheet
285Kb / 9P
   SUPER LOW ON RESISTANCE/LOW VOLTAGE 1A LDO REGULATOR
LR9272G-XX-AA3-C-R UTC-LR9272G-XX-AA3-C-R Datasheet
220Kb / 5P
   SUPER LOW ON RESISTANCE
logo
Advanced Power Electron...
AP2623GY-HF A-POWER-AP2623GY-HF_14 Datasheet
103Kb / 4P
   Low On-resistance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com