Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1163K231E Datasheet(PDF) 8 Page - RICOH electronics devices division

Part # R1163K231E
Description  3-MODE 150mA LDO REGULATOR with the Reverse Current Protection
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1163K231E Datasheet(HTML) 8 Page - RICOH electronics devices division

Back Button R1163K231E Datasheet HTML 4Page - RICOH electronics devices division R1163K231E Datasheet HTML 5Page - RICOH electronics devices division R1163K231E Datasheet HTML 6Page - RICOH electronics devices division R1163K231E Datasheet HTML 7Page - RICOH electronics devices division R1163K231E Datasheet HTML 8Page - RICOH electronics devices division R1163K231E Datasheet HTML 9Page - RICOH electronics devices division R1163K231E Datasheet HTML 10Page - RICOH electronics devices division R1163K231E Datasheet HTML 11Page - RICOH electronics devices division R1163K231E Datasheet HTML 12Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
R1163x
8
ELECTRICAL CHARACTERISTICS by OUTPUT VOLTAGE
Topt
= 25°C
Dropout Voltage (V)
VDIF(ECO
=H)
VDIF(ECO
=L)
Output Voltage
VOUT (V)
Condition
Typ.
Max.
Typ.
Max.
1.5 <
= VOUT < 1.6
0.400
0.680
0.420
0.680
1.6 <
= VOUT < 1.7
0.380
0.550
0.390
0.550
1.7 <
= VOUT < 1.8
0.350
0.520
0.370
0.520
1.8 <
= VOUT < 2.0
0.340
0.490
0.350
0.490
2.0 <
= VOUT < 2.8
0.290
0.425
0.300
0.425
2.8 <
= VOUT <
= 4.0
IOUT
= 150mA
0.250
0.350
0.250
0.350
TECHNICAL NOTES
When using these ICs, consider the following points:
Phase Compensation
In these ICs, phase compensation is made for securing stable operation even if the load current is varied. For
this purpose, be sure to use a 0.47
µF or more ceramic capacitor COUT.
(Test these ICs with as same external components as ones to be used on the PCB.)
When a tantalum capacitor is used with this IC, if the equivalent series resistor (ESR) of the capacitor is large,
output voltage may be unstable.
PCB Layout
Make VDD and GND lines sufficient. If their impedance is high, noise pickup or unstable operation may result.
Connect a capacitor with as much as 1.0
µF capacitor between VDD and GND pin as close as possible.
Set external components such as an output capacitor, as close as possible to the ICs and make wiring as
short as possible.
TYPICAL APPLICATION
C1
C2
VDD
OUT
CE
GND
R1163x
Series
ECO
VOUT
V
IOUT
∗External Components
Ex. : C1: Ceramic Capacitor 1.0
µF
C2 : Ceramic Capacitor 0.47
µF (Murata GRM40B474K)


Similar Part No. - R1163K231E

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1163K201B-TR RICOH-R1163K201B-TR Datasheet
718Kb / 30P
   3-MODE 150mA LDO REGULATOR with the Reverse Current Protection
R1163K201B-TR-FE RICOH-R1163K201B-TR-FE Datasheet
718Kb / 30P
   3-MODE 150mA LDO REGULATOR with the Reverse Current Protection
R1163K201D-TR RICOH-R1163K201D-TR Datasheet
718Kb / 30P
   3-MODE 150mA LDO REGULATOR with the Reverse Current Protection
R1163K201D-TR-FE RICOH-R1163K201D-TR-FE Datasheet
718Kb / 30P
   3-MODE 150mA LDO REGULATOR with the Reverse Current Protection
R1163K201E-TR RICOH-R1163K201E-TR Datasheet
718Kb / 30P
   3-MODE 150mA LDO REGULATOR with the Reverse Current Protection
More results

Similar Description - R1163K231E

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1163 RICOH-R1163 Datasheet
718Kb / 30P
   3-MODE 150mA LDO REGULATOR with the Reverse Current Protection
logo
Nisshinbo Micro Devices...
R1163X NISSHINBO-R1163X Datasheet
796Kb / 30P
   3-MODE 150mA LDO REGULATOR with the Reverse Current Protection
R1191X NISSHINBO-R1191X Datasheet
4Mb / 45P
   300mA LDO REGULATOR with the Reverse Current Protection
R1163N NISSHINBO-R1163N Datasheet
887Kb / 35P
   3-Mode 150 mA LDO Regulator with the Reverse Current Protection for Automotive Applications
logo
RICOH electronics devic...
R1162N151B RICOH-R1162N151B Datasheet
843Kb / 31P
   3-MODE 150mA LDO REGULATOR
logo
Unisonic Technologies
UR6227 UTC-UR6227 Datasheet
228Kb / 7P
   HIGH SPEED LDO REGULATOR WITH REVERSE CURRENT PROTECTION
logo
Torex Semiconductor
XC6222B181PR-G TOREX-XC6222B181PR-G Datasheet
633Kb / 26P
   700mA High Speed LDO Regulator with Reverse Current Protection
XC6227 TOREX-XC6227 Datasheet
612Kb / 25P
   700mA High Speed LDO Regulator with Reverse Current Protection
logo
Texas Instruments
TPS73101 TI-TPS73101 Datasheet
348Kb / 16P
[Old version datasheet]   Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
TPS731 TI-TPS731 Datasheet
907Kb / 24P
[Old version datasheet]   Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com