Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TISP3180L Datasheet(PDF) 2 Page - Power Innovations Ltd

Part # TISP3180L
Description  DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POINN [Power Innovations Ltd]
Direct Link  http://www.bourns.com
Logo POINN - Power Innovations Ltd

TISP3180L Datasheet(HTML) 2 Page - Power Innovations Ltd

  TISP3180L Datasheet HTML 1Page - Power Innovations Ltd TISP3180L Datasheet HTML 2Page - Power Innovations Ltd TISP3180L Datasheet HTML 3Page - Power Innovations Ltd TISP3180L Datasheet HTML 4Page - Power Innovations Ltd TISP3180L Datasheet HTML 5Page - Power Innovations Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TISP3180L
DUAL SYMMETRICAL TRANSIENT
VOLTAGE SUPPRESSORS
2
FEBRUARY 1990 - REVISED SEPTEMBER 1997
PRODUCT
INFORMATION
absolute maximum ratings at
25°C case temperature (unless otherwise noted)
NOTES: 1. Above 70°C, derate linearly to zero at 150°C case temperature
2. This value applies when the initial case temperature is at (or below) 70°C. The surge may be repeated after the device has
returned to thermal equilibrium.
3. Most PTT’s quote an unloaded voltage waveform. In operation the TISP essentially shorts the generator output. The resulting
loaded current waveform is specified.
.
NOTE
4: These capacitance measurements employ a three terminal capacitance bridge incorporating a guard circuit. The third terminal is
connected to the guard terminal of the bridge.
NOTES: 5. These parameters must be measured using pulse techniques, tw = 100 µs, duty cycle ≤ 2%.
6. These parameters are measured with voltage sensing contacts seperate from the current carrying contacts located within 3.2 mm
(0.125 inch) from the device body.
7. Linear rate of rise, maximum voltage limited to 80 % VZ (minimum)..
RATING
SYMBOL
VALUE
UNIT
Non-repetitive peak on-state pulse current (see Notes 1, 2 and 3)
ITSP
A
8/20 µs (ANSI C62.41, open-circuit voltage wave shape 1.2/50 µs)
100
10/160 µs (FCC Part 68, open-circuit voltage wave shape 10/160 µs)
60
5/200 µs (VDE 0433, open-circuit voltage wave shape 2 kV, 10/700 µs)
50
0.2/310 µs (RLM 88, open-circuit voltage wave shape 1.5 kV, 0.5/700 µs)
38
5/310 µs (CCITT IX K17/K20, open-circuit voltage wave shape 2 kV, 10/700 µs)
50
5/310 µs (FTZ R12, open-circuit voltage wave shape 2 kV, 10/700 µs)
50
10/560 µs (FCC Part 68, open-circuit voltage wave shape 10/560 µs)
45
10/1000 µs (REA PE-60, open-circuit voltage wave shape 10/1000 µs)
35
Non-repetitive peak on-state current, 50 Hz, 0.7 s (see Notes 1 and 2)
ITSM
10
A rms
Initial rate of rise of on-state current,
Linear current ramp, Maximum ramp value < 38 A
diT/dt
250
A/µs
Junction temperature
TJ
150
°C
Operating free - air temperature range
0 to 70
°C
Storage temperature range
Tstg
-40 to +150
°C
Lead temperature 1.5 mm from case for 10 s
Tlead
260
°C
electrical characteristics for the A and B terminals, TJ = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VZ
Reference zener
voltage
IZ = ± 1mA
± 290
V
ID
Off-state leakage
current
VD = ± 50 V
± 10
µA
Coff
Off-state capacitance
VD = 0
f = 1 kHz
(see Note 4)
0.5
5
pF
electrical characteristics for the A and C or the B and C terminals, TJ = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VZ
Reference zener
voltage
IZ = ± 1mA
± 145
V
VZ
Temperature coefficient
of reference voltage
0.1
%/
oC
V(BO)
Breakover voltage
(see Notes 5 and 6)
± 180
V
I(BO)
Breakover current
(see Note 5)
± 0.15
± 0.6
A
VTM
Peak on-state voltage
IT = ± 5 A
(see Notes 5 and 6)
± 2.2
± 3
V
IH
Holding current
(see Note 5)
± 150
mA
dv/dt
Critical rate of rise of
off-state voltage
(see Note 7)
± 5
kV/
µs
ID
Off-state leakage
current
VD = ± 50 V
± 10
µA
Coff
Off-state capacitance
VD = 0
f = 1 kHz
(see Note 4)
70
150
pF


Similar Part No. - TISP3180L

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISP3180 POINN-TISP3180 Datasheet
195Kb / 11P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP3180F3 POINN-TISP3180F3 Datasheet
451Kb / 17P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
logo
Bourns Electronic Solut...
TISP3180F3 BOURNS-TISP3180F3 Datasheet
699Kb / 12P
   MEDIUM-VOLTAGE DUAL BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP3180H3 BOURNS-TISP3180H3 Datasheet
562Kb / 12P
   DUAL BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP3180H3 BOURNS-TISP3180H3 Datasheet
353Kb / 12P
   Overvoltage Protector Series
More results

Similar Description - TISP3180L

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISP2290 POINN-TISP2290 Datasheet
211Kb / 11P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP3180 POINN-TISP3180 Datasheet
195Kb / 11P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP2240F3 POINN-TISP2240F3 Datasheet
609Kb / 18P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP2290L POINN-TISP2290L Datasheet
125Kb / 6P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP3125F3 POINN-TISP3125F3 Datasheet
451Kb / 17P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP3290 POINN-TISP3290 Datasheet
110Kb / 5P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP2082L POINN-TISP2082L Datasheet
112Kb / 5P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP3082 POINN-TISP3082 Datasheet
123Kb / 6P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP3240F3 POINN-TISP3240F3 Datasheet
457Kb / 17P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP2180 POINN-TISP2180 Datasheet
210Kb / 11P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP2310L POINN-TISP2310L Datasheet
113Kb / 5P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com