Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF1606PT Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SF1606PT
Description  16.0 AMPS. Glass Passivated Super Fast Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SF1606PT Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SF1606PT Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SF1606PT Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
Version: A06
SF1601PT - SF1608PT
16.0 AMPS. Glass Passivated Super Fast Rectifiers
TO-3P/TO-247AD
PIN 1
PIN 3
Positive CT
PIN 2
Features
Dual rectifier construction, positive center-tap
Plastic package has Underwriters Laboratory
Flammability Classifications 94V-0
Glass passivated chip junctions
Superfast recovery time, high voltage
Low forward voltage, high current capability
Low thermal resistance
Low power loss, high efficiency
High temperature soldering guaranteed:
260
oC / 10 seconds, 0.16”(4.06mm) lead lengths
at 5 lbs.(2.3kg) tesion
Mechanical Data
Cases: JEDEC TO-3P/TO-247AD molded plastic
Terminals: Pure tin plated, lead free. solderable per
MIL-STD-750, Method 2026
Polarity: As marked
Mounting position: Any
Weight: 0.2 ounce, 5.6 grams
Maximum Ratings and Electrical Characteristics
Rating at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol SF
1601
PT
SF
1602
PT
SF
1603
PT
SF
1604
PT
SF
1605
PT
SF
1606
PT
SF
1607
PT
SF
1608
PT
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50 100 150 200 300 400 500 600
V
Maximum RMS Voltage
VRMS
35
70 105 140 210 280 350 420
V
Maximum DC Blocking Voltage
VDC
50 100 150 200 300 400 500 600
V
Maximum Average Forward Rectified
Current at Tc=100 oC
I(AV)
16
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
150
A
Maximum Instantaneous Forward Voltage @8.0A
VF
0.95
1.3
1.7
V
Maximum D.C. Reverse Current
@ Tc=25
oC
at Rated
DC Blocking Voltage
@ Tc=100
oC
IR
10
500
uA
uA
Maximum Reverse Recovery Time(Note 2)
TJ=25
oC
Trr
35
nS
Typical Junction Capacitance (Note 1)
Cj
85.0
pF
Typical Thermal Resistance (Note 3)
RθJC
2
oC/W
Operating Junction Temperature Range
TJ
-55 to +150
oC
Storage Temperature Range
TSTG
-55 to +150
oC
Notes:
1. Measured at 1 MHz and Applied Reverse Voltage of 4.0V D.C.
2. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, Recover to 0.25A.
3. Mounted on Heatsink Size of 3” x 5” x 0.25” Al-Plate
.


Similar Part No. - SF1606PT

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SF1606PT WTE-SF1606PT Datasheet
45Kb / 3P
   16A SUPER-FAST GLASS PASSIVATED RECTIFIER
logo
Taiwan Semiconductor Co...
SF1606PT TSC-SF1606PT Datasheet
112Kb / 2P
   16.0 AMPS. Glass Passivated Super Fast Rectifiers
SF1606PT TSC-SF1606PT Datasheet
625Kb / 2P
   16.0 AMPS. Glass Passivated Super Fast Rectifiers
SF1606PT TSC-SF1606PT Datasheet
412Kb / 3P
   16.0AMPS. Glass Passivated Super Fast Rectifiers
More results

Similar Description - SF1606PT

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SF1601PT TSC-SF1601PT_1 Datasheet
112Kb / 2P
   16.0 AMPS. Glass Passivated Super Fast Rectifiers
SFA1601G TSC-SFA1601G_1 Datasheet
263Kb / 2P
   16.0 AMPS. Glass Passivated Super Fast Rectifiers
SFA1601G TSC-SFA1601G Datasheet
56Kb / 2P
   16.0 AMPS. Glass Passivated Super Fast Rectifiers
SF1601PT TSC-SF1601PT_10 Datasheet
625Kb / 2P
   16.0 AMPS. Glass Passivated Super Fast Rectifiers
SFS1601G TSC-SFS1601G Datasheet
84Kb / 2P
   16.0 AMPS. Glass Passivated Super Fast Rectifiers
SF1601G TSC-SF1601G Datasheet
344Kb / 2P
   16.0 AMPS. Glass Passivated Super Fast Rectifiers
SF1601G TSC-SF1601G_10 Datasheet
610Kb / 2P
   16.0 AMPS. Glass Passivated Super Fast Rectifiers
SFAF1601G TSC-SFAF1601G_1 Datasheet
269Kb / 2P
   Isolated 16.0 AMPS. Glass Passivated Super Fast Rectifiers
SFF1601G TSC-SFF1601G_1 Datasheet
331Kb / 2P
   Isolated 16.0 AMPS. Glass Passivated Super Fast Rectifiers
SFAF1601G TSC-SFAF1601G Datasheet
83Kb / 2P
   Isolation 16.0 AMPS. Glass Passivated Super Fast Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com