Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62243DRVR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62243DRVR
Description  2.25 MHz 300 mA Step Down Converter in 2x2SON/TSOT23 Package
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62243DRVR Datasheet(HTML) 4 Page - Texas Instruments

  TPS62243DRVR Datasheet HTML 1Page - Texas Instruments TPS62243DRVR Datasheet HTML 2Page - Texas Instruments TPS62243DRVR Datasheet HTML 3Page - Texas Instruments TPS62243DRVR Datasheet HTML 4Page - Texas Instruments TPS62243DRVR Datasheet HTML 5Page - Texas Instruments TPS62243DRVR Datasheet HTML 6Page - Texas Instruments TPS62243DRVR Datasheet HTML 7Page - Texas Instruments TPS62243DRVR Datasheet HTML 8Page - Texas Instruments TPS62243DRVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
www.ti.com
PIN ASSIGNMENTS
V
IN
GND
EN
SW
FB
1
2
3
5
4
DDCPACKAGE
(TOP VIEW)
DRV PACKAGE
(TOPVIEW)
MODE
FB
GND
SW
EN
VIN
1
2
3
6
5
4
r
Po
w
e
P
A
D
Zero-Pole
AMP.
Integrator
Error Amp .
PFMComparator
PWM
Comp.
VREF
Control
Stage
GateDriver
Anti-
Shoot-Through
Current
LimitComparator
Current
LimitComparator
VREF
FB
FB
VIN
GND
MODE
2.25 MHz
Oscillator
SW1
EN
VIN
Softstart
VOUT RAMP
CONTROL
Thermal
Shutdown
Reference
0.6VVREF
Undervoltage
Lockout 1.8V
Limit
HighSide
Limit
LowSide
Sawtooth
Generator
Int. Resistor
Network
FB
RI 1
RI..N
Mode
Onlyin 2x2SON
GND
TPS62240, TPS62242, TPS62243
SLVS762B – JUNE 2007 – REVISED SEPTEMBER 2007
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NO.
NO.
NAME
(SON)
TSTO23-5
VIN
5
1
PWR
VIN power supply pin.
GND
6
2
PWR
GND supply pin
This is the enable pin of the device. Pulling this pin to low forces the device into shutdown
EN
4
3
I
mode. Pulling this pin to high enables the device. This pin must be terminated.
This is the switch pin and is connected to the internal MOSFET switches. Connect the inductor
SW
1
5
OUT
to this terminal.
Feedback Pin for the internal regulation loop. Connect the external resistor divider to this pin.
FB
3
4
I
In case of fixed output voltage option, connect this pin directly to the output capacitor.
This pin is only available at SON package option. MODE pin = high forces the device to
MODE
2
I
operate in fixed frequency PWM mode. MODE pin = low enables the Power Save Mode with
automatic transition from PFM mode to fixed frequency PWM mode.
FUNCTIONAL BLOCK DIAGRAM
4
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TPS62240 TPS62242 TPS62243


Similar Part No. - TPS62243DRVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62243DRVR TI1-TPS62243DRVR Datasheet
1Mb / 29P
[Old version datasheet]   2.25 MHz 300 mA Step Down Converter in 2x2SON/TSOT23 Package
TPS62243DRVRG4 TI1-TPS62243DRVRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2.25 MHz 300 mA Step Down Converter in 2x2SON/TSOT23 Package
More results

Similar Description - TPS62243DRVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62240 TI1-TPS62240_13 Datasheet
1Mb / 29P
[Old version datasheet]   2.25 MHz 300 mA Step Down Converter in 2x2SON/TSOT23 Package
TPS62242-Q1 TI1-TPS62242-Q1 Datasheet
700Kb / 21P
[Old version datasheet]   2.25-MHz 300-mA Step-Down Converter in DDC/TSOT23 Package
TPS62260 TI-TPS62260 Datasheet
1Mb / 32P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2SON/TSOT-23 Package
TPS62260 TI-TPS62260_08 Datasheet
1Mb / 31P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2SON/TSOT-23 Package
TPS62262DDCT TI-TPS62262DDCT Datasheet
1Mb / 32P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2 QFN / TSOT-23 Package
TPS62420-Q1 TI1-TPS62420-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   2.25-MHz 600-mA/1000-mA DUAL STEP-DOWN CONVERTER
TPS62404-Q1 TI1-TPS62404-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   2.25-MHz 400-mA/600-mA DUAL STEP-DOWN CONVERTER
TPS65000-Q1 TI1-TPS65000-Q1_15 Datasheet
2Mb / 29P
[Old version datasheet]   2.25-MHz Step-Down Converter
TPS62243-Q1 TI1-TPS62243-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   Automotive 2.25MHz 300mA Step-Down Converter in TSOT23 Package
TPS62400-Q1 TI1-TPS62400-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   2.25-MHz 400-mA and 600-mA Dual Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com