Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX84C9V1 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # BZX84C9V1
Description  Voltage Range 2.4 to 51 Volts 350m Watts Power Dissipation
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZX84C9V1 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  BZX84C9V1 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZX84C9V1 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZX84C9V1 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
- 796 -
BZX84C2V4 THRU BZX84C51
Surface Mount Zener Diode
Voltage Range
2.4 to 51 Volts
350m Watts Power Dissipation
Features
Planar die construction
350 mW power dissipation
Zener voltages from 2.4V – 51V
Ideally suited for automated assembly
processes
Mechanical Data
Case: Sot-23, Molding plastic
Terminals: Solderable per MIIL-STD-202,
Method 208
Polarity: See diagram
Marking: Marking Code (See table on Page 2)
Weight: 0.008 grams (approx.)
SOT-23
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ambient temperature unless otherwise specified.
Maximum Ratings
Type Number
Symbol
Value
Units
Forward Voltage
@ IF = 10mA
VF
0.9
V
Power Dissipation (Note 1)
Pd
350
mW
Thermal Resistance Junction to Ambient Air
(Note 1)
R
θJA
357
K /W
Operating and Storage Temperature Range
TJ, TSTG
-65 to + 150
OC
Notes: 1. Valid Provided that Device Terminals are Kept at Ambient Temperature.
.
2. Tested with Pulses. Period = 5ms, Pulse Width = 300us
.
3. f = 1KHz.
0.020(0.51)
0.015(0.37)
0.055(1.40)
0.047(1.19)
0.098(2.50)
0.083(2.10)
0.024(0.61)
0.018(0.45)
0.007(0.178)
0.003(0.076)
0.024(0.61)
0.018(0.45)
0.080(2.05)
0.070(1.78)
0.041(1.05)
0.047(0.89)
0.120(3.05)
0.104(2.65)
0.006(0.15)
0.001(0.013)
0.043(1.10)
0.035(0.89)


Similar Part No. - BZX84C9V1

ManufacturerPart #DatasheetDescription
logo
Guilin Strong Micro-Ele...
BZX84C9V1 GSME-BZX84C9V1 Datasheet
247Kb / 3P
   SOT-23 SURFACE MOUNT ZENER DIODE
logo
Vishay Siliconix
BZX84C9V1 VISHAY-BZX84C9V1 Datasheet
70Kb / 5P
   350 mW Surface Mount Zener Diodes
Rev. 1, 01-Apr-99
logo
Bruckewell Technology L...
BZX84C9V1 BWTECH-BZX84C9V1 Datasheet
287Kb / 2P
   ZENER VOLTAGE REGULATORS
logo
SHENZHEN YONGERJIA INDU...
BZX84C9V1 WINNERJOIN-BZX84C9V1 Datasheet
435Kb / 5P
   Planar Die Construction.
logo
Central Semiconductor C...
BZX84C9V1 CENTRAL-BZX84C9V1 Datasheet
120Kb / 2P
   SURFACE MOUNT 350mW SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS
More results

Similar Description - BZX84C9V1

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZX85C TSC-BZX85C Datasheet
150Kb / 5P
   Voltage Range 2.4 to 212 Volts 1.3Watts Power Dissipation
logo
GOOD-ARK Electronics
1N5221 GOOD-ARK-1N5221_15 Datasheet
115Kb / 3P
   Zener Diodes Zener Voltage Range: 2.4 to 200 Volts Power Dissipation: 500mW
logo
Micro Commercial Compon...
BZT52C2V4 MCC-BZT52C2V4_13 Datasheet
463Kb / 4P
   500 mW Zener Diode 2.4 to 51 Volts
logo
Rectron Semiconductor
SD05C RECTRON-SD05C Datasheet
426Kb / 6P
   VOLTAGE RANGE 5 Volts POWER RATING 350 Watts
logo
GOOD-ARK Electronics
1N4728 GOOD-ARK-1N4728_15 Datasheet
93Kb / 3P
   Zener Diodes VZ Range: 3.3 to 100 Volts Power Dissipation: 1.0W
1N746 GOOD-ARK-1N746_15 Datasheet
57Kb / 2P
   Zener Diodes VZ Range 3.3 to 12 Volts Power Dissipation 500mW
logo
Lite-On Technology Corp...
L05ESDL5V0NA-4 LITEON-L05ESDL5V0NA-4 Datasheet
259Kb / 7P
   ESD PROTECTION DEVICE STAND-OFF VOLTAGE - 5.0 Volts POWER DISSIPATION - 50 Watts
REV. 5
logo
Comchip Technology
TV15C5V0-171 COMCHIP-TV15C5V0-171 Datasheet
2Mb / 4P
   Working Peak Reverse Voltage : 5.0 - 170 Volts , Power Dissipation : 1500 Watts , RoHS Device
logo
Shenzhen Luguang Electr...
5KP350A LUGUANG-5KP350A Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
5KP210A LUGUANG-5KP210A Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com