Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZW06-48 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # BZW06-48
Description  600 Watts Transient Voltage Suppressor Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZW06-48 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  BZW06-48 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZW06-48 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZW06-48 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BZW06-48 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RATINGS AND CHARACTERISTIC CURVES (BZW06 SERIES)
Version: A06
FIG.3- PULSE WAVEFORM
0
0
1.0
2.0
3.0
4.0
100
150
50
t, TIME, ms
PULSE WIDTH (td) is DEFINED
as the POINT WHERE the PEAK
CURRENT DECAYS
to50%oflPPM
td
tr=10 sec.
m
10/1000 sec. WAVEFORM
as DEFINED by R.E.A.
PEAK VALUE
lPPM
HALF VALUE- lPPM
2
FIG.1- PEAK PULSE POWER VERSUS EXPONENTIAL
PULSE DURATION
T
=25 C
J
0
Initial
Tp
(ms) EXPO.
100
10
1
0.1
0.01
0.001
Ppp(w)
1E4
1E5
1E3
1E2
1E1
FIG.2- PEAK PULSE POWER DISSIPATION VERSUS
INITIAL JUNCTION TEMPERATURE
(PRINTED CIRCUIT BOARD)
0
20
100
140
160
180
200
0
20
40
60
100
80
%
120
40
60
80
TC)
J
0
Initial (
FIG.4-CLAMPING VOLTAGE VERSUS PEAK PULSE
CURRENT.
EXPONENTIAL WAVEFORM tp-200 s
tp-1ms
tp-10m
1
10
1000
10
100
1
10,000
BZW06-5V8
BZW06-10
BZW06-13
BZW06-33
BZW06-58
BZW06-186
BZW06-376
0.1
100
V (V)
CL
I (A)
PP
0
100
50
tr
tp
tp<10 s
%IPP
T
=25 C
J
0
Initial
FIG.5- CHARACTERASTICS VERSUS REVERSE APPLIED
VOLTAGE FOR UNIDIRECTIONAL TYPES
(TYPICAL VALUES)
1
500
100
10,000
T =25 C
F=1MHz
j
0
V(V)
R
0
1,000
BZW06-5V8
BZW06-13
BZW06-58
BZW06-171
100
10
C (pF)


Similar Part No. - BZW06-48

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BZW06-48 STMICROELECTRONICS-BZW06-48 Datasheet
172Kb / 6P
   TRANSIL
BZW06-48 STMICROELECTRONICS-BZW06-48 Datasheet
176Kb / 6P
   PEAK PULSE POWER 600 W (10/1000ms)
logo
Diotec Semiconductor
BZW06-48 DIOTEC-BZW06-48 Datasheet
143Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
New Jersey Semi-Conduct...
BZW06-48 NJSEMI-BZW06-48 Datasheet
91Kb / 2P
   600 Watts Transient Voltage Suppressor Diodes
logo
Semikron International
BZW06-48 SEMIKRON-BZW06-48 Datasheet
151Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
More results

Similar Description - BZW06-48

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
P6KE480A LUGUANG-P6KE480A Datasheet
382Kb / 4P
   600 Watts Transient Voltage Suppressor Diodes
logo
New Jersey Semi-Conduct...
BZW06 NJSEMI-BZW06 Datasheet
91Kb / 2P
   600 Watts Transient Voltage Suppressor Diodes
logo
Shenzhen Luguang Electr...
P6KE LUGUANG-P6KE Datasheet
4Mb / 5P
   600 Watts Transient Voltage Suppressor Diodes
P6KE480 LUGUANG-P6KE480 Datasheet
388Kb / 4P
   600 Watts Transient Voltage Suppressor Diodes
logo
Fuji Electric
P6KE FUJI-P6KE Datasheet
368Kb / 4P
   600 Watts Transient Voltage Suppressor Diodes
logo
Shenzhen Luguang Electr...
P6KE6.8 LUGUANG-P6KE6.8 Datasheet
629Kb / 5P
   600 Watts Transient Voltage Suppressor Diodes
P6KE51 LUGUANG-P6KE51 Datasheet
4Mb / 5P
   600 Watts Transient Voltage Suppressor Diodes
logo
Taiwan Semiconductor Co...
P6KE TSC-P6KE_1 Datasheet
368Kb / 4P
   600 Watts Transient Voltage Suppressor Diodes
BZW06 TSC-BZW06_10 Datasheet
550Kb / 4P
   600 Watts Transient Voltage Suppressor
P6KE TSC-P6KE_10 Datasheet
672Kb / 4P
   600 Watts Transient Voltage Suppressor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com