Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TISP4070L3BJ Datasheet(PDF) 7 Page - Power Innovations Ltd

Part # TISP4070L3BJ
Description  BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS?
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POINN [Power Innovations Ltd]
Direct Link  http://www.bourns.com
Logo POINN - Power Innovations Ltd

TISP4070L3BJ Datasheet(HTML) 7 Page - Power Innovations Ltd

Back Button TISP4070L3BJ Datasheet HTML 3Page - Power Innovations Ltd TISP4070L3BJ Datasheet HTML 4Page - Power Innovations Ltd TISP4070L3BJ Datasheet HTML 5Page - Power Innovations Ltd TISP4070L3BJ Datasheet HTML 6Page - Power Innovations Ltd TISP4070L3BJ Datasheet HTML 7Page - Power Innovations Ltd TISP4070L3BJ Datasheet HTML 8Page - Power Innovations Ltd TISP4070L3BJ Datasheet HTML 9Page - Power Innovations Ltd TISP4070L3BJ Datasheet HTML 10Page - Power Innovations Ltd TISP4070L3BJ Datasheet HTML 11Page - Power Innovations Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
PR O D UC T
I N FO R M A T IO N
7
AUGUST 1999 — REVISED NOVEMBER 1999
TISP4070L3BJ, TISP4350L3BJ
BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
power cross pass routes
This discussion covers typical modem flows.
FLOW
COMMENT
box A
The criterion for box A is if the modem connects to an outside TNV
line.
The majority of modems will be connected to an outside line, so the
answer is yes. The yes path goes to box B.
box B
The criterion for box B is if the equipment has a limit of
≤ 100 A2s at
600 V rms for Test 1. Many interpret this as a fuse with I2t
≤ 100 A2s
and often miss the 600 V a.c. breaking requirement. However, the
current loop is completed by the fuse and other equipment
components. To ensure that the fuse I2t sets the equipment
performance, the other current loop components, such as the printed
wiring (PW), must have a higher I2t values than the fuse. Certainly the
fuse I2t needs to be lower than 100 A2s but other components, for
example IC packaging, may impose a hazard-free limit of 10 A2s. (This
conflicts with FCC Part 68 Type A surge pass requirement of 8 A2s.)
A yes leads to box C and a no to box E.
boxes E and I
The criterion for box E is for a minimum telecommunications line cord
of No. 26 AWG to be supplied or specified.
A yes leads to box F and a no to box I.
The criterion for box I is to pass Test 1.
If all the four pass criteria of Test 1 are met, this is a yes and the flow
goes to box F.
A no result fails the equipment.
No tests
B
A N
Y
E
B
A
C
N
Y
Y
Fail
E
F
I
N
N
Y
Y


Similar Part No. - TISP4070L3BJ

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP4070L3BJ BOURNS-TISP4070L3BJ Datasheet
330Kb / 15P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4070L3BJR BOURNS-TISP4070L3BJR Datasheet
330Kb / 15P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4070L3BJR-S BOURNS-TISP4070L3BJR-S Datasheet
330Kb / 15P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results

Similar Description - TISP4070L3BJ

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISP4070M3BJ POINN-TISP4070M3BJ Datasheet
317Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
logo
Bourns Electronic Solut...
TISP4XXXF3LM BOURNS-TISP4XXXF3LM Datasheet
384Kb / 11P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4290T3BJ BOURNS-TISP4290T3BJ_08 Datasheet
232Kb / 6P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXM3LM BOURNS-TISP4XXXM3LM Datasheet
449Kb / 16P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4500H3BJ BOURNS-TISP4500H3BJ Datasheet
201Kb / 6P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XX0T3BJ BOURNS-TISP4XX0T3BJ Datasheet
159Kb / 9P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXJ3BJ BOURNS-TISP4XXXJ3BJ Datasheet
187Kb / 8P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXM3AJ BOURNS-TISP4XXXM3AJ Datasheet
426Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4070M3BJ BOURNS-TISP4070M3BJ_07 Datasheet
650Kb / 12P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP43XXMMAJBJ BOURNS-TISP43XXMMAJBJ Datasheet
438Kb / 20P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com