Electronic Components Datasheet Search |
|
BZX84C30 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd |
|
BZX84C30 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd |
1 / 3 page - 796 - BZX84C2V4 THRU BZX84C51 Surface Mount Zener Diode Voltage Range 2.4 to 51 Volts 350m Watts Power Dissipation Features Planar die construction 350 mW power dissipation Zener voltages from 2.4V – 51V Ideally suited for automated assembly processes Mechanical Data Case: Sot-23, Molding plastic Terminals: Solderable per MIIL-STD-202, Method 208 Polarity: See diagram Marking: Marking Code (See table on Page 2) Weight: 0.008 grams (approx.) SOT-23 Dimensions in inches and (millimeters) Maximum Ratings and Electrical Characteristics Rating at 25 ℃ambient temperature unless otherwise specified. Maximum Ratings Type Number Symbol Value Units Forward Voltage @ IF = 10mA VF 0.9 V Power Dissipation (Note 1) Pd 350 mW Thermal Resistance Junction to Ambient Air (Note 1) R θJA 357 K /W Operating and Storage Temperature Range TJ, TSTG -65 to + 150 OC Notes: 1. Valid Provided that Device Terminals are Kept at Ambient Temperature. . 2. Tested with Pulses. Period = 5ms, Pulse Width = 300us . 3. f = 1KHz. 0.020(0.51) 0.015(0.37) 0.055(1.40) 0.047(1.19) 0.098(2.50) 0.083(2.10) 0.024(0.61) 0.018(0.45) 0.007(0.178) 0.003(0.076) 0.024(0.61) 0.018(0.45) 0.080(2.05) 0.070(1.78) 0.041(1.05) 0.047(0.89) 0.120(3.05) 0.104(2.65) 0.006(0.15) 0.001(0.013) 0.043(1.10) 0.035(0.89) |
Similar Part No. - BZX84C30 |
|
Similar Description - BZX84C30 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |