Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VKC03-24S15 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # VKC03-24S15
Description  Isolated and Regulated 3 WATT Modular DC/DC Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VKC03-24S15 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  VKC03-24S15 Datasheet HTML 1Page - List of Unclassifed Manufacturers VKC03-24S15 Datasheet HTML 2Page - List of Unclassifed Manufacturers VKC03-24S15 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Isolated and Regulated 3 WATT Modular DC/DC Converters
V K C 0 3 series
300 Myles Standish Blvd., Taunton, MA 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.ASTRODYNE.COM
INPUT SPECIFICATIONS
Input Voltage Ranges:
24 VDC Nominal
9-36 VDC
48 VDC Nominal
18-72 VDC
OUTPUT SPECIFICATIONS
Voltage and Current
See Selection Chart
Load Regulation
singles: +/- 0.2%
25% - FL
duals: +/-1%
Line Regulation
+/- 0.2%
Temperature Coefficient
+/-0.02%/DegC
Ripple/Noise(Single/Dual)
50mV Pk-Pk, typ
Voltage Stability
+/-2%
Voltage Balance, Dual
+/-2%
Short Circuit Protection
Continuous, self-recovering
GENERAL SPECIFICATIONS
On/Off Control
(Ref to - Input pin)
Logic “1”/Open=ON
Logic “0”/GND=OFF
Input-Out Isolation
500VDC
In/Out Capacitance
300 pF
Isolation Resistance
10000 M Ohms
Efficiency
77%, typ
Switching Frequency
300Khz
ENVIRONMENTAL SPECIFICATIONS
Oper. Temperature
-25 to +71 DegC(FL)
Storage Temperature
-55 to +125 DegC *
Maximum Case Temp
110 DegC *
MTBF
1214 kHrs
MIL-HDBK-217F TA=25C FL
PHYSICAL SPECIFICATIONS
Case Material
Nickel-Coated Copper
Non-Conductive Base
Construction
Fully Encapsulated
Weight
0.5 oz, (14g)
* These are stress ratings. Exposure of the devices to any of these conditions
may adversely affect long term reliability. Proper operation under conditions
other than the standard operating conditions is neither warranteed nor implied.
All specifications are typical at nominal input, full load, and 25DegC unless
otherwise noted
Astrodyne products are not authorized or warranteed for use
as critical components in life support systems, equipment used
in hazardous environments, nuclear controls systems, or other
mission-critical applications.


Similar Part No. - VKC03-24S15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VKC03-24S15 ETC-VKC03-24S15 Datasheet
91Kb / 2P
   3 WATTS DC-DC CONVERTER
logo
Astrodyne Corporation
VKC03-24S15 ASTRODYNE-VKC03-24S15 Datasheet
272Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
logo
RSG Electronic Componen...
VKC03-24S15 RSG-VKC03-24S15 Datasheet
111Kb / 2P
   3 WATTS REGULATED OUTPUT POWER
logo
Astrodyne Corporation
VKC03-24S15 ASTRODYNE-VKC03-24S15 Datasheet
143Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
More results

Similar Description - VKC03-24S15

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
MKC03 ASTRODYNE-MKC03_16 Datasheet
157Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
VKC03 ASTRODYNE-VKC03_16 Datasheet
143Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
MKC03 ASTRODYNE-MKC03 Datasheet
224Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
SB03 ASTRODYNE-SB03 Datasheet
175Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
ASD03 ASTRODYNE-ASD03 Datasheet
737Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
ASD03 ASTRODYNE-ASD03_16 Datasheet
186Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
VKC03 ASTRODYNE-VKC03 Datasheet
272Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
PMKC03 ASTRODYNE-PMKC03 Datasheet
155Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
SB03 ASTRODYNE-SB03_16 Datasheet
168Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
ASD30 ASTRODYNE-ASD30 Datasheet
462Kb / 3P
   Isolated and Regulated 30 WATT Modular DC/DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com