Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZW06-273 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # BZW06-273
Description  600 Watts Transient Voltage Suppressor Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZW06-273 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  BZW06-273 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZW06-273 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZW06-273 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BZW06-273 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Dimensions in inches and (millimeters)
Version: A06
BZW06 SERIES
600 Watts Transient Voltage Suppressor Diodes
DO-15
Features
UL Recognized File # E-96005
Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
Exceeds environmental standards of MIL-STD-19500
600W surge capability at 10 x 100 us waveform, duty
cycle: 0.01%
Excellent clamping capability
Low zener impedance
Fast response time: Typically less than 1.0ps from
0 volts to VBR for unidirectional and 5.0 ns for
bidirectional
Typical IR less than 1uA above 10V
High temperature soldering guaranteed: 260
oC / 10
seconds / .375”,(9.5mm) lead length / 5lbs.,(2.3kg)
tension
Mechanical Data
Case: Molded plastic
Lead: Axial leads, solderable per MIL-STD-202,
Method 208
Polarity: Color band denotes cathode except bipolar
Weight: 0.34gram
Maximum Ratings and Electrical Characteristics
(TA = 25 oC)
Type Number
Symbol
Value
Units
Peak Pulse Power Dissipation at TA=25
oC, Tp=1ms (Note)
PPP
Minimum 600
Watts
Steady State Power Dissipation at TL=75
oC
Lead Lengths .375”, 9.5mm (Note 2)
PD
1.7
Watts
Peak Forward Surge Current, 8.3 ms Single Half
Sine-wave Superimposed on Rated Load
(JEDEC method) (Note 3)
IFSM
100
Amps
Junction to leads
RθJL
60
o
C/W
Junction to ambient on printed circuit.
L lead=10mm
RθJA
100
o
C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to + 175
o
C
Notes: For a surge greater than the maximum values, the diode will fall in short-circuit.


Similar Part No. - BZW06-273

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BZW06-273 STMICROELECTRONICS-BZW06-273 Datasheet
172Kb / 6P
   TRANSIL
BZW06-273 STMICROELECTRONICS-BZW06-273 Datasheet
176Kb / 6P
   PEAK PULSE POWER 600 W (10/1000ms)
logo
Diotec Semiconductor
BZW06-273 DIOTEC-BZW06-273 Datasheet
143Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
New Jersey Semi-Conduct...
BZW06-273 NJSEMI-BZW06-273 Datasheet
91Kb / 2P
   600 Watts Transient Voltage Suppressor Diodes
logo
List of Unclassifed Man...
BZW06-273 ETC-BZW06-273 Datasheet
66Kb / 4P
   600 W Unidirectional and Bidirectional Transient Voltage Suppressor Diodes
More results

Similar Description - BZW06-273

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
P6KE480A LUGUANG-P6KE480A Datasheet
382Kb / 4P
   600 Watts Transient Voltage Suppressor Diodes
logo
New Jersey Semi-Conduct...
BZW06 NJSEMI-BZW06 Datasheet
91Kb / 2P
   600 Watts Transient Voltage Suppressor Diodes
logo
Shenzhen Luguang Electr...
P6KE LUGUANG-P6KE Datasheet
4Mb / 5P
   600 Watts Transient Voltage Suppressor Diodes
P6KE480 LUGUANG-P6KE480 Datasheet
388Kb / 4P
   600 Watts Transient Voltage Suppressor Diodes
logo
Fuji Electric
P6KE FUJI-P6KE Datasheet
368Kb / 4P
   600 Watts Transient Voltage Suppressor Diodes
logo
Shenzhen Luguang Electr...
P6KE6.8 LUGUANG-P6KE6.8 Datasheet
629Kb / 5P
   600 Watts Transient Voltage Suppressor Diodes
P6KE51 LUGUANG-P6KE51 Datasheet
4Mb / 5P
   600 Watts Transient Voltage Suppressor Diodes
logo
Taiwan Semiconductor Co...
P6KE TSC-P6KE_1 Datasheet
368Kb / 4P
   600 Watts Transient Voltage Suppressor Diodes
BZW06 TSC-BZW06_10 Datasheet
550Kb / 4P
   600 Watts Transient Voltage Suppressor
P6KE TSC-P6KE_10 Datasheet
672Kb / 4P
   600 Watts Transient Voltage Suppressor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com