Part Name
         Description
MB88101A_03

 A/D Converter (With 4-channel Input at 12-bit Resolution) ( 19 Page)


FUJITSU
100% 
Zoom Out Zoom In
 
 3 page
background image
MB88101A
3
s
s
s
s PIN DESCRIPTION
Hi-Z : High-Z
Pin no.
Symbol
I/O
Descriptions
1
2
5
6
AN0
AN1
AN2
AN3
I
Analog input pins. One of these channels can be selected depending on
the C0 and C1 settings.
14
DO
O
This pin outputs the result of A/D conversion. The result is 12-bit serial
data output in synchronization with the rise of CLK.
13
CLK
I
Clock input pin for A/D conversion
12
CS
I
Chip select signal input pin. Setting the signal level to “L” after turning
the power on starts A/D conversion; setting it to “H” stops A/D
conversion. When this pin is “H”, the DO and SAMP pins are “Hi-Z”.
11
10
C0
C1
I
Input pins for selecting the analog input channels from among pins AN0
to AN3. See Table 1 for the correspondence between the pin settings
and the channels selected. To switch the channel in mode 2 or 3, set
these pins before the SAMP pin goes “H”.
7
8
MOD0
MOD1
I
Conversion mode setting pins. For the correspondence between the pin
settings and the modes selected, see Table 2 and “s FUNCTIONAL
DESCRIPTION.”
15
SAMP
O
This pin becomes active in prior to data output. Serial data is output from
the DO pin five clock cycles after the signal level at this pin goes “L” after
“H” for one clock cycle.
3VREF
Reference voltage input pin
4AGND
Analog circuit ground pin
9DGND
Digital circuit ground pin
16
VCC
Power supply pin
C1
C0
Channel
MOD 0
MOD1
Mode
LL
AN0
L
L
Mode 1
LH
AN1
L
H
Mode 2
HL
AN2
H
L
(Disabled)
HH
AN3
H
H
Mode 3
• Channel selection
• Mode selection
Table 1
Pin Settings and Channel Selection
Table 2
Pin Settings and Mode Selection
1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MCP3301_0713-Bit Differential Input Low Power A/D Converter with SPI™ Serial Interface 1 2 3 4 5 MoreMicrochip Technology
WT50608-bit μC with UART 12-bit A/D Converter PWM and 16 x4 LCD Driver 1 2 3 4 5 List of Unclassifed Manufacturers
MCP3221_06Low Power 12-Bit A/D Converter With I2C™ Interface 1 2 3 4 5 MoreMicrochip Technology
ADC12DS065Dual 12-Bit 65/80/95/105 MSPS A/D Converter with Serial LVDS outputs Coming SoonNational Semiconductor
HI5812_05CMOS 20 Microsecond 12-Bit Sampling A/D Converter with Internal Track and Hold 1 2 3 4 5 MoreIntersil Corporation
HI5810_01CMOS 10 Microsecond 12-Bit Sampling A/D Converter with Internal Track and Hold 1 2 3 4 5 MoreIntersil Corporation
HI5813_01CMOS 3.3V 25 Microsecond 12-Bit Sampling A/D Converter with Internal Track and Hold 1 2 3 4 5 MoreIntersil Corporation
AN1775Expanding Digital Input with an A/D Converter 1 2 3 4 5 MoreFreescale Semiconductor, Inc
MCP3202_062.7V Dual Channel 12-Bit A/D Converter with SPI Serial Interface 1 2 3 4 5 MoreMicrochip Technology

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl