Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB88101A Datasheet(PDF) 7 Page - Fujitsu Component Limited.

Part # MB88101A
Description  A/D Converter (With 4-channel Input at 12-bit Resolution)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB88101A Datasheet(HTML) 7 Page - Fujitsu Component Limited.

Back Button MB88101A Datasheet HTML 3Page - Fujitsu Component Limited. MB88101A Datasheet HTML 4Page - Fujitsu Component Limited. MB88101A Datasheet HTML 5Page - Fujitsu Component Limited. MB88101A Datasheet HTML 6Page - Fujitsu Component Limited. MB88101A Datasheet HTML 7Page - Fujitsu Component Limited. MB88101A Datasheet HTML 8Page - Fujitsu Component Limited. MB88101A Datasheet HTML 9Page - Fujitsu Component Limited. MB88101A Datasheet HTML 10Page - Fujitsu Component Limited. MB88101A Datasheet HTML 11Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
MB88101A
7
s
s
s
s ABSOLUTE MAXIMUM RATINGS
* : VCC
≥ VREF
WARNING: Semiconductor devices can be permanently damaged by application of stress (voltage, current,
temperature, etc.) in excess of absolute maximum ratings. Do not exceed these ratings.
s
s
s
s RECOMMENDED OPERATING CONDITIONS
WARNING: The recommended operating conditions are required in order to ensure the normal operation of the
semiconductor device. All of the device’s electrical characteristics are warranted when the device is
operated within these ranges.
Always use semiconductor devices within their recommended operating condition ranges. Operation
outside these ranges may adversely affect reliability and could result in device failure.
No warranty is made with respect to uses, operating conditions, or combinations not represented on
the data sheet. Users considering application outside the listed conditions are advised to contact their
FUJITSU representatives beforehand.
Parameter
Symbol
Conditions
Rating
Unit
Min
Max
Power supply voltage
VCC
Based on GND
(Ta = +25
°C)
–0.3
+7.0
V
VREF
–0.3*
+7.0*
V
Input voltage
VIN
–0.3
VCC + 0.3
V
Output voltage
VOUT
–0.3
VCC + 0.3
V
Power consumption
PD
150
mW
Operating temperature
Ta
–40
+85
°C
Storage temperature
Tstg
–55
+150
°C
Parameter
Symbol
Value
Unit
Min
Typ
Max
Power supply voltage
VCC
3.3
5.5
V
GND
0
V
Operation temperature
Ta
–40
+85
°C


Similar Part No. - MB88101A

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB88101A FUJITSU-MB88101A Datasheet
150Kb / 18P
   A/D Converter (With 4-channel Input at 12-bit Resolution)
MB88101AP FUJITSU-MB88101AP Datasheet
150Kb / 18P
   A/D Converter (With 4-channel Input at 12-bit Resolution)
MB88101APF FUJITSU-MB88101APF Datasheet
150Kb / 18P
   A/D Converter (With 4-channel Input at 12-bit Resolution)
MB88101APFV FUJITSU-MB88101APFV Datasheet
150Kb / 18P
   A/D Converter (With 4-channel Input at 12-bit Resolution)
More results

Similar Description - MB88101A

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB88101A FUJITSU-MB88101A Datasheet
150Kb / 18P
   A/D Converter (With 4-channel Input at 12-bit Resolution)
MB88111 FUJITSU-MB88111 Datasheet
169Kb / 26P
   A/D Converter (With 24-Channel Input at 10-bit Resolution)
logo
Integrated Circuit Syst...
DAC88 ICST-DAC88 Datasheet
813Kb / 4P
   12-bit D/A Converter with Input Register
logo
API Technologies Corp
MNDAC88 APITECH-MNDAC88 Datasheet
819Kb / 4P
   12-bit D/A Converter with Input Register
MN3860 APITECH-MN3860 Datasheet
841Kb / 4P
   12-bit D/A Converter with Input Register
logo
Integrated Circuit Syst...
MN3860 ICST-MN3860 Datasheet
836Kb / 4P
   12-bit D/A Converter with Input Register
logo
API Technologies Corp
MNDACHK APITECH-MNDACHK Datasheet
839Kb / 4P
   12-bit D/A Converter with Input Register
logo
Integrated Circuit Syst...
DACHK ICST-DACHK Datasheet
833Kb / 4P
   12-bit D/A Converter with Input Register
logo
Renesas Technology Corp
RL78-L1A RENESAS-RL78-L1A Datasheet
1Mb / 83P
   Integrated LCD controller/driver, 12-bit resolution A/D Converter
logo
Burr-Brown (TI)
ADS7824 BURR-BROWN-ADS7824 Datasheet
344Kb / 16P
   4 Channel, 12-Bit Sampling CMOS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com