Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB88101A Datasheet(PDF) 9 Page - Fujitsu Component Limited.

Part # MB88101A
Description  A/D Converter (With 4-channel Input at 12-bit Resolution)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB88101A Datasheet(HTML) 9 Page - Fujitsu Component Limited.

Back Button MB88101A Datasheet HTML 5Page - Fujitsu Component Limited. MB88101A Datasheet HTML 6Page - Fujitsu Component Limited. MB88101A Datasheet HTML 7Page - Fujitsu Component Limited. MB88101A Datasheet HTML 8Page - Fujitsu Component Limited. MB88101A Datasheet HTML 9Page - Fujitsu Component Limited. MB88101A Datasheet HTML 10Page - Fujitsu Component Limited. MB88101A Datasheet HTML 11Page - Fujitsu Component Limited. MB88101A Datasheet HTML 12Page - Fujitsu Component Limited. MB88101A Datasheet HTML 13Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
MB88101A
9
(3) Definitions of A/D converter terms
• Resolution
Analog transition identifiable by the A/D converter
• Linearity error
Deviation of the straight line drawn between the zero transition point (0000 0000 0000
↔ 0000 0000 0001)
and the full-scale transition point (1111 1111 1110
↔ 1111 1111 1111) of the device from actual conversion
characteristics
• Differential linearity error
Deviation from the ideal input voltage required to shift output code by one LSB
Notes: • The tolerance of output impedance of an external circuit connected to this A/D converter has an effect on
conversion time (CLK frequency). See “s TYPICAL CHARACTERISTICS”.
• If the output impedance of the external input is too high, the analog voltage sampling time may be short.
• When turning the device on, turn the power supply for the digital system first before turning VREF on.
Digital output
Actual converted value
Ideal converted value
Analog output
1111 1111 1111
1111 1111 1110
0000 0000 0001
0000 0000 0000
0000 0000 0010
VOT
VNT V(N+1)T
VFST
(1 LSB
× N + VOT)
Linearity error
1 LSB
Linearity error
Differential linearity error
=
=
=
- 1
(LSB)
(LSB)
VFST
- VOT
4094
VNT
- (1 LSB
× N + VOT)
1 LSB
V(N+1)T
- VNT
1 LSB
Analog input
RON1
C0
RON2
Comparator
RON1 = About 1.5 kΩ
RON2 = About 1.5 kΩ
C0 = About 60 pF
• Analog input equivalent circuit
Note: The above values are reference values.


Similar Part No. - MB88101A

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB88101A FUJITSU-MB88101A Datasheet
150Kb / 18P
   A/D Converter (With 4-channel Input at 12-bit Resolution)
MB88101AP FUJITSU-MB88101AP Datasheet
150Kb / 18P
   A/D Converter (With 4-channel Input at 12-bit Resolution)
MB88101APF FUJITSU-MB88101APF Datasheet
150Kb / 18P
   A/D Converter (With 4-channel Input at 12-bit Resolution)
MB88101APFV FUJITSU-MB88101APFV Datasheet
150Kb / 18P
   A/D Converter (With 4-channel Input at 12-bit Resolution)
More results

Similar Description - MB88101A

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB88101A FUJITSU-MB88101A Datasheet
150Kb / 18P
   A/D Converter (With 4-channel Input at 12-bit Resolution)
MB88111 FUJITSU-MB88111 Datasheet
169Kb / 26P
   A/D Converter (With 24-Channel Input at 10-bit Resolution)
logo
Integrated Circuit Syst...
DAC88 ICST-DAC88 Datasheet
813Kb / 4P
   12-bit D/A Converter with Input Register
logo
API Technologies Corp
MNDAC88 APITECH-MNDAC88 Datasheet
819Kb / 4P
   12-bit D/A Converter with Input Register
MN3860 APITECH-MN3860 Datasheet
841Kb / 4P
   12-bit D/A Converter with Input Register
logo
Integrated Circuit Syst...
MN3860 ICST-MN3860 Datasheet
836Kb / 4P
   12-bit D/A Converter with Input Register
logo
API Technologies Corp
MNDACHK APITECH-MNDACHK Datasheet
839Kb / 4P
   12-bit D/A Converter with Input Register
logo
Integrated Circuit Syst...
DACHK ICST-DACHK Datasheet
833Kb / 4P
   12-bit D/A Converter with Input Register
logo
Renesas Technology Corp
RL78-L1A RENESAS-RL78-L1A Datasheet
1Mb / 83P
   Integrated LCD controller/driver, 12-bit resolution A/D Converter
logo
Burr-Brown (TI)
ADS7824 BURR-BROWN-ADS7824 Datasheet
344Kb / 16P
   4 Channel, 12-Bit Sampling CMOS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com