Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W78L516A24LL Datasheet(PDF) 3 Page - Winbond

Part # W78L516A24LL
Description  8-BIT MICROCONTROLLER
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W78L516A24LL Datasheet(HTML) 3 Page - Winbond

  W78L516A24LL Datasheet HTML 1Page - Winbond W78L516A24LL Datasheet HTML 2Page - Winbond W78L516A24LL Datasheet HTML 3Page - Winbond W78L516A24LL Datasheet HTML 4Page - Winbond W78L516A24LL Datasheet HTML 5Page - Winbond W78L516A24LL Datasheet HTML 6Page - Winbond W78L516A24LL Datasheet HTML 7Page - Winbond W78L516A24LL Datasheet HTML 8Page - Winbond W78L516A24LL Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
W78LE516/W78L516A
Publication Release Date: November 6, 2006
- 3 -
Revision A7
1. GENERAL DESCRIPTION
The W78L516 is an 8-bit microcontroller which has an in-system programmable Flash EPROM for
firmware updating. The instruction set of the W78L516 is fully compatible with the standard 8052. The
W78L516 contains a 64K bytes of main Flash EPROM and a 4K bytes of auxiliary Flash EPROM
which allows the contents of the 64KB main Flash EPROM to be updated by the loader program
located at the 4KB auxiliary Flash EPROM; 512 bytes of on-chip RAM; four 8-bit bi-directional and bit-
addressable I/O ports; an additional 4-bit port P4; three 16-bit timer/counters; a serial port. These
peripherals are supported by a eight sources two-level interrupt capability. To facilitate programming
and verification, the Flash EPROM inside the W78L516 allows the program memory to be
programmed and read electronically. Once the code is confirmed, the user can protect the code for
security.
The W78L516 microcontroller has two power reduction modes, idle mode and power-down mode,
both of which are software selectable. The idle mode turns off the processor clock but allows for
continued peripheral operation. The power-down mode stops the crystal oscillator for minimum power
consumption. The external clock can be stopped at any time and in any state without affecting the
processor.
2. FEATURES
Fully static design 8-bit CMOS microcontroller
64K bytes of in-system programmable Flash EPROM for Application Program (AP FLASH
EPROM)
4K bytes of auxiliary Flash EPROM for Loader Program (LD FLASH EPROM)
512 bytes of on-chip RAM. (including 256 bytes of AUX-RAM, software selectable)
64K bytes program memory address space and 64K bytes data memory address space
Four 8-bit bi-directional ports
One 4-bit multipurpose programmable port
Three 16-bit timer/counters
One full duplex serial port
Eight-sources, two-level interrupt capability
Built-in power management
Code protection
Packaged in
− Lead Free(RoHS) DIP 40: W78L516A24DL
− Lead Free(RoHS) PLCC 44: W78L516A24PL
− Lead Free(RoHS) QFP 44: W78L516A24FL
− Lead Free(RoHS) LQFP 48: W78L516A24LL


Similar Part No. - W78L516A24LL

ManufacturerPart #DatasheetDescription
logo
Winbond
W78L51 WINBOND-W78L51 Datasheet
256Kb / 18P
   8-BIT MICROCONTROLLER
W78L51-24 WINBOND-W78L51-24 Datasheet
256Kb / 18P
   8-BIT MICROCONTROLLER
W78L51F-24 WINBOND-W78L51F-24 Datasheet
256Kb / 18P
   8-BIT MICROCONTROLLER
W78L51P-24 WINBOND-W78L51P-24 Datasheet
256Kb / 18P
   8-BIT MICROCONTROLLER
More results

Similar Description - W78L516A24LL

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com