Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TISP4220H3LM Datasheet(PDF) 9 Page - Power Innovations Ltd

Part # TISP4220H3LM
Description  BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POINN [Power Innovations Ltd]
Direct Link  http://www.bourns.com
Logo POINN - Power Innovations Ltd

TISP4220H3LM Datasheet(HTML) 9 Page - Power Innovations Ltd

Back Button TISP4220H3LM Datasheet HTML 5Page - Power Innovations Ltd TISP4220H3LM Datasheet HTML 6Page - Power Innovations Ltd TISP4220H3LM Datasheet HTML 7Page - Power Innovations Ltd TISP4220H3LM Datasheet HTML 8Page - Power Innovations Ltd TISP4220H3LM Datasheet HTML 9Page - Power Innovations Ltd TISP4220H3LM Datasheet HTML 10Page - Power Innovations Ltd TISP4220H3LM Datasheet HTML 11Page - Power Innovations Ltd TISP4220H3LM Datasheet HTML 12Page - Power Innovations Ltd TISP4220H3LM Datasheet HTML 13Page - Power Innovations Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
NOVEMBER 1997 - REVISED APRIL 1999
TISP4070H3LM THRU TISP4095H3LM, TISP4125H3LM THRU TISP4220H3LM,
TISP4240H3LM THRU TISP4400H3LM
BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
PR O D UC T
I N FO R M A T IO N
a.c. power testing
The protector can withstand currents applied for times not exceeding those shown in Figure 8. Currents that
exceed these times must be terminated or reduced to avoid protector failure. Fuses, PTC (Positive
Temperature Coefficient) resistors and fusible resistors are overcurrent protection devices which can be used
to reduce the current flow. Protective fuses may range from a few hundred milliamperes to one ampere. In
some cases it may be necessary to add some extra series resistance to prevent the fuse opening during
impulse testing. The current versus time characteristic of the overcurrent protector must be below the line
shown in Figure 8. In some cases there may be a further time limit imposed by the test standard (e.g. UL
1459 wiring simulator failure).
capacitance
The protector characteristic off-state capacitance values are given for d.c. bias voltage, VD, values of 0, -1 V,
-2 V and -50 V. Where possible values are also given for -100 V. Values for other voltages may be calculated
by multiplying the VD = 0 capacitance value by the factor given in Figure 6. Up to 10 MHz the capacitance is
essentially independent of frequency. Above 10 MHz the effective capacitance is strongly dependent on
connection inductance. In many applications, such as Figure 15 and Figure 17, the typical conductor bias
voltages will be about -2 V and -50 V. Figure 7 shows the differential (line unbalance) capacitance caused by
biasing one protector at -2 V and the other at -50 V.
normal system voltage levels
The protector should not clip or limit the voltages that occur in normal system operation. For unusual
conditions, such as ringing without the line connected, some degree of clipping is permissible. Under this
condition about 10 V of clipping is normally possible without activating the ring trip circuit.
Figure 10 allows the calculation of the protector VDRM value at temperatures below 25 °C. The calculated
value should not be less than the maximum normal system voltages. The TISP4260H3LM, with a VDRM of
200 V, can be used for the protection of ring generators producing 100 V rms of ring on a battery voltage of
-58 V (Th2 and Th3 in Figure 17). The peak ring voltage will be 58 + 1.414*100 = 199.4 V. However, this is the
open circuit voltage and the connection of the line and its equipment will reduce the peak voltage. In the
extreme case of an unconnected line, clipping the peak voltage to 190 V should not activate the ring trip. This
level of clipping would occur at the temperature when the VDRM has reduced to 190/200 = 0.95 of its 25 °C
value. Figure 10 shows that this condition will occur at an ambient temperature of -22 °C. In this example, the
TISP4260H3LM will allow normal equipment operation provided that the minimum expected ambient
temperature does not fall below -22 °C.
JESD51 thermal measurement method
To standardise thermal measurements, the EIA (Electronic Industries Alliance) has created the JESD51
standard. Part 2 of the standard (JESD51-2, 1995) describes the test environment. This is a 0.0283 m3 (1 ft3)
cube which contains the test PCB (Printed Circuit Board) horizontally mounted at the centre. Part 3 of the
standard (JESD51-3, 1996) defines two test PCBs for surface mount components; one for packages smaller
than 27 mm on a side and the other for packages up to 48 mm. The LM package measurements used the
smaller 76.2 mm x 114.3 mm (3.0 “ x 4.5 “) PCB. The JESD51-3 PCBs are designed to have low effective
thermal conductivity (high thermal resistance) and represent a worse case condition. The PCBs used in the
majority of applications will achieve lower values of thermal resistance and so can dissipate higher power
levels than indicated by the JESD51 values.


Similar Part No. - TISP4220H3LM

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP4220H3LM BOURNS-TISP4220H3LM Datasheet
518Kb / 13P
   TISP4xxxH3LM Overvoltage Protector Series
More results

Similar Description - TISP4220H3LM

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISP4070L3BJ POINN-TISP4070L3BJ Datasheet
223Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS?
TISP4070M3BJ POINN-TISP4070M3BJ Datasheet
317Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
logo
Bourns Electronic Solut...
TISP4XXXF3LM BOURNS-TISP4XXXF3LM Datasheet
384Kb / 11P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4290T3BJ BOURNS-TISP4290T3BJ_08 Datasheet
232Kb / 6P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXM3LM BOURNS-TISP4XXXM3LM Datasheet
449Kb / 16P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4500H3BJ BOURNS-TISP4500H3BJ Datasheet
201Kb / 6P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XX0T3BJ BOURNS-TISP4XX0T3BJ Datasheet
159Kb / 9P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXJ3BJ BOURNS-TISP4XXXJ3BJ Datasheet
187Kb / 8P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXM3AJ BOURNS-TISP4XXXM3AJ Datasheet
426Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4070M3BJ BOURNS-TISP4070M3BJ_07 Datasheet
650Kb / 12P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP43XXMMAJBJ BOURNS-TISP43XXMMAJBJ Datasheet
438Kb / 20P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com