Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

159PUL-SI Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # 159PUL-SI
Description  Aluminum electrolytic capacitors Power Ultra Long Life Snap-in
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

159PUL-SI Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button 159PUL-SI Datasheet HTML 4Page - List of Unclassifed Manufacturers 159PUL-SI Datasheet HTML 5Page - List of Unclassifed Manufacturers 159PUL-SI Datasheet HTML 6Page - List of Unclassifed Manufacturers 159PUL-SI Datasheet HTML 7Page - List of Unclassifed Manufacturers 159PUL-SI Datasheet HTML 8Page - List of Unclassifed Manufacturers 159PUL-SI Datasheet HTML 9Page - List of Unclassifed Manufacturers 159PUL-SI Datasheet HTML 10Page - List of Unclassifed Manufacturers 159PUL-SI Datasheet HTML 11Page - List of Unclassifed Manufacturers 159PUL-SI Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
2000 Nov 06
11
BCcomponents
Product specification
Aluminum electrolytic capacitors
Power Ultra Long Life Snap-in
159 PUL-SI
RIPPLE CURRENT AND USEFUL LIFE
Table 3
Multiplier of ripple current (IR) as a function of frequency
FREQUENCY
(Hz)
IR MULTIPLIER
50
0.9
100
0.95
120
1.0
200
1.15
1000
1.3
≥10000
1.4
Fig.6 Multiplier of useful life as a function of ambient temperature and ripple current load.
IA = actual ripple current at 120 Hz and 105 °C.
IR = rated ripple current at 120 Hz and 105 °C.
(1) Useful life at 105
°C and IR applied: 5000 hours.
1.3
1.2
1.1
1.0
0.8
0.5
0.0
40
50
60
70
80
90
Tamb (C)
o
IA
R
I
MGA454
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
(1)
2.4
2.5
2.6
2.7
100
110
life multiplier


Similar Part No. - 159PUL-SI

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
159PUL-SI VISHAY-159PUL-SI Datasheet
102Kb / 8P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 14-Oct-08
159PUL-SI VISHAY-159PUL-SI Datasheet
122Kb / 9P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 31-Jan-17
159PUL-SI VISHAY-159PUL-SI Datasheet
122Kb / 9P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
01-Jan-2023
159PUL-SI VISHAY-159PUL-SI_12 Datasheet
109Kb / 8P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 09-Mar-12
159PUL-SI VISHAY-159PUL-SI_17 Datasheet
122Kb / 9P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 31-Jan-17
More results

Similar Description - 159PUL-SI

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
158PUL-SI VISHAY-158PUL-SI_16 Datasheet
123Kb / 9P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 13-Oct-16
090PUL-SI VISHAY-090PUL-SI_17 Datasheet
115Kb / 7P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 08-Sep-17
159-PUL-SI VISHAY-159-PUL-SI Datasheet
121Kb / 9P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 31-Jan-17
090PUL-SI VISHAY-090PUL-SI_V01 Datasheet
97Kb / 7P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
01-Jan-2023
158PUL-SI VISHAY-158PUL-SI_V01 Datasheet
121Kb / 9P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
01-Jan-2023
159PUL-SI VISHAY-159PUL-SI_V01 Datasheet
122Kb / 9P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
01-Jan-2023
159PUL-SI VISHAY-159PUL-SI_17 Datasheet
122Kb / 9P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 31-Jan-17
159PULSI VISHAY-159PULSI Datasheet
121Kb / 9P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 31-Jan-17
159PULSI VISHAY-159PULSI_15 Datasheet
107Kb / 9P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 20-May-15
058PLL-SI VISHAY-058PLL-SI_16 Datasheet
148Kb / 11P
   Aluminum Electrolytic Capacitors Power Long Life Snap-In
Revision: 12-Oct-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com