Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SK83C Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SK83C
Description  8.0 AMPS. Surface Mount Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SK83C Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SK83C Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SK83C Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SK82C
- SK86C
8.0 AMPS. Surface Mount Schottky Barrier Rectifiers
Pb
RoHS
COMPLIANCE
RoHS
COMPLIANCE
SMC/DO-214AB
Features
For surface mounted application
Metal to silicon rectifier, majority carrier conduction
Low forward voltage drop
Easy pick and place
High surge current capability
Plastic material used carriers Underwriters
Laboratory Classification 94V-0
Epitaxial construction
High temperature soldering:
260
oC / 10 seconds at terminals
Mechanical Data
Case: Molded plastic
Terminals: Solder plated
Polarity: Indicated by cathode band
Packaging: 16mm tape per EIA STD RS-481
Weight: 0.21 gram
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25 oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol
SK
82C
SK
83C
SK
84C
SK
85C
SK
86C
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
20
30
40
50
60
V
Maximum RMS Voltage
VRMS
14
21
28
35
42
V
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
V
Maximum Average Forward Rectified Current
at TL (See Fig. 1)
I(AV)
8.0
A
Peak Forward Surge Current, 8.3 ms Single Half
Sine-wave Superimposed on Rated Load (JEDEC
method )
IFSM
150
A
Maximum Instantaneous Forward Voltage
(Note 1)
@8.0A
VF
0.55
0.75
V
0.5
Maximum DC Reverse Current @ TA =25
oC
at Rated DC Blocking Voltage
@ TA=100
oC
IR
15
10
mA
mA
Typical Thermal Resistance ( Note 2 )
R θJA
20
oC /W
Operating Temperature Range
TJ
-55 to +125
-55 to +150
oC
Storage Temperature Range
TSTG
-55 to +150
oC
Notes: 1
. Pulse Test with PW=300 usec, 1% Duty Cycle
2. Measured on P.C.Board with 0.6 x 0.6” (16.0 x 16.0mm) Copper Pad Areas.
Version: A07
Preliminary


Similar Part No. - SK83C

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SK83C TSC-SK83C Datasheet
50Kb / 2P
   8.0 AMPS. Surface Mount Schottky Barrier Rectifiers
logo
PACELEADER INDUSTRIAL
SK83C PACELEADER-SK83C Datasheet
163Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Taiwan Semiconductor Co...
SK83C TSC-SK83C Datasheet
527Kb / 2P
   8.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SK83C TSC-SK83C Datasheet
188Kb / 2P
   8.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SK83C TSC-SK83C Datasheet
208Kb / 4P
   Surface Mount Schottky Barrier Rectifier
More results

Similar Description - SK83C

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SK82C TSC-SK82C_13 Datasheet
269Kb / 4P
   8.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SK82C TSC-SK82C_10 Datasheet
527Kb / 2P
   8.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SK82C TSC-SK82C Datasheet
50Kb / 2P
   8.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SRAS820 TSC-SRAS820 Datasheet
161Kb / 2P
   8.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SK82C TSC-SK82C_11 Datasheet
188Kb / 2P
   8.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SRA820 TSC-SRA820_1 Datasheet
255Kb / 2P
   8.0 AMPS. Schottky Barrier Rectifiers
SRAS890 TSC-SRAS890 Datasheet
90Kb / 2P
   8.0 AMPS. Schottky Barrier Rectifiers
SRA820 TSC-SRA820_09 Datasheet
218Kb / 2P
   8.0 AMPS. Schottky Barrier Rectifiers
SR802 TSC-SR802_10 Datasheet
567Kb / 2P
   8.0 AMPS. Schottky Barrier Rectifiers
logo
Yangzhou yangjie electr...
SR820 YANGJIE-SR820 Datasheet
748Kb / 2P
   8.0 AMPS. SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com