Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP100K181B Datasheet(PDF) 4 Page - RICOH electronics devices division

Part # RP100K181B
Description  LOW NOISE 200mA LDO REGULATOR
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP100K181B Datasheet(HTML) 4 Page - RICOH electronics devices division

  RP100K181B Datasheet HTML 1Page - RICOH electronics devices division RP100K181B Datasheet HTML 2Page - RICOH electronics devices division RP100K181B Datasheet HTML 3Page - RICOH electronics devices division RP100K181B Datasheet HTML 4Page - RICOH electronics devices division RP100K181B Datasheet HTML 5Page - RICOH electronics devices division RP100K181B Datasheet HTML 6Page - RICOH electronics devices division RP100K181B Datasheet HTML 7Page - RICOH electronics devices division RP100K181B Datasheet HTML 8Page - RICOH electronics devices division RP100K181B Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
RP100x
4
ELECTRICAL CHARACTERISTICS
RP100xxx1B/D
VIN
=Set VOUT+1V, IOUT=1mA, CIN=COUT =1µF, unless otherwise noted.
Topt
=25°C
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
VOUT > 2.0V
×0.992
×1.008
V
VOUT
Output Voltage
VIN
=Set VOUT+1V
IOUT
=1mA
VOUT <
= 2.0V
−16
+16
mV
IOUT
Output Current
200
mA
∆VOUT/
∆IOUT
Load Regulation
1mA <
= IOUT <
= 150mA
20
40
mV
1.2V <
= VOUT < 1.5V
0.40
0.50
1.5V <
= VOUT < 1.7V
0.24
0.38
1.7V <
= VOUT < 2.0V
0.21
0.34
2.0V <
= VOUT < 2.5V
0.17
0.30
2.5V <
= VOUT < 2.8V
0.14
0.25
VDIF
Dropout Voltage
IOUT
=150mA
2.8V <
= VOUT <
= 3.3V
0.13
0.23
V
ISS
Supply Current
IOUT
=0mA
18
25
µA
Istandby
Standby Current
VCE
=0V
0.1
2.0
µA
∆VOUT/
∆VIN
Line Regulation
Set VOUT
+0.5V <
= VIN <
= 5.0V
0.02
0.10
%/V
RR
Ripple Rejection
f
=1kHz, Ripple 0.2Vp-p
VIN
=Set VOUT+1V, IOUT=30mA
(In case that VOUT <
= 2.0V, VIN=3V)
75
dB
VIN
Input Voltage*
1
1.7
5.25
V
∆VOUT/
∆Topt
Output Voltage
Temperature Coefficient
−40°C <
= Topt <
= 85°C
±30
ppm
/
°C
Ilim
Short Current Limit
VOUT
=0V
40
mA
IPD
CE Pull-down Current
0.3
µA
VCEH
CE Input Voltage "H"
1.5
V
VCEL
CE Input Voltage "L"
0.3
V
en
Output Noise
BW
=10Hz to 100kHz
IOUT
=30mA
30
µVrms
RLOW
Low Output Nch Tr.
ON Resistance
(of D version)
VIN
=4.0V, VCE=0V
30
*1) Max. Input Voltage is 5.5V during 500hours.


Similar Part No. - RP100K181B

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP100K121B-TR RICOH-RP100K121B-TR Datasheet
491Kb / 29P
   Supply Current Typ. 18uA
RP100K121D-TR RICOH-RP100K121D-TR Datasheet
491Kb / 29P
   Supply Current Typ. 18uA
RP100K151B-TR RICOH-RP100K151B-TR Datasheet
491Kb / 29P
   Supply Current Typ. 18uA
RP100K151D-TR RICOH-RP100K151D-TR Datasheet
491Kb / 29P
   Supply Current Typ. 18uA
More results

Similar Description - RP100K181B

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR9200 UTC-LR9200 Datasheet
270Kb / 7P
   LOW NOISE 200mA LDO REGULATOR
LR1122D UTC-LR1122D Datasheet
241Kb / 9P
   LOW NOISE 200mA LDO REGULATOR
LR1122D UTC-LR1122D_16 Datasheet
280Kb / 7P
   LOW NOISE 200mA LDO REGULATOR
logo
Richtek Technology Corp...
RT9182 RICHTEK-RT9182_08 Datasheet
112Kb / 9P
   Dual, Low-Noise, 200mA LDO Regulator
logo
Lowpower Semiconductor ...
LP3993 POWER-LP3993 Datasheet
306Kb / 7P
   200mA,Ultra-low Noise LDO Regulator
logo
Richtek Technology Corp...
RT9182 RICHTEK-RT9182 Datasheet
212Kb / 10P
   DUAL, LOW-NOISE, 200mA LDO REGULATOR
logo
Lowpower Semiconductor ...
LP3995 POWER-LP3995 Datasheet
542Kb / 9P
   200mA,Ultra-low Noise LDO Regulator
logo
Exar Corporation
SP6260 EXAR-SP6260_11 Datasheet
738Kb / 13P
   200mA RF Low Noise LDO Regulator
logo
Richtek Technology Corp...
RT9182 RICHTEK-RT9182_07 Datasheet
132Kb / 9P
   Dual, Low-Noise, 200mA LDO Regulator
logo
List of Unclassifed Man...
RT9177 ETC-RT9177 Datasheet
262Kb / 12P
   Ultra-Low-Noise 200mA LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com