Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP150K010A Datasheet(PDF) 3 Page - RICOH electronics devices division

Part # RP150K010A
Description  LOW NOISE Dual 300mA LDO
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP150K010A Datasheet(HTML) 3 Page - RICOH electronics devices division

  RP150K010A Datasheet HTML 1Page - RICOH electronics devices division RP150K010A Datasheet HTML 2Page - RICOH electronics devices division RP150K010A Datasheet HTML 3Page - RICOH electronics devices division RP150K010A Datasheet HTML 4Page - RICOH electronics devices division RP150K010A Datasheet HTML 5Page - RICOH electronics devices division RP150K010A Datasheet HTML 6Page - RICOH electronics devices division RP150K010A Datasheet HTML 7Page - RICOH electronics devices division RP150K010A Datasheet HTML 8Page - RICOH electronics devices division RP150K010A Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
RP150K
3
SELECTION GUIDE
The output voltage, auto discharge function*, and the taping type for the ICs can be selected at the user's
request.
The selection can be made with designating the part number as shown below;
RP150Kxxxx-xx-x ←Part Number
↑ ↑ ↑ ↑ ↑
a b c d e
Code
Contents
a
Designation of Package Type:
K: PLP2020-8
b
Setting combination of 2ch Output Voltage (VOUT):
Serial Number for Voltage setting from 001,
Stepwise setting in the range of 1.5V to 3.3V is possible for each channel.
c
Designation of Mask Option:
A: without auto discharge function* at OFF state.
B: with auto discharge function* at OFF state
d
Designation of Taping Type:
Ex. TR (refer to Taping Specifications; TR type is the standard direction.)
e
Designation of composition of plating:
None : Au plating
*) When the mode is into standby with CE signal, auto discharge transistor turns on, and it makes the turn-off
speed faster than normal type.


Similar Part No. - RP150K010A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP150K001 RICOH-RP150K001_17 Datasheet
320Kb / 26P
   LOW NOISE Dual 300mA LDO
More results

Similar Description - RP150K010A

ManufacturerPart #DatasheetDescription
logo
Power IC Ltd.
PL2211 PICSEMI-PL2211 Datasheet
365Kb / 9P
   300mA Low Noise Dual LDO
logo
RICOH electronics devic...
RP150K001 RICOH-RP150K001_17 Datasheet
320Kb / 26P
   LOW NOISE Dual 300mA LDO
logo
Unisonic Technologies
LR7XXYY UTC-LR7XXYY Datasheet
195Kb / 7P
   LOW NOISE DUAL 300mA LDO
logo
List of Unclassifed Man...
CM2730 ETC-CM2730 Datasheet
267Kb / 10P
   300mA DUAL LOW NOISE CMOS LDO
logo
Mitsumi Electronics, Co...
MM1899 MITSUMI-MM1899 Datasheet
383Kb / 18P
   Low noise 300mA LDO
logo
Taiwan Semiconductor Co...
TS9007 TSC-TS9007_07 Datasheet
313Kb / 8P
   300mA Low Noise CMOS LDO
logo
Unisonic Technologies
LR9101 UTC-LR9101_17 Datasheet
216Kb / 5P
   LOW NOISE 300mA LDO REGULATOR
LR9102 UTC-LR9102_17 Datasheet
274Kb / 6P
   LOW NOISE 300mA LDO REGULATOR
logo
Global Mixed-mode Techn...
G914X GMT-G914X Datasheet
275Kb / 10P
   300mA Low-Noise LDO Regulators
logo
Unisonic Technologies
LR9102 UTC-LR9102 Datasheet
166Kb / 4P
   LOW NOISE 300mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com