Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR105 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # SR105
Description  1.0 AMP. Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SR105 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  SR105 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SR105 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
-93-
RATINGS AND CHARACTERISTIC CURVES (SR102 THUR SR110)
FIG.1- FORWARD CURRENT DERATING CURVE
FIG.2- TYPICAL FORWARD CHARACTERISTICS
FIG.3- TYPICAL REVERSE CHARACTERISTICS
FIG.5- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
FIG.4- TYPICAL JUNCTION CAPACITANCE
0
25
50
75
100
125
150
175
0.1
0.3
0.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9
2.1
0
20
40
60
80
100
120
140
1
2
4
6
8 10
20
40
100
60 80
0.1
0.4
1
4
10
40
0
0.25
0.50
0.75
1
0.1
1
10
20
0
10
40
30
50
10
20
40
60
100
80
200
400
100
10
1
0.1
0.01
0.001
LEAD TEMPERATURE. ( C)
o
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
REVERSE VOLTAGE. (V)
FORWARD VOLTAGE. (V)
NUMBER OF CYCLES AT 60Hz
Tj=100 C
0
Tj=25 C
0
SR105-SR106
SR102-SR104
Tj=75 C
0
Tj=25oC
Pulse Width=300 s
1% Duty Cycle
SR109-SR1
10
SR102-SR106
SR109-SR1
10
20
100


Similar Part No. - SR105

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SR105 MOSPEC-SR105 Datasheet
223Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(1.0A,20-60V)
logo
Shenzhen Luguang Electr...
SR105 LUGUANG-SR105 Datasheet
188Kb / 2P
   1.0AMP. Schottky Barrier Rectifiers
logo
Jinan Gude Electronic D...
SR105 JGD-SR105 Datasheet
143Kb / 2P
   1.0 AMP. SCHOTTKY BARRIER RECTIFIERS
logo
Lumins Inc.
SR105 LUMINIS-SR105 Datasheet
987Kb / 4P
   Cast aluminum ballast housing.
logo
Diodes Incorporated
SR105 DIODES-SR105 Datasheet
149Kb / 2P
   HIGH CURRENT SCHOTTKY BARRIER RECTIFIER
DS23002 Rev. 5 - 3
More results

Similar Description - SR105

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SDBS12 TSC-SDBS12 Datasheet
101Kb / 2P
   1.0 AMP. Schottky Barrier Rectifiers
SR102 TSC-SR102_10 Datasheet
527Kb / 2P
   1.0 AMP. Schottky Barrier Rectifiers
logo
List of Unclassifed Man...
SR160S ETC1-SR160S Datasheet
53Kb / 2P
   1.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
1N5817 TSC-1N5817_1 Datasheet
61Kb / 2P
   1.0 AMP. Schottky Barrier Rectifiers
logo
DIYI Electronic Technol...
1S2 DYELEC-1S2 Datasheet
792Kb / 2P
   1.0 AMP. Schottky Barrier Rectifiers
logo
Nanjing International G...
SR1100-1A-DO-41 DGNJDZ-SR1100-1A-DO-41 Datasheet
318Kb / 2P
   1.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
DIYI Electronic Technol...
SB120U DYELEC-SB120U Datasheet
710Kb / 2P
   1.0 AMP. Schottky Barrier Rectifiers
logo
Nanjing International G...
1N5817-1A-DO-41 DGNJDZ-1N5817-1A-DO-41 Datasheet
206Kb / 2P
   1.0 AMP SCHOTTKY BARRIER RECTIFIERS
SR220-2A-DO-41 DGNJDZ-SR220-2A-DO-41 Datasheet
212Kb / 2P
   1.0 AMP SCHOTTKY BARRIER RECTIFIERS
SR250-2A-DO-41 DGNJDZ-SR250-2A-DO-41 Datasheet
212Kb / 2P
   1.0 AMP SCHOTTKY BARRIER RECTIFIERS
SR1150.1A-DO-41 DGNJDZ-SR1150.1A-DO-41 Datasheet
318Kb / 2P
   1.0 AMP SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com