Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMCJ16A Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # SMCJ16A
Description  Surface Mount Transient Voltage Suppressor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SMCJ16A Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  SMCJ16A Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SMCJ16A Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SMCJ16A Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SMCJ16A Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd SMCJ16A Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
- 609 -
ELECTRICAL CHARACTERISTICS (TA=25
OC unless otherwise noted)
Breakdown
Maximum
Maximum
Device Type
Device
Voltage
Test
Stand-off
Reverse
Peak Pulse
Maximum
Modified
Marking
V(BR) (Volts)
Current
voltage
Leakage
Surge
Clamping
"J" Bend Lead
Code
(Note 1)
at IT(mA)
VWM(Volts)
at VWM
Current IPPM
Voltage at IPPM
(MIN / MAX)
(Note 3) ID(uA)
(Note 2) (Amps)
VC(Volts)
SMCJ45
GFU
50.0 / 61.1
1.0
45.0
5.0
19.0
80.3
SMCJ45A
GFV
50.0 / 55.3
1.0
45.0
5.0
21.0
72.7
SMCJ48
GFW
53.3 / 65.1
1.0
48.0
5.0
18.0
85.5
SMCJ48A
GFX
53.3 / 58.9
1.0
48.0
5.0
20.0
77.4
SMCJ51
GFY
56.7 / 69.3
1.0
51.0
5.0
17.0
91.1
SMCJ51A
GFZ
56.7 / 62.7
1.0
51.0
5.0
19.0
82.4
SMCJ54
GGD
60.0 / 73.3
1.0
54.0
5.0
16.0
96.3
SMCJ54A
GGE
60.0 / 66.3
1.0
54.0
5.0
18.0
87.1
SMCJ58
GGF
64.4 / 78.7
1.0
58.0
5.0
15.0
103.0
SMCJ58A
GGG
64.4 / 71.2
1.0
58.0
5.0
16.0
93.6
SMCJ60
GGH
66.7 / 81.5
1.0
60.0
5.0
14.0
107.0
SMCJ60A
GGK
66.7 / 73.7
1.0
60.0
5.0
16.0
96.8
SMCJ64
GGL
71.1 / 86.9
1.0
64.0
5.0
13.8
114.0
SMCJ64A
GGM
71.1 / 78.6
1.0
64.0
5.0
15.0
103.0
SMCJ70
GGN
77.8 / 95.1
1.0
70.0
5.0
12.6
125.0
SMCJ70A
GGP
77.8 / 86.0
1.0
70.0
5.0
13.9
113.0
SMCJ75
GGQ
83.3 / 102
1.0
75.0
5.0
11.7
134.0
SMCJ75A
GGR
83.3 / 92.1
1.0
75.0
5.0
13.0
121.0
MSJC78
GGS
86.7 / 106
1.0
78.0
5.0
11.3
139.0
SMCJ78A
GGT
86.7 / 95.8
1.0
78.0
5.0
12.5
126.0
SMCJ85
GGU
94.4 / 115
1.0
85.0
5.0
10.4
151.0
SMCJ85A
GGV
94.4 / 104
1.0
85.0
5.0
11.5
137.0
SMCJ90
GGW
100 / 122
1.0
90.0
5.0
9.8
160.0
SMCJ90A
GGX
100 / 111
1.0
90.0
5.0
10.7
146.0
SMCJ100
GGY
111 / 136
1.0
100.0
5.0
8.8
179.0
SMCJ100A
GGZ
111 / 123
1.0
100.0
5.0
9.7
162.0
SMCJ110
GHD
122 / 149
1.0
110.0
5.0
8.0
196.0
SMCJ110A
GHE
122 / 135
1.0
110.0
5.0
8.9
177.0
SMCJ120
GHF
133 / 163
1.0
120.0
5.0
7.3
214.0
SMCJ120A
GHG
133 / 147
1.0
120.0
5.0
8.1
193.0
SMCJ130
GHH
144 / 176
1.0
130.0
5.0
6.8
231.0
SMCJ130A
GHK
144 / 159
1.0
130.0
5.0
7.5
209.0
SMCJ150
GHL
167 / 204
1.0
150.0
5.0
5.8
268.0
SMCJ150A
GHM
167 / 185
1.0
150.0
5.0
6.4
243.0
SMCJ160
GHN
178 / 218
1.0
160.0
5.0
5.4
287.0
SMCJ160A
GHP
178 / 197
1.0
160.0
5.0
6.0
259.0
SMCJ170
GHQ
189 / 231
1.0
170.0
5.0
5.1
304.0
SMCJ170A
GHR
189 / 209
1.0
170.0
5.0
5.7
275.0
Notes:
1. V(BR) measured after IT applied for 300us, IT=Square wave pulse or equivalent.
2. Surge current waveform per Fig. 3 and derate per Figure 2.
3. For bidirectional types having VWM of 10 Volts and less, the ID limit is doubled
4. all terms and symbols are consistent with ANSI/IEEE C62.35


Similar Part No. - SMCJ16A

ManufacturerPart #DatasheetDescription
logo
Dc Components
SMCJ16A DCCOM-SMCJ16A Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMCJ16A MCC-SMCJ16A Datasheet
249Kb / 5P
   Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
logo
Vishay Siliconix
SMCJ16A VISHAY-SMCJ16A Datasheet
93Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 20-Dec-11
logo
Shanghai Leiditech Elec...
SMCJ16A LEIDITECH-SMCJ16A Datasheet
913Kb / 6P
   1500W Transient Voltage Suppressor
logo
Taiwan Semiconductor Co...
SMCJ16A TSC-SMCJ16A Datasheet
465Kb / 5P
   1500 Watts Surface Mount Transient Voltage Suppressor
More results

Similar Description - SMCJ16A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com