Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMCJ17 Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # SMCJ17
Description  1500 Watts Surface Mount Transient Voltage Suppressor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SMCJ17 Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  SMCJ17 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SMCJ17 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SMCJ17 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SMCJ17 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd SMCJ17 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
- 549 -
ELECTRICAL CHARACTERISTICS (TA=25
OC unless otherwise noted)
Breakdown
Maximum
Maximum
Device Type
Device
Voltage
Test
Stand-off
Reverse
Peak Pulse
Maximum
Modified
Marking
V(BR) (Volts)
Current
voltage
Leakage
Surge
Clamping
"J" Bend Lead
Code
(Note 1)
at IT(mA)
VWM(Volts)
at VWM
Current IPPM
Voltage at IPPM
(MIN / MAX)
(Note 3) ID(uA)
(Note 2) (Amps)
VC(Volts)
SMCJ45
GFU
50.0 / 61.1
1.0
45.0
5.0
19.0
80.3
SMCJ45A
GFV
50.0 / 55.3
1.0
45.0
5.0
21.0
72.7
SMCJ48
GFW
53.3 / 65.1
1.0
48.0
5.0
18.0
85.5
SMCJ48A
GFX
53.3 / 58.9
1.0
48.0
5.0
20.0
77.4
SMCJ51
GFY
56.7 / 69.3
1.0
51.0
5.0
17.0
91.1
SMCJ51A
GFZ
56.7 / 62.7
1.0
51.0
5.0
19.0
82.4
SMCJ54
GGD
60.0 / 73.3
1.0
54.0
5.0
16.0
96.3
SMCJ54A
GGE
60.0 / 66.3
1.0
54.0
5.0
18.0
87.1
SMCJ58
GGF
64.4 / 78.7
1.0
58.0
5.0
15.0
103.0
SMCJ58A
GGG
64.4 / 71.2
1.0
58.0
5.0
16.0
93.6
SMCJ60
GGH
66.7 / 81.5
1.0
60.0
5.0
14.0
107.0
SMCJ60A
GGK
66.7 / 73.7
1.0
60.0
5.0
16.0
96.8
SMCJ64
GGL
71.1 / 86.9
1.0
64.0
5.0
13.8
114.0
SMCJ64A
GGM
71.1 / 78.6
1.0
64.0
5.0
15.0
103.0
SMCJ70
GGN
77.8 / 95.1
1.0
70.0
5.0
12.6
125.0
SMCJ70A
GGP
77.8 / 86.0
1.0
70.0
5.0
13.9
113.0
SMCJ75
GGQ
83.3 / 102
1.0
75.0
5.0
11.7
134.0
SMCJ75A
GGR
83.3 / 92.1
1.0
75.0
5.0
13.0
121.0
MSJC78
GGS
86.7 / 106
1.0
78.0
5.0
11.3
139.0
SMCJ78A
GGT
86.7 / 95.8
1.0
78.0
5.0
12.5
126.0
SMCJ85
GGU
94.4 / 115
1.0
85.0
5.0
10.4
151.0
SMCJ85A
GGV
94.4 / 104
1.0
85.0
5.0
11.5
137.0
SMCJ90
GGW
100 / 122
1.0
90.0
5.0
9.8
160.0
SMCJ90A
GGX
100 / 111
1.0
90.0
5.0
10.7
146.0
SMCJ100
GGY
111 / 136
1.0
100.0
5.0
8.8
179.0
SMCJ100A
GGZ
111 / 123
1.0
100.0
5.0
9.7
162.0
SMCJ110
GHD
122 / 149
1.0
110.0
5.0
8.0
196.0
SMCJ110A
GHE
122 / 135
1.0
110.0
5.0
8.9
177.0
SMCJ120
GHF
133 / 163
1.0
120.0
5.0
7.3
214.0
SMCJ120A
GHG
133 / 147
1.0
120.0
5.0
8.1
193.0
SMCJ130
GHH
144 / 176
1.0
130.0
5.0
6.8
231.0
SMCJ130A
GHK
144 / 159
1.0
130.0
5.0
7.5
209.0
SMCJ150
GHL
167 / 204
1.0
150.0
5.0
5.8
268.0
SMCJ150A
GHM
167 / 185
1.0
150.0
5.0
6.4
243.0
SMCJ160
GHN
178 / 218
1.0
160.0
5.0
5.4
287.0
SMCJ160A
GHP
178 / 197
1.0
160.0
5.0
6.0
259.0
SMCJ170
GHQ
189 / 231
1.0
170.0
5.0
5.1
304.0
SMCJ170A
GHR
189 / 209
1.0
170.0
5.0
5.7
275.0
Notes:
1. V(BR) measured after IT applied for 300us, IT=Square wave pulse or equivalent.
2. Surge current waveform per Fig. 3 and derate per Figure 2.
3. For bidirectional types having VWM of 10 Volts and less, the ID limit is doubled
4. all terms and symbols are consistent with ANSI/IEEE C62.35
Version: B07


Similar Part No. - SMCJ17

ManufacturerPart #DatasheetDescription
logo
Guangdong Juxing Electr...
SMCJ17 JUXING-SMCJ17 Datasheet
1Mb / 4P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
Dc Components
SMCJ17 DCCOM-SMCJ17 Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
SMCJ17 LUGUANG-SMCJ17 Datasheet
2Mb / 4P
   Transient Voltage Suppressors
logo
UNIOHM CORPORATION
SMCJ17 UNIOHM-SMCJ17 Datasheet
359Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Diodes Incorporated
SMCJ17 DIODES-SMCJ17 Datasheet
123Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SMCJ17

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
1.5SMC TSC-1.5SMC_11 Datasheet
200Kb / 4P
   1500 Watts Surface Mount Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
TPSMC43 SUNMATE-TPSMC43 Datasheet
95Kb / 3P
   1500 Watts Surface Mount Transient Voltage Suppressor
logo
Shenzhen Luguang Electr...
SMCG5.0 LUGUANG-SMCG5.0 Datasheet
252Kb / 4P
   1500 Watts Surface Mount Transient Voltage Suppressor
logo
Taiwan Semiconductor Co...
1.5SMC TSC-1.5SMC_1 Datasheet
276Kb / 4P
   1500 Watts Surface Mount Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
TPSMC6.8 SUNMATE-TPSMC6.8 Datasheet
95Kb / 3P
   1500 Watts Surface Mount Transient Voltage Suppressor
logo
Shenzhen Luguang Electr...
15SMC68 LUGUANG-15SMC68 Datasheet
283Kb / 4P
   1500 Watts Surface Mount Transient Voltage Suppressor
logo
Taiwan Semiconductor Co...
SMCJ TSC-SMCJ_11 Datasheet
177Kb / 5P
   1500 Watts Suface Mount Transient Voltage Suppressor
SMCJ TSC-SMCJ_13 Datasheet
351Kb / 7P
   1500 Watts Suface Mount Transient Voltage Suppressor
logo
Pan Jit International I...
1.5SMCJ_SERIES PANJIT-1.5SMCJ_SERIES_14 Datasheet
221Kb / 7P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 1500 Watts
logo
DONGGUAN YOU FENG WEI E...
1.5KE6.8A YFWDIODE-1.5KE6.8A Datasheet
1Mb / 6P
   Transient voltage suppressor power 1500 watts
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com