Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR315 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SR315
Description  3.0 AMPS. Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SR315 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SR315 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SR315 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
- 86 -
Version: B07
SR302 - SR315
3.0 AMPS. Schottky Barrier Rectifiers
DO-201AD
Features
Low power loss, high efficiency.
High current capability, Low VF.
High reliability
High surge current capability.
Epitaxial construction.
Guard-ring for transient protection.
For use in low voltage, high frequency
inventor, free wheeling, and polarity
protection application
Mechanical Data
Cases: DO-201AD molded plastic
Epoxy: UL 94V-0 rate flame retardant
Lead: Pure tin plated, lead free., solderable
per MIL-STD-202, Method 208
guaranteed
Polarity: Color band denotes cathode
High temperature soldering guaranteed:
260oC/10 seconds/.375”,(9.5mm) lead
lengths at 5 lbs., (2.3kg) tension
Weight: 1.1 grams
Maximum Ratings and Electrical Characteristics
Rating at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol SR
302
SR
303
SR
304
SR
305
SR
306
SR
309
SR
310
SR
315
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
20
30
40
50
60
90
100 150
V
Maximum RMS Voltage
VRMS
14
21
28
35
42
63
70
105
V
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
90
100 150
V
Maximum Average Forward Rectified Current
See Fig. 1
I(AV)
3.0
A
Peak Forward Surge Current, 8.3 ms Single Half
Sine-wave Superimposed on Rated Load (JEDEC
method )
IFSM
80
A
Maximum Instantaneous Forward Voltage @3.0A
VF
0.55
0.70
0.85
0.95
V
0.5
Maximum D.C. Reverse Current
@ TA=25
oC
at Rated DC Blocking Voltage
@ TA=125
oC
IR
10
5
0.1
2.0
mA
mA
Typical Junction Capacitance (Note 2)
Cj
200
130
72
pF
Typical Thermal Resistance (Note 1)
RθJA
RθJC
50
15
o
C/W
Operating Junction Temperature Range
TJ
-65 to +125
-65 to +150
o
C
Storage Temperature Range
TSTG
-65 to +150
o
C
Notes:
1. Mount on Cu-Pad Size 16mm x 16mm on P.C.B.
2. Measured at 1 MHz and Applied Reverse Voltage of 4.0V D.C.


Similar Part No. - SR315

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SR315 ETC-SR315 Datasheet
86Kb / 2P
   315.00 MHz One-Port SAW Resonator
logo
Vanlong Technology Co.,...
SR315 VANLONG-SR315 Datasheet
91Kb / 2P
   315.00 MHz One-Port SAW Resonator
logo
Taiwan Semiconductor Co...
SR315 TSC-SR315 Datasheet
210Kb / 2P
   3.0 AMPS. Schottky Barrier Rectifiers
logo
PETERMANN-TECHNIK
SR315 PETERMANN-SR315 Datasheet
83Kb / 7P
   HIGH RELIABILITY FOR LOW COST
logo
Taiwan Semiconductor Co...
SR315 TSC-SR315 Datasheet
194Kb / 2P
   3.0 AMPS. Schottky Barrier Rectifiers
More results

Similar Description - SR315

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SR302 TSC-SR302 Datasheet
66Kb / 2P
   3.0 AMPS. Schottky Barrier Rectifiers
SR302 TSC-SR302_09 Datasheet
210Kb / 2P
   3.0 AMPS. Schottky Barrier Rectifiers
SRAD320 TSC-SRAD320 Datasheet
52Kb / 2P
   3.0 AMPS. Schottky Barrier Rectifiers
1N5820 TSC-1N5820_1 Datasheet
63Kb / 2P
   3.0 AMPS. Schottky Barrier Rectifiers
logo
Yangzhou yangjie electr...
SR320 YANGJIE-SR320 Datasheet
694Kb / 2P
   3.0 AMPS. SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
1N5820 TSC-1N5820 Datasheet
245Kb / 2P
   3.0 AMPS. Schottky Barrier Rectifiers
logo
Jinan Gude Electronic D...
SR302 JGD-SR302 Datasheet
143Kb / 2P
   3.0 AMPS. SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
SR302 TSC-SR302_10 Datasheet
194Kb / 2P
   3.0 AMPS. Schottky Barrier Rectifiers
1N5820 TSC-1N5820_10 Datasheet
397Kb / 2P
   3.0 AMPS. Schottky Barrier Rectifiers
SS32 TSC-SS32_1 Datasheet
142Kb / 2P
   3.0 AMPS. Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com