Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP101K121B Datasheet(PDF) 5 Page - RICOH electronics devices division

Part # RP101K121B
Description  LOW NOISE 300mA LDO REGULATOR
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP101K121B Datasheet(HTML) 5 Page - RICOH electronics devices division

  RP101K121B Datasheet HTML 1Page - RICOH electronics devices division RP101K121B Datasheet HTML 2Page - RICOH electronics devices division RP101K121B Datasheet HTML 3Page - RICOH electronics devices division RP101K121B Datasheet HTML 4Page - RICOH electronics devices division RP101K121B Datasheet HTML 5Page - RICOH electronics devices division RP101K121B Datasheet HTML 6Page - RICOH electronics devices division RP101K121B Datasheet HTML 7Page - RICOH electronics devices division RP101K121B Datasheet HTML 8Page - RICOH electronics devices division RP101K121B Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
RP101x
5
TYPICAL APPLICATION
C1
RP101x
Series
VDD
VOUT
CE
GND
C2
VOUT
(External Components)
C2
1.0
µF
MURATA: GRM155B31A105KE15
TECHNICAL NOTES
When using these ICs, consider the following points:
Phase Compensation
In these ICs, phase compensation is made for securing stable operation even if the load current is varied. For
this purpose, use a capacitor C2 with 1.0
µF or more capacity.
Ceramic capacitors have different temperature characteristics and bias characteristics depending on their
dimensions and manufacturers. If the setting voltage is 2.5V or more and the capacitor’s dimensions for VOUT
equal to 1.0mm by 0.5mm or smaller than that, the capacitance value might be extremely low. As a result, the
capacitance might be much less than expected. In such cases, the operation might be unstable at low
temperature. (-20
°C or less) In that case, use a larger capacity, or a large dimensions’ capacitor. (For example
1.6mm by 0.8mm)
If a tantalum capacitor is selected as an output capacitor, large ESR may be a cause of unstable operation.
Evaluate the operation of PCB with considerable frequency characteristics.
PCB Layout
Make VDD and GND lines sufficient. If their impedance is high, noise pickup or unstable operation may result.
Connect a capacitor C1 with a capacitance value as much as 1.0
µF or more between VDD and GND pin, and as
close as possible to the pins.
Set external components, especially the output capacitor C2, as close as possible to the ICs, and make wiring
as short as possible.


Similar Part No. - RP101K121B

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP101K121B-TR RICOH-RP101K121B-TR Datasheet
394Kb / 33P
   Supply Current Typ. 18uA
More results

Similar Description - RP101K121B

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR9101 UTC-LR9101_17 Datasheet
216Kb / 5P
   LOW NOISE 300mA LDO REGULATOR
LR9102 UTC-LR9102_17 Datasheet
274Kb / 6P
   LOW NOISE 300mA LDO REGULATOR
LR9102 UTC-LR9102 Datasheet
166Kb / 4P
   LOW NOISE 300mA LDO REGULATOR
LR9133 UTC-LR9133 Datasheet
194Kb / 4P
   LOW NOISE 300mA LDO REGULATOR
logo
RICOH electronics devic...
RP102X RICOH-RP102X Datasheet
1Mb / 32P
   LOW NOISE 300mA LDO REGULATOR
RP102K121B RICOH-RP102K121B_17 Datasheet
376Kb / 30P
   LOW NOISE 300mA LDO REGULATOR
logo
Unisonic Technologies
LR9113 UTC-LR9113 Datasheet
536Kb / 10P
   LOW NOISE 300mA LDO REGULATOR
LR9101 UTC-LR9101 Datasheet
191Kb / 4P
   LOW NOISE 300mA LDO REGULATOR
logo
Semtech Corporation
SC573 SEMTECH-SC573 Datasheet
1Mb / 17P
   300mA Low-Noise LDO Regulator
logo
Global Mixed-mode Techn...
AT1203 GMT-AT1203 Datasheet
199Kb / 2P
   Low Noise, 300mA CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com