Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP101K191B Datasheet(PDF) 1 Page - RICOH electronics devices division

Part # RP101K191B
Description  LOW NOISE 300mA LDO REGULATOR
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP101K191B Datasheet(HTML) 1 Page - RICOH electronics devices division

  RP101K191B Datasheet HTML 1Page - RICOH electronics devices division RP101K191B Datasheet HTML 2Page - RICOH electronics devices division RP101K191B Datasheet HTML 3Page - RICOH electronics devices division RP101K191B Datasheet HTML 4Page - RICOH electronics devices division RP101K191B Datasheet HTML 5Page - RICOH electronics devices division RP101K191B Datasheet HTML 6Page - RICOH electronics devices division RP101K191B Datasheet HTML 7Page - RICOH electronics devices division RP101K191B Datasheet HTML 8Page - RICOH electronics devices division RP101K191B Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
RP101x SERIES
LOW NOISE 300mA LDO REGULATOR
NO.EA-167-070903
1
OUTLINE
The RP101x Series are CMOS-based voltage regulator ICs with high output voltage accuracy, extremely low
supply current, low ON-resistance, and high ripple rejection. Each of these ICs consists of a voltage reference
unit, an error amplifier, resistor-net for voltage setting, a current limit circuit, and a chip enable circuit.
These ICs perform with low dropout voltage and a chip enable function. The line transient response and load
transient response of the RP101x Series are excellent, thus these ICs are very suitable for the power supply for
hand-held communication equipment.
The output voltage of these ICs is fixed with high accuracy. Since the packages for these ICs are SOT-23-5 and
PLP1612-4 (t=0.6mm type) or PLP1612-4B (t=0.4mm type), therefore high density mounting of the ICs on
boards is possible.
FEATURES
• Supply Current .............................................................Typ. 18µA
• Standby Current ...........................................................Typ. 0.1µA
• Dropout Voltage............................................................Typ. 0.13V (IOUT=150mA, VOUT=2.8V)
• Ripple Rejection ...........................................................Typ. 75dB (f=1kHz)
• Temperature-Drift Coefficient of Output Voltage ..........Typ. ±30ppm/°C
• Line Regulation ............................................................Typ. 0.02%/V
• Output Voltage Accuracy..............................................±0.8%
• Packages......................................................................PLP1612-4, PLP1612-4B, SOT-23-5
• Input Voltage Range.....................................................1.7V to 5.25V
• Output Voltage..............................................................1.2V, 1.3V, 1.5V, 1.8V, 1.85V, 1.9V, 2.0V, 2.1V, 2.5V,
2.6V, 2.7V, 2.8V, 2.85V, 2.9V, 3.0V, 3.1V, 3.3V
• Built-in Fold Back Protection Circuit.............................Typ. 40mA (Current at short mode)
• Ceramic capacitors are recommended to be used with this IC .... 1.0µF or more
APPLICATIONS
• Power source for portable communication equipment.
• Power source for electrical appliances such as cameras, VCRs and camcorders.
• Power source for battery-powered equipment.
• Power source for home appliances.


Similar Part No. - RP101K191B

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP101K121B-TR RICOH-RP101K121B-TR Datasheet
394Kb / 33P
   Supply Current Typ. 18uA
RP101K121D-TR RICOH-RP101K121D-TR Datasheet
394Kb / 33P
   Supply Current Typ. 18uA
RP101K122B-TR RICOH-RP101K122B-TR Datasheet
394Kb / 33P
   Supply Current Typ. 18uA
RP101K122D-TR RICOH-RP101K122D-TR Datasheet
394Kb / 33P
   Supply Current Typ. 18uA
RP101K151B-TR RICOH-RP101K151B-TR Datasheet
394Kb / 33P
   Supply Current Typ. 18uA
More results

Similar Description - RP101K191B

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR9101 UTC-LR9101_17 Datasheet
216Kb / 5P
   LOW NOISE 300mA LDO REGULATOR
LR9102 UTC-LR9102_17 Datasheet
274Kb / 6P
   LOW NOISE 300mA LDO REGULATOR
LR9102 UTC-LR9102 Datasheet
166Kb / 4P
   LOW NOISE 300mA LDO REGULATOR
LR9133 UTC-LR9133 Datasheet
194Kb / 4P
   LOW NOISE 300mA LDO REGULATOR
logo
RICOH electronics devic...
RP102X RICOH-RP102X Datasheet
1Mb / 32P
   LOW NOISE 300mA LDO REGULATOR
RP102K121B RICOH-RP102K121B_17 Datasheet
376Kb / 30P
   LOW NOISE 300mA LDO REGULATOR
logo
Unisonic Technologies
LR9113 UTC-LR9113 Datasheet
536Kb / 10P
   LOW NOISE 300mA LDO REGULATOR
LR9101 UTC-LR9101 Datasheet
191Kb / 4P
   LOW NOISE 300mA LDO REGULATOR
logo
Semtech Corporation
SC573 SEMTECH-SC573 Datasheet
1Mb / 17P
   300mA Low-Noise LDO Regulator
logo
Global Mixed-mode Techn...
AT1203 GMT-AT1203 Datasheet
199Kb / 2P
   Low Noise, 300mA CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com