Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMCJ43 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SMCJ43
Description  1500 Watts Surface Mount Transient Voltage Suppressor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SMCJ43 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SMCJ43 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SMCJ43 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SMCJ43 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SMCJ43 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd SMCJ43 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Dimensions in inches and (millimeters)
- 546 -
Version: B07
SMCJ SERIES
1500 Watts Surface Mount
Transient Voltage Suppressor
SMC/DO-214AB
.126(3.20)
.114(2.90)
.012(.31)
.006(.15)
.008(.20)
.004(.10)
.063(1.6)
.039(1.0)
.245(6.22)
.220(5.59)
.280(7.11)
.260(6.60)
.103(2.62)
.079(2.00)
.320(8.13)
.305(7.75)
.061(1.56)
.050(1.26)
Features
For surface mounted application
Low profile package
Built-in strain relief
Glass passivated junction
Excellent clamping capability
Fast response time: Typically less than 1.0ps
from 0 volt to BV min.
Typical IR less than 1
μA above 10V
High temperature soldering guaranteed:
260
oC / 10 seconds at terminals
Plastic material used carries Underwriters
Laboratory Flammability Classification 94V-0
1500 watts peak pulse power capability with a 10
X 1000 us waveform by 0.01% duty cycle
Mechanical Data
Case: Molded plastic
Terminals: Pure tin plated lead free.
Polarity: Indicated by cathode band
Standard packaging: 16mm tape (EIA STD
RS-481)
Weight: 0.21gram
Maximum Ratings and Electrical Characteristics
Rating at 25
oC ambient temperature unless otherwise specified.
Type Number
Symbol
Value
Units
P
eak Power Dissipation at TA=25
oC, Tp=1ms (Note 1)
PPK
Minimum 1500
Watts
Steady State Power Dissipation
Pd
5
Watts
Peak Forward Surge Current, 8.3 ms Single Half
Sine-wave Superimposed on Rated Load
(JEDEC method) (Note 2, 3) - Unidirectional Only
IFSM
200
Amps
Maximum Instantaneous Forward Voltage at 100.0A for
Unidirectional Only (Note 4)
VF
3.5 / 5.0
Volts
Operating and Storage Temperature Range
TJ, TSTG
-55 to + 150
oC
Notes:
1. Non-repetitive Current Pulse Per Fig. 3 and Derated above TA=25
oC Per Fig. 2.
2. Mounted on 8.0mm
2 (.013mm Thick) Copper Pads to Each Terminal.
3. 8.3ms Single Half Sine-wave or Equivalent Square Wave, Duty Cycle=4 Pulses Per Minute Maximum.
4. VF=3.5V on SMCJ5.0 thru SMCJ90 Devices and VF=5.0V on SMCJ100 thru SMCJ170 Devices.
Devices for Bipolar Applications
1. For Bidrectional Use C or CA Suffix for Types SMCJ5.0 through Types SMCJ170.
2. Electrical Characteristics Apply in Both Directions.


Similar Part No. - SMCJ43

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMCJ43 ETC2-SMCJ43 Datasheet
332Kb / 4P
   Transient Voltage Suppressor
logo
Dc Components
SMCJ43 DCCOM-SMCJ43 Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
UN Semiconducctor INC
SMCJ43 UNSEMI-SMCJ43 Datasheet
4Mb / 8P
   5.0 To 440V 1500W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
UNIOHM CORPORATION
SMCJ43 UNIOHM-SMCJ43 Datasheet
359Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Diodes Incorporated
SMCJ43 DIODES-SMCJ43 Datasheet
123Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SMCJ43

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
1.5SMC TSC-1.5SMC_11 Datasheet
200Kb / 4P
   1500 Watts Surface Mount Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
TPSMC43 SUNMATE-TPSMC43 Datasheet
95Kb / 3P
   1500 Watts Surface Mount Transient Voltage Suppressor
logo
Shenzhen Luguang Electr...
SMCG5.0 LUGUANG-SMCG5.0 Datasheet
252Kb / 4P
   1500 Watts Surface Mount Transient Voltage Suppressor
logo
Taiwan Semiconductor Co...
1.5SMC TSC-1.5SMC_1 Datasheet
276Kb / 4P
   1500 Watts Surface Mount Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
TPSMC6.8 SUNMATE-TPSMC6.8 Datasheet
95Kb / 3P
   1500 Watts Surface Mount Transient Voltage Suppressor
logo
Shenzhen Luguang Electr...
15SMC68 LUGUANG-15SMC68 Datasheet
283Kb / 4P
   1500 Watts Surface Mount Transient Voltage Suppressor
logo
Taiwan Semiconductor Co...
SMCJ TSC-SMCJ_11 Datasheet
177Kb / 5P
   1500 Watts Suface Mount Transient Voltage Suppressor
SMCJ TSC-SMCJ_13 Datasheet
351Kb / 7P
   1500 Watts Suface Mount Transient Voltage Suppressor
logo
Pan Jit International I...
1.5SMCJ_SERIES PANJIT-1.5SMCJ_SERIES_14 Datasheet
221Kb / 7P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 1500 Watts
logo
DONGGUAN YOU FENG WEI E...
1.5KE6.8A YFWDIODE-1.5KE6.8A Datasheet
1Mb / 6P
   Transient voltage suppressor power 1500 watts
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com