Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP104K301D Datasheet(PDF) 7 Page - RICOH electronics devices division

Part # RP104K301D
Description  150mA ULTRA LOW SUPPLY CURRENT LDO REGULATOR
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP104K301D Datasheet(HTML) 7 Page - RICOH electronics devices division

Back Button RP104K301D Datasheet HTML 3Page - RICOH electronics devices division RP104K301D Datasheet HTML 4Page - RICOH electronics devices division RP104K301D Datasheet HTML 5Page - RICOH electronics devices division RP104K301D Datasheet HTML 6Page - RICOH electronics devices division RP104K301D Datasheet HTML 7Page - RICOH electronics devices division RP104K301D Datasheet HTML 8Page - RICOH electronics devices division RP104K301D Datasheet HTML 9Page - RICOH electronics devices division RP104K301D Datasheet HTML 10Page - RICOH electronics devices division RP104K301D Datasheet HTML 11Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
RP104x
7
TYPICAL APPLICATION
C1
RP104x
Series
VDD
VOUT
CE
GND
C2
VOUT
(External Components)
C2
0.1
µF
MURATA: GRM155B31C104KA87B
TECHNICAL NOTES
When using these ICs, consider the following points:
Phase Compensation
In these ICs, phase compensation is made for securing stable operation even if the load current is varied. For
this purpose, use a capacitor C2 with good frequency characteristics and ESR (Equivalent Series Resistance).
(Note: If additional ceramic capacitors are connected with parallel to the output pin with an output capacitor for
phase compensation, the operation might be unstable. Because of this, test these ICs with as same external
components as ones to be used on the PCB.)
PCB Layout
Make VDD and GND lines sufficient. If their impedance is high, noise pickup or unstable operation may result.
Connect a capacitor C1 with a capacitance value as much as 0.1
µF or more between VDD and GND pin, and as
close as possible to the pins.
Set external components, especially the output capacitor C2, as close as possible to the ICs, and make wiring
as short as possible.


Similar Part No. - RP104K301D

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP104K301D RICOH-RP104K301D Datasheet
28Kb / 1P
   RP104K SERIES MARK SPECIFICATION
More results

Similar Description - RP104K301D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM9076 TI1-LM9076 Datasheet
1Mb / 20P
[Old version datasheet]   150mA Ultra-Low Quiescent Current LDO Regulator
logo
Micrel Semiconductor
MIC5238 MICREL-MIC5238 Datasheet
120Kb / 10P
   Ultra-Low Quiescent Current, 150mA uCap LDO Regulator
MIC5235 MICREL-MIC5235 Datasheet
65Kb / 9P
   Ultra-Low Quiescent Current, 150mA UCap LDO Regulator
MIC5238 MICREL-MIC5238_09 Datasheet
1Mb / 12P
   Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
MIC5235 MICREL-MIC5235_09 Datasheet
366Kb / 9P
   Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
MIC5295 MICREL-MIC5295_09 Datasheet
279Kb / 11P
   Low Quiescent Current, 150mA LDO Regulator
MIC5234 MICREL-MIC5234_11 Datasheet
680Kb / 16P
   Low-Quiescent Current 150mA LDO Regulator
MIC5295 MICREL-MIC5295 Datasheet
279Kb / 11P
   Low Quiescent Current, 150mA LDO Regulator
MIC5305 MICREL-MIC5305 Datasheet
188Kb / 12P
   150mA UCap Ultra-Low Dropout LDO Regulator
logo
National Semiconductor ...
LM9076 NSC-LM9076 Datasheet
259Kb / 8P
   150mA Ultra-Low Quiescent Current LDO Regulator with Delayed Reset Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com