Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBJ58A Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # SMBJ58A
Description  600 Watts Surface Mount Transient Voltage Suppressor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SMBJ58A Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  SMBJ58A Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SMBJ58A Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SMBJ58A Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SMBJ58A Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd SMBJ58A Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Dimensions in inches and (millimeters)
ELECTRICAL CHARACTERISTICS (TA=25
OC unless otherwise noted)
Breakdown Voltage
Stand-Off
Maximum
Maximum
Maximum
Device
Device
VBR
Test Current
Voltage
Reverse Leakage
Peak Surge
Clamping
Marking
(Volts) (Note 1)
@I
T(mA)
V
WM
at Vwm
Current I
PPM
Voltage at I
PPM
Code
Min
Max
(Volts)
ID (uA)
(Note 2)(Amps)
VC(Volts)
SMBJ5.0
KD
6.40
7.30
10
5.0
800.0
65
9.6
SMBJ5.0A
KE
6.40
7.00
10
5.0
800.0
68
9.2
SMBJ6.0
KF
6.67
8.15
10
6.0
800.0
55
11.4
SMBJ6.0A
KG
6.67
7.37
10
6.0
800.0
61
10.3
SMBJ6.5
KH
7.22
8.82
10
6.5
500.0
51
12.3
SMBJ6.5A
KK
7.22
7.98
10
6.5
500.0
56
11.2
SMBJ7.0
KL
7.78
9.51
10
7.0
200.0
47
13.3
SMBJ7.0A
KM
7.78
8.60
10
7.0
200.0
52
12.0
SMBJ7.5
KN
8.33
10.3
1.0
7.5
100.0
44
14.3
SMBJ7.5A
KP
8.33
9.21
1.0
7.5
100.0
48
12.9
SMBJ8.0
KQ
8.89
10.9
1.0
8.0
50.0
42
15.0
SMBJ8.0A
KR
8.89
9.83
1.0
8.0
50.0
46
13.6
SMBJ8.5
KS
9.44
11.5
1.0
8.5
20.0
39
15.9
SMBJ8.5A
KT
9.44
10.4
1.0
8.5
20.0
43
14.4
SMBJ9.0
KU
10.0
12.2
1.0
9.0
10.0
37
16.9
SMBJ9.0A
KV
10.0
11.1
1.0
9.0
10.0
40
15.4
SMBJ10
KW
11.1
13.6
1.0
10
5.0
33
18.8
SMBJ10A
KX
11.1
12.3
1.0
10
5.0
37
17.0
SMBJ11
KY
12.2
14.9
1.0
11
5.0
31
20.1
SMBJ11A
KZ
12.2
13.5
1.0
11
5.0
34
18.2
SMBJ12
LD
13.3
16.3
1.0
12
5.0
28
22.0
SMBJ12A
LE
13.3
14.7
1.0
12
5.0
31
19.9
SMBJ13
LF
14.4
17.6
1.0
13
5.0
26
23.8
SMBJ13A
LG
14.4
15.9
1.0
13
5.0
29
21.5
SMBJ14
LH
15.6
19.1
1.0
14
5.0
24.4
25.8
SMBJ14A
LK
15.6
17.2
1.0
14
5.0
27
23.2
SMBJ15
LL
16.7
20.4
1.0
15
5.0
23.1
26.9
SMBJ15A
LM
16.7
18.5
1.0
15
5.0
25.1
24.4
SMBJ16
LN
17.8
21.8
1.0
16
5.0
21.8
28.8
SMBJ16A
LP
17.8
19.7
1.0
16
5.0
24.2
26.0
SMBJ17
LQ
18.9
23.1
1.0
17
5.0
20.0
30.5
SMBJ17A
LR
18.9
20.9
1.0
17
5.0
22.8
27.6
SMBJ18
LS
20.0
24.4
1.0
18
5.0
19.5
32.2
SMBJ18A
LT
20.0
22.1
1.0
18
5.0
21.5
29.2
SMBJ20
LU
22.2
27.1
1.0
20
5.0
17.6
35.8
SMBJ20A
LV
22.2
24.5
1.0
20
5.0
19.4
32.4
SMBJ22
LW
24.4
29.8
1.0
22
5.0
15.0
39.4
SMBJ22A
LX
24.4
26.9
1.0
22
5.0
17.7
35.5
SMBJ24
LY
26.7
32.6
1.0
24
5.0
14.6
43.0
SMBJ24A
LZ
26.7
29.5
1.0
24
5.0
16.0
38.9
SMBJ26
MD
28.9
35.3
1.0
26
5.0
13.5
46.6
SMBJ26A
ME
28.9
31.9
1.0
26
5.0
14.9
42.1
SMBJ28
MF
31.1
38.0
1.0
28
5.0
12.6
50.0
SMBJ28A
MG
31.1
34.4
1.0
28
5.0
13.8
45.4
SMBJ30
MH
33.3
40.7
1.0
30
5.0
11.7
53.5
SMBJ30A
MK
33.3
36.8
1.0
30
5.0
13.0
48.4
SMBJ33
ML
36.7
44.9
1.0
33
5.0
10.6
59.0
SMBJ33A
MM
36.7
40.6
1.0
33
5.0
11.8
53.3
SMBJ36
MN
40.0
48.9
1.0
36
5.0
9.8
64.3
SMBJ36A
MP
40.0
44.2
1.0
36
5.0
10.8
58.1
SMBJ40
MQ
44.4
54.3
1.0
40
5.0
8.8
71.4
SMBJ40A
MR
44.4
49.1
1.0
40
5.0
9.7
64.5
SMBJ43
MS
47.8
58.4
1.0
43
5.0
8.2
76.7
SMBJ43A
MT
47.8
52.8
1.0
43
5.0
9.0
69.4
Vension: A06


Similar Part No. - SMBJ58A

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SMBJ58A JGD-SMBJ58A Datasheet
301Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
SMBJ58A SOCAY-SMBJ58A Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Bourns Electronic Solut...
SMBJ58A BOURNS-SMBJ58A Datasheet
360Kb / 5P
   SMBJ Transient Voltage Suppressor Diode Series
logo
Suntan Capacitors
SMBJ58A SUNTAN-SMBJ58A Datasheet
435Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
UN Semiconducctor INC
SMBJ58A UNSEMI-SMBJ58A Datasheet
4Mb / 8P
   3.3 To 440V 600W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
More results

Similar Description - SMBJ58A

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SMBJ LUGUANG-SMBJ_13 Datasheet
316Kb / 4P
   600 Watts Surface Mount Transient Voltage Suppressor
logo
Fuji Electric
P6SMB FUJI-P6SMB Datasheet
630Kb / 4P
   600 Watts Surface Mount Transient Voltage Suppressor
logo
Shenzhen Luguang Electr...
SMBJ440 LUGUANG-SMBJ440 Datasheet
1,002Kb / 6P
   600 Watts Surface Mount Transient Voltage Suppressor
logo
Taiwan Semiconductor Co...
P6SMB TSC-P6SMB_1 Datasheet
630Kb / 4P
   600 Watts Surface Mount Transient Voltage Suppressor
logo
Pan Jit International I...
P6SMB_SERIES PANJIT-P6SMB_SERIES_14 Datasheet
246Kb / 7P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWER 600 Watts
logo
SHIKUES Electronics
SMBJ SKTECHNOLGY-SMBJ Datasheet
461Kb / 4P
   Surface mount transient voltage suppressor power 600 watts
logo
DONGGUAN YOU FENG WEI E...
SMBFJ6.8A YFWDIODE-SMBFJ6.8A Datasheet
496Kb / 5P
   Surface mount transient voltage suppressor power 600 watts
logo
SHIKUES Electronics
P6SMB SKTECHNOLGY-P6SMB Datasheet
461Kb / 4P
   Surface mount transient voltage suppressor power 600 watts
logo
Pan Jit International I...
P6SMAFJ5.0A PANJIT-P6SMAFJ5.0A Datasheet
116Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWER 600 Watts
logo
DONGGUAN YOU FENG WEI E...
SMBJ6.8A YFWDIODE-SMBJ6.8A Datasheet
520Kb / 4P
   Surface mount transient voltage suppressor power 600 watts
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com