Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRAS20100 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SRAS20100
Description  20.0 AMPS. Surface Mount Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SRAS20100 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SRAS20100 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SRAS20100 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
- 68 -
Version: C07
SRAS2020 - SRAS20150
20.0 AMPS. Surface Mount Schottky Barrier Rectifiers
D2PAK
Features
For surface mounted application
Ideal for automated pick & place
Low power loss, high efficiency
High current capability, low VF
High reliability
Epitaxial construction
Guard-ring for transient protection
Mechanical Data
Cases: D
2PAK molded plastic
Epoxy: UL 94V-0 rate flame retardant
Terminals: Pure tin plated, Lead solderable per
MIL-STD-202, Method 208 guaranteed
Polarity: As marked
High temperature soldering guaranteed:
260
oC/10 seconds at terminals
Weight: 1.70 grams
Maximum Ratings and Electrical Characteristics
Rating at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol SRAS
2020
SRAS
2030
SRAS
2040
SRAS
2050
SRAS
2060
SRAS
2090
SRAS
20100
SRAS
20150
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
20
30
40
50
60
90
100
150
V
Maximum RMS Voltage
VRMS
14
21
28
35
42
63
70
105
V
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
90
100
150
V
Maximum Average Forward Rectified
Current See Fig. 1
I(AV)
20
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
330
A
Maximum Instantaneous Forward Voltage
@ 20A
@ 40A
VF
0.57
0.73
0.70
0.85
0.92
1.02
1.02
1.12
V
0.5
0.1
Maximum D.C. Reverse Current
@ Tj=25
oC at Rated DC Blocking Voltage
@ Tj=125
oC
IR
15
10
5.0
mA
mA
Typical Junction Capacitance (Note 2)
pF
1400
pF
Typical Thermal Resistance (Note 1)
RθJC
1.5
oC/W
Operating Junction Temperature Range
TJ
-65 to +150
oC
Storage Temperature Range
TSTG
-65 to +150
oC
Notes:
1. Mounted on Heatsink Size of 2” x 3” x 0.25” Al-Plate
2. Measured at 1MHz and Applied Reverse Voltage of 4.0V D.C.


Similar Part No. - SRAS20100

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SRAS20100 TSC-SRAS20100 Datasheet
134Kb / 2P
   20.0AMPS. Surface Mount Schottky Barrier Rectifiers
SRAS20100 TSC-SRAS20100 Datasheet
214Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - SRAS20100

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBRS2035CT TSC-MBRS2035CT_1 Datasheet
168Kb / 2P
   20.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SRS2020 TSC-SRS2020_1 Datasheet
168Kb / 2P
   20.0 AMPS. Surface Mount Schottky Barrier Rectifiers
MBRS20H100CT TSC-MBRS20H100CT Datasheet
411Kb / 2P
   20.0 AMPS. Surface Mount Schottky Barrier Rectifiers Switchmode Power Rectifiers
MBR20H100CT TSC-MBR20H100CT_09 Datasheet
523Kb / 2P
   20.0 AMPS. Schottky Barrier Rectifiers
MBR2035CT TSC-MBR2035CT_11 Datasheet
208Kb / 2P
   20.0 AMPS. Schottky Barrier Rectifiers
SR2020PT TSC-SR2020PT_10 Datasheet
624Kb / 2P
   20.0 AMPS. Schottky Barrier Rectifiers
MBR2035PTV TSC-MBR2035PTV Datasheet
365Kb / 2P
   20.0 AMPS. Schottky Barrier Rectifiers
MBRS2035CT TSC-MBRS2035CT Datasheet
81Kb / 2P
   20.0 AMPS. Schottky Barrier Rectifiers
SR2020 TSC-SR2020 Datasheet
90Kb / 2P
   20.0 AMPS. Schottky Barrier Rectifiers
SRA2020 TSC-SRA2020 Datasheet
59Kb / 2P
   20.0 AMPS. Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com