Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMCJ70 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # SMCJ70
Description  1500 Watts Surface Mount Transient Voltage Suppressor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SMCJ70 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  SMCJ70 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SMCJ70 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SMCJ70 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SMCJ70 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd SMCJ70 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Dimensions in inches and (millimeters)
- 548 -
Version: B07
ELECTRICAL CHARACTERISTICS (TA=25
OC unless otherwise noted)
Breakdown
Maximum
Maximum
Device Type
Device
Voltage
Test
Stand-off
Reverse
Peak Pulse
Maximum
Modified
Marking
V(BR) (Volts)
Current
voltage
Leakage
Surge
Clamping
"J" Bend Lead
Code
(Note 1)
at IT(mA)
VWM(Volts)
at VWM
Current IPPM
Voltage at IPPM
(MIN / MAX)
(Note 3) ID(uA)
(Note 2) (Amps)
VC(Volts)
SMCJ5.0
GDD
6.40 / 7.3
10.0
5.0
1000
164.0
9.6
SMCJ5.0A
GDE
6.40 / 7.0
10.0
5.0
1000
171.0
9.2
SMCJ6.0
GDF
6.67 / 8.15
10.0
6.0
1000
138.0
11.4
SMCJ6.0A
GDG
6.67 / 7.37
10.0
6.0
1000
152.0
10.3
SMCJ6.5
GDH
7.22 / 8.82
10.0
6.5
500
128.0
12.3
SMCJ6.5A
GDK
7.22 / 7.98
10.0
6.5
500
140.0
11.2
SMCJ7.0
GDL
7.78 / 9.51
10.0
7.0
200
118.0
13.3
SMCJ7.0A
GDM
7.78 / 8.60
10.0
7.0
200
131.0
12.0
SMCJ7.5
GDN
8.33 / 10.3
1.0
7.5
100
110.0
14.3
SMCJ7.5A
GDP
8.33 / 9.21
1.0
7.5
100
122.0
12.9
SMCJ8.0
GDQ
8.89 / 10.9
1.0
8.0
50
105.0
15.0
SMCJ8.0A
GDR
8.89 / 9.83
1.0
8.0
50
115.0
13.6
SMCJ8.5
GDS
9.44 / 11.5
1.0
8.5
20
99.0
15.9
SMCJ8.5A
GDT
9.44 / 10.4
1.0
8.5
20
109.0
14.4
SMCJ9.0
GDU
10.0 / 12.2
1.0
9.0
10
93.0
16.9
SMCJ9.0A
GDV
10.0 / 11.1
1.0
9.0
10
102.0
15.4
SMCJ10
GDW
11.1 / 13.6
1.0
10.0
5.0
83.0
18.8
SMCJ10A
GDX
11.1 / 12.3
1.0
10.0
5.0
92.0
17.0
SMCJ11
GDY
12.2 / 14.9
1.0
11.0
5.0
78.0
20.1
SMCJ11A
GDZ
12.2 / 13.5
1.0
11.0
5.0
86.0
18.2
SMCJ12
GED
13.3 / 16.3
1.0
12.0
5.0
71.0
22.0
SMCJ12A
GEE
13.3 / 14.7
1.0
12.0
5.0
79.0
19.9
SMCJ13
GEF
14.4 / 17.6
1.0
13.0
5.0
66.0
23.8
SMCJ13A
GEG
14.4 / 15.9
1.0
13.0
5.0
73.0
21.5
SMCJ14
GEH
15.6 / 19.1
1.0
14.0
5.0
61.0
25.8
SMCJ14A
GEK
15.6 / 17.2
1.0
14.0
5.0
67.0
23.2
SMCJ15
GEL
16.7 / 20.4
1.0
15.0
5.0
58.0
26.9
SMCJ15A
GEM
16.7 / 18.5
1.0
15.0
5.0
64.0
24.4
SMCJ16
GEN
17.8 / 21.8
1.0
16.0
5.0
54.0
28.8
SMCJ16A
GEP
17.8 / 19.7
1.0
16.0
5.0
60.0
26.0
SMCJ17
GEQ
18.9 / 23.1
1.0
17.0
5.0
51.0
30.5
SMCJ17A
GER
18.9 / 20.9
1.0
17.0
5.0
57.0
27.6
SMCJ18
GES
20.0 / 24.4
1.0
18.0
5.0
48.0
32.2
SMCJ18A
GET
20.0 / 22.1
1.0
18.0
5.0
53.0
29.2
SMCJ20
GEU
22.2 / 27.1
1.0
20.0
5.0
43.0
35.8
SMCJ20A
GEV
22.2 /24.5
1.0
20.0
5.0
48.0
32.4
SMCJ22
GEW
24.4 / 29.8
1.0
22.0
5.0
39.0
39.4
SMCJ22A
GEX
24.4 / 26.9
1.0
22.0
5.0
44.0
35.5
SMCJ24
GEY
26.7 / 32.6
1.0
24.0
5.0
36.0
43.0
SMCJ24A
GEZ
26.7 / 29.5
1.0
24.0
5.0
40.0
38.9
SMCJ26
GFD
28.9 / 35.3
1.0
26.0
5.0
33.0
46.6
SMCJ26A
GFE
28.9 / 31.9
1.0
26.0
5.0
37.0
42.1
SMCJ28
GFF
31.1 / 38.0
1.0
28.0
5.0
31.0
50.0
SMCJ28A
GFG
31.1 / 34.4
1.0
28.0
5.0
34.0
45.4
SMCJ30
GFH
33.3 / 40.7
1.0
30.0
5.0
29.0
53.5
SMCJ30A
GFK
33.3 / 36.8
1.0
30.0
5.0
32.0
48.4
SMCJ33
GFL
36.7 / 44.9
1.0
33.0
5.0
26.0
59.0
SMCJ33A
GFM
36.7 / 40.6
1.0
33.0
5.0
29.0
53.3
SMCJ36
GFN
40.0 / 48.9
1.0
36.0
5.0
24.0
64.3
SMCJ36A
GFP
40.0 / 44.2
1.0
36.0
5.0
27.0
58.1
SMCJ40
GFQ
44.4 / 54.3
1.0
40.0
5.0
22.0
71.4
SMCJ40A
GFR
44.4 / 49.1
1.0
40.0
5.0
24.0
64.5
SMCJ43
GFS
47.8 / 58.4
1.0
43.0
5.0
20.0
76.7
SMCJ43A
GFT
47.8 / 52.8
1.0
43.0
5.0
22.0
69.4


Similar Part No. - SMCJ70

ManufacturerPart #DatasheetDescription
logo
Dc Components
SMCJ70 DCCOM-SMCJ70 Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Taiwan Semiconductor Co...
SMCJ70 TSC-SMCJ70 Datasheet
192Kb / 7P
   1500W, 5V - 170V Surface Mount Transient Voltage Suppressor
logo
UNIOHM CORPORATION
SMCJ70 UNIOHM-SMCJ70 Datasheet
359Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
SUNMATE electronic Co.,...
SMCJ70 SUNMATE-SMCJ70 Datasheet
312Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
logo
Formosa MS
SMCJ70 FORMOSA-SMCJ70 Datasheet
1Mb / 10P
   SMD Transient Voltage Suppressor
More results

Similar Description - SMCJ70

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
1.5SMC TSC-1.5SMC_11 Datasheet
200Kb / 4P
   1500 Watts Surface Mount Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
TPSMC43 SUNMATE-TPSMC43 Datasheet
95Kb / 3P
   1500 Watts Surface Mount Transient Voltage Suppressor
logo
Shenzhen Luguang Electr...
SMCG5.0 LUGUANG-SMCG5.0 Datasheet
252Kb / 4P
   1500 Watts Surface Mount Transient Voltage Suppressor
logo
Taiwan Semiconductor Co...
1.5SMC TSC-1.5SMC_1 Datasheet
276Kb / 4P
   1500 Watts Surface Mount Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
TPSMC6.8 SUNMATE-TPSMC6.8 Datasheet
95Kb / 3P
   1500 Watts Surface Mount Transient Voltage Suppressor
logo
Shenzhen Luguang Electr...
15SMC68 LUGUANG-15SMC68 Datasheet
283Kb / 4P
   1500 Watts Surface Mount Transient Voltage Suppressor
logo
Taiwan Semiconductor Co...
SMCJ TSC-SMCJ_11 Datasheet
177Kb / 5P
   1500 Watts Suface Mount Transient Voltage Suppressor
SMCJ TSC-SMCJ_13 Datasheet
351Kb / 7P
   1500 Watts Suface Mount Transient Voltage Suppressor
logo
Pan Jit International I...
1.5SMCJ_SERIES PANJIT-1.5SMCJ_SERIES_14 Datasheet
221Kb / 7P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 1500 Watts
logo
DONGGUAN YOU FENG WEI E...
1.5KE6.8A YFWDIODE-1.5KE6.8A Datasheet
1Mb / 6P
   Transient voltage suppressor power 1500 watts
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com