Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRF16100 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SRF16100
Description  Isolation 16.0 AMPS. Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SRF16100 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SRF16100 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SRF16100 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 166 -
SRF1620 THRU SRF16100
Isolation 16.0 AMPS. Schottky Barrier Rectifiers
Voltage Range
20 to 100 Volts
Current
16.0 Amperes
Features
Low forward voltage drop
High current capability
High reliability
High surge current capability
Mechanical Data
Cases: ITO-220AB molded plastic
Epoxy: UL 94V-O rate flame retardant
Terminals: Leads solderable per
MIL-STD-202, Method 208 guaranteed
Polarity: As marked
High temperature soldering guaranteed:
260
OC/10 seconds.25”,(6.35mm) from
case.
Weight: 2.24 grams
Mounting torque: 5 in – 1bs. max.
ITO-220AB
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol
SRF
1620
SRF
1630
SRF
1640
SRF
1650
SRF
1660
SRF
16100
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
20
30
40
50
60
100
V
Maximum RMS Voltage
VRMS
14
21
28
35
42
70
V
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
100
V
Maximum Average Forward Rectified Current
See Fig. 1
I(AV)
16.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated Load
(JEDEC method )
IFSM
200
A
Maximum Instantaneous Forward Voltage
@8.0A
VF
0.55
0.70
0.90
V
Maximum D.C. Reverse Current
@ Tc=25
at Rated DC Blocking Voltage
@ Tc=100
IR
0.5
50
0.1
60
mA
mA
Typical Thermal Resistance (Note 1)
R
θJC
2.5
4.0
℃/W
Typical Junction Capacitance (Note 2)
Cj
480
300
112
pF
Operating Junction Temperature Range
TJ
-65 to +125
-65 to +150
Storage Temperature Range
TSTG
-65 to +150
Notes: 1. Mounted on Heatsink Size of 2 in x 3 in x 0.25 in Al-Plate.
2. Measured at 1MHz and Applied Reverse Voltage of 4.0V D.C.
.272(6.9)
.248(6.3)
.543(13.8)
.512(13.2)
.110(2.8)
.098(2.5)
.606(15.5)
.583(14.8)
.112(2.85)
.100(2.55)
.134(3.4)DIA
.113(3.0)DIA
PIN 1
PIN 3
PIN 2


Similar Part No. - SRF16100

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SRF16100 MOSPEC-SRF16100 Datasheet
197Kb / 2P
   Switchmode Full Plastic Dual Schottky Barrier Power Rectifiers
logo
Taiwan Semiconductor Co...
SRF16100 TSC-SRF16100 Datasheet
205Kb / 2P
   Isolated 16.0 AMPS. Schottky Barrier Rectifiers
logo
MIC GROUP RECTIFIERS
SRF16100 MIC-SRF16100 Datasheet
60Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Taiwan Semiconductor Co...
SRF16100 TSC-SRF16100 Datasheet
193Kb / 2P
   16.0AMPS. Isolated Schottky Barrier Rectifiers
SRF16100 TSC-SRF16100 Datasheet
225Kb / 4P
   Dual Common Cathode Schottky Rectifier
More results

Similar Description - SRF16100

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBRF1635 TSC-MBRF1635 Datasheet
66Kb / 2P
   Isolation 16.0 AMPS. Schottky Barrier Rectifiers
SRAF1620 TSC-SRAF1620 Datasheet
78Kb / 2P
   Isolation 16.0 AMPS. Schottky Barrier Rectifiers
MBR1635 TSC-MBR1635 Datasheet
61Kb / 2P
   16.0 AMPS. Schottky Barrier Rectifiers
MBR1635 TSC-MBR1635_11 Datasheet
247Kb / 2P
   16.0 AMPS. Schottky Barrier Rectifiers
SRA1620 TSC-SRA1620 Datasheet
50Kb / 2P
   16.0 AMPS. Schottky Barrier Rectifiers
SR1620PT TSC-SR1620PT_1 Datasheet
221Kb / 2P
   16.0 AMPS. Schottky Barrier Rectifiers
SR1620 TSC-SR1620 Datasheet
93Kb / 2P
   16.0 AMPS. Schottky Barrier Rectifiers
MBR1635 TSC-MBR1635_10 Datasheet
653Kb / 2P
   16.0 AMPS. Schottky Barrier Rectifiers
SR1620 TSC-SR1620_10 Datasheet
580Kb / 2P
   16.0 AMPS. Schottky Barrier Rectifiers
SR1620PT TSC-SR1620PT Datasheet
102Kb / 2P
   16.0 AMPS. Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com