Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRS1640 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SRS1640
Description  16.0 AMPS. Surface Mount Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SRS1640 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SRS1640 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SRS1640 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
- 64 -
Version: C07
SRS1620 - SRS16150
16.0 AMPS. Surface Mount Schottky Barrier Rectifiers
D2PAK
Features
For surface mounted application
Low forward voltage drop
High current capability
High reliability
High surge current capability
Mechanical Data
Cases: D
2PAK molded plastic
Epoxy: UL 94V-0 rate flame retardant
Terminals: Pure tin plated, lead free.
solderable per MIL-STD-202, Method 208
guaranteed
Polarity: As marked
High temperature soldering guaranteed:
260
oC/10 seconds at terminals
Weight: 1.70 grams
Maximum Ratings and Electrical Characteristics
Rating at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol SRS
1620
SRS
1630
SRS
1640
SRS
1650
SRS
1660
SRS
1690
SRS
16100
SRS
16150
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
20
30
40
50
60
90
100
150
V
Maximum RMS Voltage
VRMS
14
21
28
35
42
63
70
105
V
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
90
10
150
V
Maximum Average Forward Rectified
Current See Fig. 1
I(AV)
16
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
150
A
Maximum Instantaneous Forward Voltage
@8.0A
VF
0.55
0.70
0.90
1.00
V
0.5
0.1
Maximum D.C. Reverse Current
@ Tc=25
oC
at Rated DC Blocking Voltage
@ Tc=100
oC
IR
15
10
5.0
mA
mA
Typical Junction Capacitance (Note 2)
Cj
700
460
320
pF
Typical Thermal Resistance (Note 1)
RθJC
2.0
o
C/W
Operating Junction Temperature Range
TJ
-65 to +125
-65 to +150
o
C
Storage Temperature Range
TSTG
-65 to +150
o
C
Notes:
1. Thermal Resistance from Junction to Case Per Leg
2. Measured at 1MHz and Applied Reverse Voltage of 4.0V D.C.


Similar Part No. - SRS1640

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SRS1640 TSC-SRS1640 Datasheet
76Kb / 2P
   16.0 AMPS. Schottky Barrier Rectifiers
SRS1640 TSC-SRS1640 Datasheet
126Kb / 2P
   16.0Amps Surface Mount Schottky Barrier Rectifiers
SRS1640 TSC-SRS1640 Datasheet
215Kb / 4P
   Dual Common Cathode Schottky Rectifier
logo
Nantong Hornby Electron...
SRS1640 HORNBY-SRS1640 Datasheet
309Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
SRS1640CT HORNBY-SRS1640CT Datasheet
313Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SRS1640

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBRS1635 TSC-MBRS1635_1 Datasheet
166Kb / 2P
   16.0 AMPS. Surface Mount Schottky Barrier Rectifiers
MBR1635 TSC-MBR1635 Datasheet
61Kb / 2P
   16.0 AMPS. Schottky Barrier Rectifiers
MBR1635 TSC-MBR1635_11 Datasheet
247Kb / 2P
   16.0 AMPS. Schottky Barrier Rectifiers
SRA1620 TSC-SRA1620 Datasheet
50Kb / 2P
   16.0 AMPS. Schottky Barrier Rectifiers
SR1620PT TSC-SR1620PT_1 Datasheet
221Kb / 2P
   16.0 AMPS. Schottky Barrier Rectifiers
SR1620 TSC-SR1620 Datasheet
93Kb / 2P
   16.0 AMPS. Schottky Barrier Rectifiers
MBR1635 TSC-MBR1635_10 Datasheet
653Kb / 2P
   16.0 AMPS. Schottky Barrier Rectifiers
SR1620 TSC-SR1620_10 Datasheet
580Kb / 2P
   16.0 AMPS. Schottky Barrier Rectifiers
SR1620PT TSC-SR1620PT Datasheet
102Kb / 2P
   16.0 AMPS. Schottky Barrier Rectifiers
SR1620 TSC-SR1620_1 Datasheet
218Kb / 2P
   16.0 AMPS. Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com