Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP104N291C Datasheet(PDF) 4 Page - RICOH electronics devices division

Part # RP104N291C
Description  150mA ULTRA LOW SUPPLY CURRENT LDO REGULATOR
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP104N291C Datasheet(HTML) 4 Page - RICOH electronics devices division

  RP104N291C Datasheet HTML 1Page - RICOH electronics devices division RP104N291C Datasheet HTML 2Page - RICOH electronics devices division RP104N291C Datasheet HTML 3Page - RICOH electronics devices division RP104N291C Datasheet HTML 4Page - RICOH electronics devices division RP104N291C Datasheet HTML 5Page - RICOH electronics devices division RP104N291C Datasheet HTML 6Page - RICOH electronics devices division RP104N291C Datasheet HTML 7Page - RICOH electronics devices division RP104N291C Datasheet HTML 8Page - RICOH electronics devices division RP104N291C Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
RP104x
4
PIN CONFIGURATIONS
PLP1010-4
Top View
2
1
3
4
Bottom View
1
2
4
3
SOT-23-5
SC-82AB
1
4
5
2
3
(mark side)
12
3
4
(mark side)
PIN DESCRIPTIONS
PLP1010-4*
SOT-23-5
Pin No.
Symbol
Description
Pin No.
Symbol
Description
1
VOUT
Output Pin
1
VDD
Input Pin
2
GND
Ground Pin
2
GND
Ground Pin
3
CE / NC
Chip Enable Pin ("H" Active)
or No Connection
3
CE / NC
Chip Enable Pin ("H" Active)
or No Connection
4
VDD
Input Pin
4
NC
No Connection
5
VOUT
Output Pin
∗) Tab in the
parts have GND level.
(They are connected to the back side of this IC.)
Do not connect to other wires or land patterns.
SC-82AB
Pin No.
Symbol
Description
1
CE / NC
Chip Enable Pin ("H" Active)
or No Connection
2
GND
Ground Pin
3
VOUT
Output Pin
4
VDD
Input Pin


Similar Part No. - RP104N291C

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
RP104 DEC-RP104 Datasheet
330Kb / 2P
   1 AMP FAST RECOVERY SILICON DIODES
logo
RICOH electronics devic...
RP104K RICOH-RP104K Datasheet
28Kb / 1P
   RP104K SERIES MARK SPECIFICATION
RP104K121B RICOH-RP104K121B Datasheet
28Kb / 1P
   RP104K SERIES MARK SPECIFICATION
RP104K121C RICOH-RP104K121C Datasheet
28Kb / 1P
   RP104K SERIES MARK SPECIFICATION
RP104K121D RICOH-RP104K121D Datasheet
28Kb / 1P
   RP104K SERIES MARK SPECIFICATION
More results

Similar Description - RP104N291C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM9076 TI1-LM9076 Datasheet
1Mb / 20P
[Old version datasheet]   150mA Ultra-Low Quiescent Current LDO Regulator
logo
Micrel Semiconductor
MIC5238 MICREL-MIC5238 Datasheet
120Kb / 10P
   Ultra-Low Quiescent Current, 150mA uCap LDO Regulator
MIC5235 MICREL-MIC5235 Datasheet
65Kb / 9P
   Ultra-Low Quiescent Current, 150mA UCap LDO Regulator
MIC5238 MICREL-MIC5238_09 Datasheet
1Mb / 12P
   Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
MIC5235 MICREL-MIC5235_09 Datasheet
366Kb / 9P
   Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
MIC5295 MICREL-MIC5295_09 Datasheet
279Kb / 11P
   Low Quiescent Current, 150mA LDO Regulator
MIC5234 MICREL-MIC5234_11 Datasheet
680Kb / 16P
   Low-Quiescent Current 150mA LDO Regulator
MIC5295 MICREL-MIC5295 Datasheet
279Kb / 11P
   Low Quiescent Current, 150mA LDO Regulator
MIC5305 MICREL-MIC5305 Datasheet
188Kb / 12P
   150mA UCap Ultra-Low Dropout LDO Regulator
logo
National Semiconductor ...
LM9076 NSC-LM9076 Datasheet
259Kb / 8P
   150mA Ultra-Low Quiescent Current LDO Regulator with Delayed Reset Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com