Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS12 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # SS12
Description  1.0 AMP. Surface Mount Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SS12 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  SS12 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SS12 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SS12-SS14
SS15-SS16
SS19-SS115
Tj=25 C
f=1.0MHz
Vsig=50mVp-p
0
Tj=125 C
0
Tj=25 C
O
Tj=75 C
0
SS12-SS14
SS15-SS115
RATINGS AND CHARACTERISTIC CURVES (SS12 THRU SS115)
FIG.2- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
1
10
100
0
10
20
40
30
50
NUMBER OF CYCLES AT 60Hz
AT RATED TL
8.3ms Single Half Sine Wave
JEDEC Method
FIG.1- MAXIMUM FORWARD CURRENT DERATING
CURVE
50
60
70
80
90
100
110
120
170
160
150
140
130
0
0.5
1.0
LEAD TEMPERATURE. ( C)
o
RESISTIVE OR
INDUCTIVE LOAD
SS15-SS115
SS12- SS14
PCB MOUNTED ON 0.2X0.2"
(5.0X5.0mm) COPPER PAD AREAS
FIG.3- TYPICAL FORWARD CHARACTERISTICS
0
.2
.4
.6
.8
1.0
1.2
1.4
1.6
0.01
0.1
1
10
50
FORWARD VOLTAGE. (V)
FIG.4- TYPICAL REVERSE CHARACTERISTICS
0
20
40
60
80
100
120
140
0.001
0.01
0.1
1
10
100
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
FIG.5- TYPICAL JUNCTION CAPACITANCE
0.1
1.0
10
100
10
100
400
REVERSE VOLTAGE. (V)
PULSE WIDTH=300 S
1% DUTY CYCLE
Version: C07
FIG.6- TYPICAL TRANSIENT THERMAL
CHARACTERISTICS
1
0.01
0.1
10
100
100
10
1
0.1
T, PULSE DURATION. (sec)
SS12-SS14
SS19-SS110
SS15-SS16
SS115


Similar Part No. - SS12

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SS12 PANJIT-SS12 Datasheet
66Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Diode Semiconductor Kor...
SS12 DSK-SS12 Datasheet
179Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
SS12 TSC-SS12 Datasheet
138Kb / 2P
   1.0AMP Surface Mount Schottky Barrier Rectifier
logo
SAMYANG ELECTRONICS CO....
SS12 SAMYANG-SS12 Datasheet
739Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Won-Top Electronics
SS12 WTE-SS12 Datasheet
45Kb / 4P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results

Similar Description - SS12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SS115 ETC-SS115 Datasheet
48Kb / 2P
   1.0 AMP. Surface Mount Schottky Barrier Rectifiers
logo
UNIOHM CORPORATION
SM120A UNIOHM-SM120A Datasheet
66Kb / 2P
   1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SM120A SECOS-SM120A Datasheet
142Kb / 2P
   1.0 AMP Surface Mount Schottky Barrier Rectifiers
SM120A SECOS-SM120A_15 Datasheet
676Kb / 2P
   1.0 AMP Surface Mount Schottky Barrier Rectifiers
SM120AF SECOS-SM120AF_15 Datasheet
236Kb / 2P
   1.0 Amp Surface Mount Schottky Barrier Rectifiers
logo
Nanjing International G...
SS12F DGNJDZ-SS12F Datasheet
341Kb / 2P
   1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS120-200V-DO-214AC DGNJDZ-SS120-200V-DO-214AC Datasheet
255Kb / 2P
   1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS13-1A-30V-DO-214AC DGNJDZ-SS13-1A-30V-DO-214AC Datasheet
255Kb / 2P
   1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SM5818.1A-DO-213AB DGNJDZ-SM5818.1A-DO-213AB Datasheet
237Kb / 2P
   1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK12 DGNJDZ-SK12 Datasheet
144Kb / 2P
   1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SM5817 DGNJDZ-SM5817 Datasheet
203Kb / 2P
   1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com