Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS13 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SS13
Description  1.0 AMP. Surface Mount Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SS13 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SS13 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SS13 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
- 32 -
Version: C07
SS12 - SS115
1.0 AMP. Surface Mount Schottky Barrier Rectifiers
SMA/DO-214AC
Features
For surface mounted application
Easy pick and place
Metal to silicon rectifier, majority carrier conduction
Low power loss, high efficiency
High current capability, low VF
High surge current capability
Plastic material used carriers Underwriters
Laboratory Classification 94V-0
Epitaxial construction
High temperature soldering:
260
oC / 10 seconds at terminals
Mechanical Data
Case: JEDEC SMA/DO-214AC Molded plastic
Terminals: Pure tin plated, lead free
Polarity: Indicated by cathode band
Packaging: 12mm tape per EIA STD RS-481
Weight: 0.066 gram
Maximum Ratings and Electrical Characteristics
Rating at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol SS
12
SS
13
SS
14
SS
15
SS
16
SS
19
SS
110
SS
115
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
20
30
40
50
60
90
100
150
V
Maximum RMS Voltage
VRMS
14
21
28
35
42
63
70
105
V
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
90
100
150
V
Maximum Average Forward Rectified Current
at TL(See Fig. 1)
I(AV)
1.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
30
A
Maximum Instantaneous Forward Voltage
(Note 1)
IF= 1.0A @ 25
oC
@ 100
oC
VF
0.5
0.4
0.75
0.65
0.80
0.70
0.95
0.85
V
0.4
0.1
Maximum DC Reverse Current
@ TA =25
oC at
Rated DC Blocking Voltage @ TA=125
oC
IR
10
5.0
2.0
mA
mA
Maximum DC Reverse Current at VR=33V
& TA=50
oC
HTIR
-
5.0
uA
Typical Junction Capacitance (Note 3)
Cj
50
pF
Typical Thermal Resistance ( Note 2 )
R ΘJL
R θJA
28
88
oC/W
Operating Temperature Range
TJ
-65 to +125
-65 to +150
oC
Storage Temperature Range
TSTG
-65 to +150
oC
Notes:
1. Pulse Test with PW=300 usec, 1% Duty Cycle
2. Measured on P.C.Board with 0.2” x 0.2” (5.0mm x 5.0mm) Copper Pad Areas.
3. Measured at 1 MHz and Applied Reverse Voltage of 4.0V D.C.


Similar Part No. - SS13

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SS13 PANJIT-SS13 Datasheet
66Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Nanjing International G...
SS13 DGNJDZ-SS13 Datasheet
255Kb / 2P
   1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Vishay Siliconix
SS13 VISHAY-SS13 Datasheet
81Kb / 4P
   Surface Mount Schottky Barrier Rectifier
Revision: 18-Apr-11
logo
Taiwan Semiconductor Co...
SS13 TSC-SS13 Datasheet
59Kb / 2P
   1.0 AMP. Surface Mount Schottky Barrier Rectifiers
logo
Shanghai Yint Electroni...
SS13 YINT-SS13 Datasheet
415Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SS13

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SS115 ETC-SS115 Datasheet
48Kb / 2P
   1.0 AMP. Surface Mount Schottky Barrier Rectifiers
logo
UNIOHM CORPORATION
SM120A UNIOHM-SM120A Datasheet
66Kb / 2P
   1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SM120A SECOS-SM120A Datasheet
142Kb / 2P
   1.0 AMP Surface Mount Schottky Barrier Rectifiers
SM120A SECOS-SM120A_15 Datasheet
676Kb / 2P
   1.0 AMP Surface Mount Schottky Barrier Rectifiers
SM120AF SECOS-SM120AF_15 Datasheet
236Kb / 2P
   1.0 Amp Surface Mount Schottky Barrier Rectifiers
logo
Nanjing International G...
SS12F DGNJDZ-SS12F Datasheet
341Kb / 2P
   1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS120-200V-DO-214AC DGNJDZ-SS120-200V-DO-214AC Datasheet
255Kb / 2P
   1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS13-1A-30V-DO-214AC DGNJDZ-SS13-1A-30V-DO-214AC Datasheet
255Kb / 2P
   1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SM5818.1A-DO-213AB DGNJDZ-SM5818.1A-DO-213AB Datasheet
237Kb / 2P
   1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK12 DGNJDZ-SK12 Datasheet
144Kb / 2P
   1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SM5817 DGNJDZ-SM5817 Datasheet
203Kb / 2P
   1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com