Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RQ5RW57AA Datasheet(PDF) 2 Page - RICOH electronics devices division

Part # RQ5RW57AA
Description  The Rx5RW Series are CMOS-based voltage regulator ICs with high accuracy output voltage and ultra-low
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RQ5RW57AA Datasheet(HTML) 2 Page - RICOH electronics devices division

  RQ5RW57AA Datasheet HTML 1Page - RICOH electronics devices division RQ5RW57AA Datasheet HTML 2Page - RICOH electronics devices division RQ5RW57AA Datasheet HTML 3Page - RICOH electronics devices division RQ5RW57AA Datasheet HTML 4Page - RICOH electronics devices division RQ5RW57AA Datasheet HTML 5Page - RICOH electronics devices division RQ5RW57AA Datasheet HTML 6Page - RICOH electronics devices division RQ5RW57AA Datasheet HTML 7Page - RICOH electronics devices division RQ5RW57AA Datasheet HTML 8Page - RICOH electronics devices division RQ5RW57AA Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
Rx5RW
2
BLOCK DIAGRAMS
Rx5RWxxA
Rx5RWxxB
VOUT
GND
VDD
CE
Vref
Current Limit
+
-
VOUT
GND
VDD
CE
+
-
Vref
Current Limit
Rx5RWxxC
VOUT
GND
VDD
NC
Vref
Current Limit
+
-
SELECTION GUIDE
The output voltage, the active type, and the packing type for the ICs can be selected at the user's request.
The selection can be made with designating the part number as shown below:
Rx5RWxxxx-xx ←Part Number
↑ ↑↑ ↑
a
b c d e
Code
Contents
a
Designation of Package Type
Q: SC-82AB D:SON1612-6
b
Setting Output Voltage (VOUT):
Stepwise setting with a step of 0.1V in the range of 1.5V to 6.0V is possible.
c
Designation of Chip enable Active Type:
A: “L” active type
B: “H” active type
C: no chip enable type
d
Designation of Packing Type:
A: Taping
B: Antistatic bag (for Sample only)
e
Designation of Taping Type: TR (refer to Taping Specifications)


Similar Part No. - RQ5RW57AA

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RQ5RW57AA RICOH-RQ5RW57AA Datasheet
173Kb / 23P
   SMALL PACKAGE VOLTAGE REGULATOR
RQ5RW57AA-TR RICOH-RQ5RW57AA-TR Datasheet
173Kb / 23P
   SMALL PACKAGE VOLTAGE REGULATOR
More results

Similar Description - RQ5RW57AA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP7179D DIODES-AP7179D Datasheet
2Mb / 20P
   3A, ULTRA LOW NOISE, HIGH ACCURACY, LDO VOLTAGE REGULATOR
January 2023 Rev. 2 - 2
logo
Panasonic Semiconductor
AN1433SSM PANASONIC-AN1433SSM Datasheet
98Kb / 7P
   High accuracy, variable output, low voltage operation shunt regulator
logo
Rohm
BU4848 ROHM-BU4848_13 Datasheet
405Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs Ultra-low current consumption
logo
ON Semiconductor
NCP114 ONSEMI-NCP114 Datasheet
136Kb / 8P
   High Accuracy Very Low Dropout Bias Rail CMOS Voltage Regulator
March, 2015 ??Rev. 0
logo
Texas Instruments
LP2980IM5X-3.3 TI-LP2980IM5X-3.3 Datasheet
1Mb / 25P
[Old version datasheet]   Ultra Low Dropout Voltage, Output Voltage Accuracy 0.5% (A Grade)
logo
Rohm
BU42XXG-E ROHM-BU42XXG-E Datasheet
386Kb / 16P
   CMOS Voltage Detector ICs with adjustable output delay.
BDXXFA1FP3 ROHM-BDXXFA1FP3 Datasheet
459Kb / 17P
   High accuracy output voltage
logo
Micross Components
AS29372 MICROSS-AS29372 Datasheet
660Kb / 10P
   High output voltage accuracy
logo
STMicroelectronics
L6706 STMICROELECTRONICS-L6706 Datasheet
623Kb / 47P
   High output voltage accuracy
January 2010 Rev 2
logo
Unisonic Technologies
LR8XXYYBG-AE6-R UTC-LR8XXYYBG-AE6-R Datasheet
176Kb / 6P
   High Output Voltage Accuracy
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com