Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB86977 Datasheet(PDF) 5 Page - Fujitsu Component Limited.

Part # MB86977
Description  IP PACKET FORWARDING ENGINE
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB86977 Datasheet(HTML) 5 Page - Fujitsu Component Limited.

  MB86977 Datasheet HTML 1Page - Fujitsu Component Limited. MB86977 Datasheet HTML 2Page - Fujitsu Component Limited. MB86977 Datasheet HTML 3Page - Fujitsu Component Limited. MB86977 Datasheet HTML 4Page - Fujitsu Component Limited. MB86977 Datasheet HTML 5Page - Fujitsu Component Limited. MB86977 Datasheet HTML 6Page - Fujitsu Component Limited. MB86977 Datasheet HTML 7Page - Fujitsu Component Limited. MB86977 Datasheet HTML 8Page - Fujitsu Component Limited. MB86977 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
MB86977
5
s PIN DESCRIPTION
• Host (SRAM) interface
• RMII interface
Note : The logical AND of the TX_EN and CRS_DV signals indicate a collision during half duplex modes.
Pin No.
Pin Name
I/O
Function
173 to 184
A2 to A13
I
ADDRESS BUS
Address input
15 to 25
29 to 38
42 to 52
DQ0 to DQ31
I/O
DATA INPUT/OUTPUT
Data input/output (32 bit)
166
CS_
I
CHIP SELECT
Chip select input
167
WE_
I
WRITE ENABLE
Write operation enable signal (low enable)
168
RE_
I
READ ENABLE
Read operation enable signal (low enable)
8INT_
O
INTERRUPT
Interrupt indication (low enable)
Pin No.
Pin Name
I/O
Function
164
REF_CLK
I
REFERENCE CLOCK
Reference clock from the PHY device.
The frequency is 50 MHz for both 10 Mbps and 100 Mbps.
150, 151
108, 109
60, 61
102, 103
TXD_W [1 : 0]
TXD_D [1 : 0]
TXD_0 [1 : 0]
TXD_1 [1 : 0]
O
TRANSMIT DATA
The two bit data is transmitted to PHY devices through this
interface. Synchronous with REF_CLK.
149
107
59
101
TX_EN_W
TX_EN_D
TX_EN_0
TX_EN_1
O
TRANSMIT ENABLE
Active high signal indicates that TX data is valid.Synchronous with
REF_CLK.
141
127
79
93
RX_ER_W
RX_ER_D
RX_ER_0
RX_ER_1
I
RECEIVE ERROR
Active high signal indicates that an invalid symbol has been
detected within a received packet.This input is ignored when the
CRS_DV signal is inactive.
137, 138
123, 124
75, 76
89, 90
RXD_W [1 : 0]
RXD_D [1 : 0]
RXD_0 [1 : 0]
RXD_1 [1 : 0]
I
RECEIVE DATA
The two bit data is received from the PHY device through this
interface.
132
118
70
84
CRS_DV_W
CRS_DV_D
CRS_DV_0
CRS_DV_1
I
CARRIER SENSE / RECEIVE DATA VALID
PHY Device inputs active high signal when the interface is
receiving data. Asynchronous assertion/deassertion by PHY
device upon carrier detection/carrier invalid.


Similar Part No. - MB86977

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB86941 FUJITSU-MB86941 Datasheet
598Kb / 49P
   Peripheral LSI for SPARClite
MB86941PFV FUJITSU-MB86941PFV Datasheet
598Kb / 49P
   Peripheral LSI for SPARClite
MB86942 FUJITSU-MB86942 Datasheet
598Kb / 49P
   Peripheral LSI for SPARClite
MB86942PFV FUJITSU-MB86942PFV Datasheet
598Kb / 49P
   Peripheral LSI for SPARClite
logo
Pulse A Technitrol Comp...
MB86951 PULSE-MB86951 Datasheet
253Kb / 12P
   LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
More results

Similar Description - MB86977

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM1112 BOARDCOM-BCM1112 Datasheet
97Kb / 2P
   VOICE OVER IP CPE ENGINE
BCM1100 BOARDCOM-BCM1100 Datasheet
40Kb / 2P
   VOICE OVER IP ETHERNET CPE ENGINE
logo
STMicroelectronics
M7040N STMICROELECTRONICS-M7040N Datasheet
1Mb / 159P
   64K x 72-bit Entry NETWORK PACKET SEARCH ENGINE
logo
Micrel Semiconductor
KSZ9692PB MICREL-KSZ9692PB Datasheet
62Kb / 2P
   Integrated Gigabit-Networking and Communications Controller with IP Security Engine
logo
Honeywell Accelerometer...
19PA217-NT HONEYWELL-ACC-19PA217-NT Datasheet
46Kb / 1P
   PACKET
logo
Freescale Semiconductor...
MPC8321ZQADDC FREESCALE-MPC8321ZQADDC Datasheet
1Mb / 82P
   Single platform architecture supports the convergence of IP packet networks and ATM networks.
logo
Pericom Semiconductor C...
PI7C9X2G404SL PERICOM-PI7C9X2G404SL Datasheet
301Kb / 1P
   Packet Switch
PI7C9X2G606PR PERICOM-PI7C9X2G606PR Datasheet
420Kb / 1P
   Packet Switch
PI7C9X2G312GP PERICOM-PI7C9X2G312GP Datasheet
119Kb / 1P
   Packet Switch
PI7C9X2G304EL PERICOM-PI7C9X2G304EL Datasheet
300Kb / 1P
   Packet Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com