Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM245R Datasheet(PDF) 3 Page - Future Technology Devices International Ltd.

Part # UM245R
Description  USB-Parallel FIFO Development Module Incorporating FTDIChip-ID??Security Dongle
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

UM245R Datasheet(HTML) 3 Page - Future Technology Devices International Ltd.

  UM245R Datasheet HTML 1Page - Future Technology Devices International Ltd. UM245R Datasheet HTML 2Page - Future Technology Devices International Ltd. UM245R Datasheet HTML 3Page - Future Technology Devices International Ltd. UM245R Datasheet HTML 4Page - Future Technology Devices International Ltd. UM245R Datasheet HTML 5Page - Future Technology Devices International Ltd. UM245R Datasheet HTML 6Page - Future Technology Devices International Ltd. UM245R Datasheet HTML 7Page - Future Technology Devices International Ltd. UM245R Datasheet HTML 8Page - Future Technology Devices International Ltd. UM245R Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
UM245R USB-Parallel FIFO Development Module Datasheet Version 1.02
© Future Technology Devices International Ltd. 2005
Page 3
2. FT232RL Features and Enhancements
2.1 Key Features
This section summarises the key features and enhancements of the FT245R IC device which is used in the UM245R
Module. For further details, consult the FT245R datasheet, which is available from the FTDI website.
Integrated Clock Circuit - Previous generations of FTDI’s USB to parallel FIFO interface devices required an external
crystal or ceramic resonator. The clock circuit has now been integrated onto the device meaning that no crystal or
ceramic resonator is required. However, if required, an external 12MHz crystal can be used as the clock source.
Integrated EEPROM - Previous generations of FTDI’s USB to parallel FIFO interface devices required an external
EEPROM if the device were to use USB Vendor ID (VID), Product ID (PID), serial number and product description
strings other than the default values in the device itself. This external EEPROM has now been integrated onto the
FT245R chip meaning that all designs have the option to change the product description strings. A user area of the
internal EEPROM is available for storing additional data. The internal EEPROM is programmable in circuit, over USB
without any additional voltage requirement.
Preprogrammed EEPROM - The FT245R is supplied with its internal EEPROM preprogrammed with a serial number
which is unique to each individual device. This, in most cases, will remove the need to program the device EEPROM.
Integrated USB Resistors - Previous generations of FTDI’s USB to parallel FIFO interface devices required two
external series resistors on the USBDP and USBDM lines, and a 1.5 kΩ pull up resistor on USBDP. These three
resistors have now been integrated onto the device.
Integrated AVCC Filtering - Previous generations of FTDI’s USB to parallel FIFO interface devices had a separate
AVCC pin - the supply to the internal PLL. This pin required an external R-C filter. The separate AVCC pin is now
connected internally to VCC, and the filter has now been integrated onto the chip.
Less External Components - Integration of the crystal, EEPROM, USB resistors, and AVCC filter will substantially
reduce the bill of materials cost for USB interface designs using the FT245R compared to its FT245BM predecessor.
Enhanced Asynchronous Bit Bang Mode with RD# and WR# Strobes - The FT245R supports FTDI’s BM chip bit
bang mode. In bit bang mode, the eight parallel FIFO data bus lines can be switched from the regular interface mode
to an 8-bit general purpose I/O port. Data packets can be sent to the device and they will be sequentially sent to the
interface at a rate controlled by an internal timer (equivalent to the baud rate prescaler). With the FT245R device this
mode has been enhanced so that the internal RD# and WR# strobes are now brought out of the device which can be
used to allow external logic to be clocked by accesses to the bit bang I/O bus. This option will be described more fully
in a separate application note
Synchronous Bit Bang Mode - Synchronous bit bang mode differs from asynchronous bit bang mode in that the
interface pins are only read when the device is written to. Thus making it easier for the controlling program to measure
the response to an output stimulus as the data returned is synchronous to the output data. The feature was previously
seen in FTDI’s FT2232C device. This option will be described more fully in a separate application note.
Lower Supply Voltage - Previous generations of the chip required 5V supply on the VCC pin. The FT245R will work
with a Vcc supply in the range 3.3V - 5V. Bus powered designs would still take their supply from the 5V on the USB
bus, but for self powered designs where only 3.3V is available, and there is no 5V supply, there is no longer any need
for an additional external regulator.
Integrated Level Converter on FIFO Interface and Control Signals - VCCIO pin supply can be from 1.8V to 5V.
Connecting the VCCIO pin to 1.8V, 2.8V, or 3.3V allows the device to directly interface to 1.8V, 2.8V or 3.3V and other
logic families without the need for external level converter I.C.s
5V / 3.3V / 2.8V / 1.8V Logic Interface - The FT245R provides true CMOS Drive Outputs and TTL level Inputs.
Integrated Power-On-Reset (POR) Circuit- The device incorporates an internal POR function. A RESET# pin is
available in order to allow external logic to reset the FT245R where required. However, for many applications the
RESET# pin can be left unconnected, or pulled up to VCCIO.


Similar Part No. - UM245R

ManufacturerPart #DatasheetDescription
logo
Unitpower Technology Li...
UM2427 UNITPOWER-UM2427 Datasheet
739Kb / 4P
   P-Ch 20V Fast Switching MOSFETs
UM2429 UNITPOWER-UM2429 Datasheet
771Kb / 4P
   P-Ch 20V Fast Switching MOSFETs
logo
STMicroelectronics
UM2461 STMICROELECTRONICS-UM2461 Datasheet
763Kb / 24P
   SPC584B-DIS Discovery Board
April 2020
UM2462 STMICROELECTRONICS-UM2462 Datasheet
1Mb / 16P
   SPC584B-DISP Discovery Board
March 2020
More results

Similar Description - UM245R

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT245R FTDI-FT245R Datasheet
728Kb / 25P
   USB FIFO I.C. Incorporating FTDIChip-ID??Security Dongle
FT232R FTDI-FT232R Datasheet
795Kb / 29P
   Incorporating Clock Generator Output and FTDIChip-ID Security Dongle
logo
Freescale Semiconductor...
USB-KW019032 FREESCALE-USB-KW019032 Datasheet
860Kb / 27P
   USB-KW019032 Freescale USB Dongle Development Board
logo
BUDDIES TECHNOLOGY LIMI...
STA-UI-A003D BUDDIES-STA-UI-A003D Datasheet
796Kb / 13P
   USB Dongle Module
logo
List of Unclassifed Man...
USBMOD4 ETC2-USBMOD4 Datasheet
241Kb / 12P
   USB Plug and Play Parallel 8-Bit FIFO Development Module (Second Generation)
DLP-USB1 ETC1-DLP-USB1 Datasheet
63Kb / 6P
   USB to FIFO Parallel Interface Module
logo
Future Technology Devic...
UMFT240XE FTDI-UMFT240XE Datasheet
813Kb / 18P
   UMFT240XE USB to 8-bit 245 FIFO Development Module
FT245BL FTDI-FT245BL Datasheet
538Kb / 24P
   USB FIFO ( USB - Parallel ) I.C.
FT245BQ FTDI-FT245BQ Datasheet
555Kb / 24P
   USB FIFO ( USB - Parallel ) I.C.
FT245BM FTDI-FT245BM Datasheet
550Kb / 24P
   USB FIFO ( USB - Parallel ) I.C.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com