Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT1299IZZ-3.3 Datasheet(PDF) 11 Page - Analog Devices

Part # AAT1299IZZ-3.3
Description  Low Voltage 2MHz Step-Up DC/DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AAT1299IZZ-3.3 Datasheet(HTML) 11 Page - Analog Devices

Back Button AAT1299IZZ-3.3 Datasheet HTML 6Page - Analog Devices AAT1299IZZ-3.3 Datasheet HTML 7Page - Analog Devices AAT1299IZZ-3.3 Datasheet HTML 8Page - Analog Devices AAT1299IZZ-3.3 Datasheet HTML 9Page - Analog Devices AAT1299IZZ-3.3 Datasheet HTML 10Page - Analog Devices AAT1299IZZ-3.3 Datasheet HTML 11Page - Analog Devices AAT1299IZZ-3.3 Datasheet HTML 12Page - Analog Devices AAT1299IZZ-3.3 Datasheet HTML 13Page - Analog Devices AAT1299IZZ-3.3 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Table 1: Suggested Component Selection.
Manufacturer
Value
Part
I
SAT
DCR
Case Size
Part Number
Sumida
2.2µH
Inductor
1.50A
75m
Ω
3.2 x 3.2 x 1.55
CDRH2D14-2R2
www.sumida.com
Cooper Electronics
2.2µH
Inductor
1.62A
69m
Ω
3.1 x 3.1 x 1.85
SD3118-2R2
www.cooperet.com
Manufacturer
Value
Part
Voltage
Case Size
Part Number
Murata
4.7µF
Output or Input Capacitor
10V
0805
GRM21BR61A475KA73L
www.murata.com
Input Capacitor
6.3V
0603
GRM188R60J475KE19D
TDK
4.7µF
Output or Input Capacitor
10V
0805
C2012X5R1A475K
www.tdk.com
Input Capacitor
6.3V
0603
C1608X5ROJ475K
Taiyo Yuden
4.7µF
Output or Input Capacitor
10V
0805
LMK212BJ475MG
www.t-yuden.com
Input Capacitor
6.3V
0603
JMK107BJ475MA
AAT1299
Low Voltage 2MHz Step-Up DC/DC Converter
1299.2007.06.1.0
11


Similar Part No. - AAT1299IZZ-3.3

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT1201 AAT-AAT1201 Datasheet
363Kb / 21P
   250-mA MULTI-INPUT LOW-DROPOUT REGULATOR WITH DUAL-OUTPUT POWER MANAGEMENT
AAT1201-S AAT-AAT1201-S Datasheet
363Kb / 21P
   250-mA MULTI-INPUT LOW-DROPOUT REGULATOR WITH DUAL-OUTPUT POWER MANAGEMENT
AAT1201-S-T AAT-AAT1201-S-T Datasheet
363Kb / 21P
   250-mA MULTI-INPUT LOW-DROPOUT REGULATOR WITH DUAL-OUTPUT POWER MANAGEMENT
AAT1202 AAT-AAT1202 Datasheet
399Kb / 18P
   250-mA MULTI-INPUT LOW-DROPOUT REGULATOR WITH DUAL -OUTPUT POWER MANAGEMENT
AAT1203 AAT-AAT1203 Datasheet
304Kb / 16P
   250-mA MULTI-INPUT LOW-DROPOUT REGULATOR WITH V-AUX SWITCH
More results

Similar Description - AAT1299IZZ-3.3

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
AATIAN41 SIGE-AATIAN41 Datasheet
111Kb / 4P
   Low Voltage 2MHz Step-Up DC/DC Converter
AATIAN44 SIGE-AATIAN44 Datasheet
194Kb / 4P
   Low Voltage 2MHz Step-Up DC/DC Converter
logo
Advanced Analogic Techn...
AAT1265_0606 ANALOGICTECH-AAT1265_0606 Datasheet
390Kb / 13P
   Low Voltage 2MHz Step-Up DC/DC Converter in SC70JW Package
AAT1265 ANALOGICTECH-AAT1265 Datasheet
382Kb / 13P
   Low Voltage 2MHz Step-Up DC/DC Converter in SC70JW Package
AAT1265 ANALOGICTECH-AAT1265_07 Datasheet
339Kb / 13P
   Low Voltage 2MHz Step-Up DC/DC Converter in SC70JW Package
logo
Linear Technology
LTC3528-2 LINER-LTC3528-2_15 Datasheet
401Kb / 18P
   1A, 2MHz Synchronous Step-Up DC/DC Converter
LTC3528B-2 LINER-LTC3528B-2_15 Datasheet
317Kb / 18P
   1A, 2MHz Synchronous Step-Up DC/DC Converter
logo
Semtech Corporation
SC1633 SEMTECH-SC1633 Datasheet
181Kb / 7P
   LOW VOLTAGE STEP-UP DC-DC CONVERTER
logo
List of Unclassifed Man...
AIC1641 ETC-AIC1641 Datasheet
160Kb / 12P
   LOW VOLTAGE STEP-UP DC/DC CONVERTER
logo
Silicon Standard Corp.
SS6640 SSC-SS6640 Datasheet
336Kb / 12P
   Low Voltage Step-Up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com