Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB3800 Datasheet(PDF) 4 Page - Fujitsu Component Limited.

Part # MB3800
Description  Switching Regulator Controller (Low Voltage)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB3800 Datasheet(HTML) 4 Page - Fujitsu Component Limited.

  MB3800 Datasheet HTML 1Page - Fujitsu Component Limited. MB3800 Datasheet HTML 2Page - Fujitsu Component Limited. MB3800 Datasheet HTML 3Page - Fujitsu Component Limited. MB3800 Datasheet HTML 4Page - Fujitsu Component Limited. MB3800 Datasheet HTML 5Page - Fujitsu Component Limited. MB3800 Datasheet HTML 6Page - Fujitsu Component Limited. MB3800 Datasheet HTML 7Page - Fujitsu Component Limited. MB3800 Datasheet HTML 8Page - Fujitsu Component Limited. MB3800 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
MB3800
4
■ ABSOLUTE MAXIMUM RATINGS
*: When mounted on a 10 cm square double-sided epoxy board.
WARNING: Semiconductor devices can be permanently damaged by application of stress (voltage, current,
temperature, etc.) in excess of absolute maximum ratings. Do not exceed these ratings.
■ RECOMMENDED OPERATING CONDITIONS
(Ta = +25
°C)
WARNING: The recommended operating conditions are required in order to ensure the normal operation of the
semiconductor device. All of the device’s electrical characteristics are warranted when the device is
operated within these ranges.
Always use semiconductor devices within their recommended operating condition ranges. Operation
outside these ranges may adversely affect reliability and could result in device failure.
No warranty is made with respect to uses, operating conditions, or combinations not represented on
the data sheet. Users considering application outside the listed conditions are advised to contact their
FUJITSU representatives beforehand.
Parameter
Symbol
Condition
Rating
Unit
Min
Max
Power supply voltage
VCC
—16
V
Output source current
IO+
—–50
mA
Output sink current
IO–
—50
mA
Allowable dissipation
PD
FPT-8P-M01, Ta
≤ +25°C
570*
mW
FPT-8P-M02, Ta
≤ +25°C
430*
mW
SSOP-8, Ta
≤ +25°C
580*
mW
Storage temperature
Tstg
—–55
+125
°C
Parameter
Symbol
Value
Unit
Min
Typ
Max
Power supply voltage
VCC
1.8
15
V
Error amplifier input voltage
VI
–0.2
+1.0
V
BR/CTL pin input voltage
VBR
–0.2
VCC
V
Output source current
IO+
–40
mA
Output sink current
IO–
——
40
mA
SCP pin capacitance
CPE
—0.1
µF
Phase compensation capacitance
CP
—0.1
µF
Output current setting resistance
RB
150
390
5000
Timing resistance
RT
1.0
3.0
10.0
k
Timing capacitance
CT
100
270
10000
pF
Oscillation frequency
fOSC
10
500
1000
kHz
Operating Ambient temperature
Ta
–30
+25
+85
°C


Similar Part No. - MB3800

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3800 FUJITSU-MB3800 Datasheet
151Kb / 18P
   Switching Regulator Controller (Low Voltage)
logo
Cypress Semiconductor
MB3800 CYPRESS-MB3800 Datasheet
578Kb / 21P
   Wide supply voltage operating range: 1.8 V to 15 V
logo
First Components Intern...
MB3800 FCI-MB3800 Datasheet
63Kb / 4P
   Wide supply voltage operating range: 1.8 to 15 V
logo
Fujitsu Component Limit...
MB3800PF FUJITSU-MB3800PF Datasheet
151Kb / 18P
   Switching Regulator Controller (Low Voltage)
MB3800PFV FUJITSU-MB3800PFV Datasheet
151Kb / 18P
   Switching Regulator Controller (Low Voltage)
More results

Similar Description - MB3800

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3800 FUJITSU-MB3800 Datasheet
151Kb / 18P
   Switching Regulator Controller (Low Voltage)
logo
List of Unclassifed Man...
PJ3800 ETC1-PJ3800 Datasheet
333Kb / 8P
   Low Voltage Switching Regulator Controller
logo
Unisonic Technologies
L2800 UTC-L2800_11 Datasheet
252Kb / 7P
   SWITCHING REGULATOR CONTROLLER(LOW VOLTAGE)
L2800 UTC-L2800_13 Datasheet
269Kb / 7P
   SWITCHING REGULATOR CONTROLLER(LOW VOLTAGE)
logo
E-Tech Electronics LTD
L2800 ETL-L2800 Datasheet
269Kb / 7P
   SWITCHING REGULATOR CONTROLLER(LOW VOLTAGE)
logo
Unisonic Technologies
L2800 UTC-L2800 Datasheet
136Kb / 9P
   SWITCHING REGULATOR CONTROLLER(LOW VOLTAGE)
logo
List of Unclassifed Man...
B3800M ETC1-B3800M Datasheet
410Kb / 10P
   Switching Regulator Controller Step Up Low Voltage (BIPOLAR)
logo
Fujitsu Component Limit...
MB3775 FUJITSU-MB3775 Datasheet
485Kb / 25P
   SWITCHING REGULATOR CONTROLLER
logo
Seiko Instruments Inc
S-8533A125FT-TB-X SII-S-8533A125FT-TB-X Datasheet
1Mb / 33P
   SWITCHING REGULATOR CONTROLLER
logo
Agamem Microelectronic ...
AA18380 AGAMEM-AA18380 Datasheet
489Kb / 14P
   Switching Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com