Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB3817 Datasheet(PDF) 11 Page - Fujitsu Component Limited.

Part # MB3817
Description  Switching Regulator Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB3817 Datasheet(HTML) 11 Page - Fujitsu Component Limited.

Back Button MB3817 Datasheet HTML 7Page - Fujitsu Component Limited. MB3817 Datasheet HTML 8Page - Fujitsu Component Limited. MB3817 Datasheet HTML 9Page - Fujitsu Component Limited. MB3817 Datasheet HTML 10Page - Fujitsu Component Limited. MB3817 Datasheet HTML 11Page - Fujitsu Component Limited. MB3817 Datasheet HTML 12Page - Fujitsu Component Limited. MB3817 Datasheet HTML 13Page - Fujitsu Component Limited. MB3817 Datasheet HTML 14Page - Fujitsu Component Limited. MB3817 Datasheet HTML 15Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
MB3817
11
s
s
s
s FUNCTIONAL DESCRIPTION
1.
Switching Regulator Functions
(1) Reference voltage circuit (Ref)
The reference voltage circuit generates a temperature-compensated stable voltage ( := 1.50 V) . This reference
voltage is used as the reference voltage and bias level for the power control unit.
(2) Triangular-wave oscillator circuit
By connecting a timing capacitor and a resistor to the CT (pin1) and the RT (pin2) terminals, it is possible to
generate any desired triangular oscillation waveform.
(3) Error amplifier
The error amp. is an amplifier circuit that detects the output voltage from the switching regulator and produces
the PWM control signal. The broad in-phase input voltage range of 0 V to Vcc
− 0.9 V provides easy setting from
external power supplies and enables use with applications such as DC motor speed control systems.
Also, it is possible to provide stable phase compensation for a system by setting up any desired level of loop
gain, by connecting feedback resistance and a capacitor between the error amp. output terminal (FB terminal
(pin 5) ) and the inverse input terminal (
−IN terminal (pin 4) ) .
(4) PWM comparator (PWM Comp.)
This is a voltage comparator with one inverted input and three non-inverted inputs, and operates as a voltage-
pulse width modulator controlling output duty in relation to input voltage.
The output transistor is turned on during the interval in which the triangular waveform is lower than any of three
voltages : the error amp. output voltage (FB terminal (pin 5) ) , soft start set voltage (CS terminal (pin 13) ) , or
dwell time setting voltage (DTC terminal (pin 6) ) .
(5) Output circuits (OUT)
The output circuit has totem pole type configuration, and can drive an external PNP transistor.
The on current value can be set up to a maximum of 30 mA using the resistance (RE) connected to the VE
terminal (pin 11) .
The off current is set by connecting a bootstrap capacitor CB between the CP1 terminal (pin 7) and CP2 terminal
(pin 8) .
2.
Power Supply Control Functions
The output is switched on and off according to the voltage level at the CTL terminal (pin 15) .
* : Supply current in standby mode is 10
µA or less.
CTL terminal voltage level
Channel on/off status
L (
≤ 0.7 V)
Standby mode*
H (
≥ 2.1 V)
Operating mode


Similar Part No. - MB3817

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3817 FUJITSU-MB3817 Datasheet
240Kb / 29P
   Switching Regulator Controller
MB3817PFV FUJITSU-MB3817PFV Datasheet
240Kb / 29P
   Switching Regulator Controller
More results

Similar Description - MB3817

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3775 FUJITSU-MB3775 Datasheet
485Kb / 25P
   SWITCHING REGULATOR CONTROLLER
logo
Seiko Instruments Inc
S-8533A125FT-TB-X SII-S-8533A125FT-TB-X Datasheet
1Mb / 33P
   SWITCHING REGULATOR CONTROLLER
logo
Agamem Microelectronic ...
AA18380 AGAMEM-AA18380 Datasheet
489Kb / 14P
   Switching Regulator Controller
logo
Fujitsu Component Limit...
MB3776A FUJITSU-MB3776A Datasheet
148Kb / 16P
   Switching Regulator Controller
MB3788 FUJITSU-MB3788 Datasheet
750Kb / 21P
   SWITCHING REGULATOR CONTROLLER
logo
Hitachi Semiconductor
HA17524P HITACHI-HA17524P Datasheet
88Kb / 18P
   Switching Regulator Controller
logo
Fujitsu Component Limit...
MB3769A FUJITSU-MB3769A_06 Datasheet
938Kb / 29P
   SWITCHING REGULATOR CONTROLLER
logo
Seiko Instruments Inc
S-8337AAAA-P8T1G SII-S-8337AAAA-P8T1G Datasheet
2Mb / 51P
   SWITCHING REGULATOR CONTROLLER
S-8351A20MC-J2FT2X SII-S-8351A20MC-J2FT2X Datasheet
2Mb / 51P
   SWITCHING REGULATOR CONTROLLER
S-8520A20MC-AVFT2X SII-S-8520A20MC-AVFT2X Datasheet
2Mb / 44P
   SWITCHING REGULATOR CONTROLLER
logo
Fujitsu Component Limit...
MB3778 FUJITSU-MB3778 Datasheet
276Kb / 29P
   Switching Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com